Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLS205B0EJV50 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # TLS205B0EJV50
Description  Linear Voltage Post Regulator
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLS205B0EJV50 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button TLS205B0EJV50_15 Datasheet HTML 2Page - Infineon Technologies AG TLS205B0EJV50_15 Datasheet HTML 3Page - Infineon Technologies AG TLS205B0EJV50_15 Datasheet HTML 4Page - Infineon Technologies AG TLS205B0EJV50_15 Datasheet HTML 5Page - Infineon Technologies AG TLS205B0EJV50_15 Datasheet HTML 6Page - Infineon Technologies AG TLS205B0EJV50_15 Datasheet HTML 7Page - Infineon Technologies AG TLS205B0EJV50_15 Datasheet HTML 8Page - Infineon Technologies AG TLS205B0EJV50_15 Datasheet HTML 9Page - Infineon Technologies AG TLS205B0EJV50_15 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
Data Sheet
6
Rev. 1.1, 2015-01-15
TLS205B0EJV50
TLS205B0LDV50
General Product Characteristics
4
General Product Characteristics
4.1
Absolute Maximum Ratings
Notes
1. Stresses above the ones listed here may cause permanent damage to the device. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
2. Integrated protection functions are designed to prevent IC destruction under fault conditions described in the
data sheet. Fault conditions are considered as “outside” normal operating range. Protection functions are not
designed for continuous repetitive operation.
Table 1
Absolute Maximum Ratings 1)
T
j = -40 °C to +150 °C; all voltages with respect to ground, positive current flowing into pin (unless otherwise
specified)
1) Not subject to production testing, specified by design.
Parameter
Symbol
Values
Unit
Note /
Test Condition
Number
Min.
Typ.
Max.
Input Voltage
Voltage
V
I
-20
20
V
P_4.1.1
Output Voltage
Voltage
V
Q
-20
20
V
P_4.1.2
Input to Output Differential Voltage
V
I -VQ
-20
20
V
P_4.1.3
Sense Pin
Voltage
V
SENSE
-20
20
V
P_4.1.4
BYP Pin
Voltage
V
BYP
-0.6
0.6
V
P_4.1.5
Enable Pin
Voltage
V
EN
-20
20
V
P_4.1.6
Temperatures
Junction Temperature
T
j
-40
150
°C
P_4.1.7
Storage Temperature
T
stg
-55
150
°C
P_4.1.8
ESD Susceptibility
All Pins
V
ESD
-2
2
kV
HBM 2)
2) ESD susceptibility, HBM according to ANSI/ESDA/JEDEC JS001 (1.5 kΩ, 100 pF)
P_4.1.9
All Pins
V
ESD
-1
1
kV
CDM 3)
3) ESD susceptibility, Charged Device Model “CDM” according JEDEC JESD22-C101
P_4.1.10


Similar Part No. - TLS205B0EJV50_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLS205B0EJV INFINEON-TLS205B0EJV Datasheet
2Mb / 31P
   Linear Voltage Post Regulator
Rev. 1.2, 2015-01-15
TLS205B0EJV INFINEON-TLS205B0EJV Datasheet
2Mb / 31P
   Linear Voltage Post Regulator
Rev. 1.2, 2015-01-15
TLS205B0EJV33 INFINEON-TLS205B0EJV33 Datasheet
2Mb / 31P
   Linear Voltage Post Regulator
Rev. 1.2, 2015-01-15
TLS205B0EJV33 INFINEON-TLS205B0EJV33 Datasheet
2Mb / 31P
   Linear Voltage Post Regulator
Rev. 1.2, 2015-01-15
More results

Similar Description - TLS205B0EJV50_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLS205B0 INFINEON-TLS205B0 Datasheet
2Mb / 31P
   Linear Voltage Post Regulator
Rev. 1.2, 2015-01-15
TLS208D1 INFINEON-TLS208D1_15 Datasheet
1Mb / 29P
   Linear Voltage Post Regulator
Rev. 1.0, 2015-02-26
TLS208D1 INFINEON-TLS208D1 Datasheet
1Mb / 29P
   Linear Voltage Post Regulator
Rev. 1.0, 2015-02-26
TLS205B0 INFINEON-TLS205B0_15 Datasheet
2Mb / 31P
   Linear Voltage Post Regulator
Rev. 1.2, 2015-01-15
TLS203B0 INFINEON-TLS203B0 Datasheet
2Mb / 31P
   Linear Voltage Post Regulator
Rev. 1.2, 2015-01-12
TLS203B0 INFINEON-TLS203B0_15 Datasheet
2Mb / 31P
   Linear Voltage Post Regulator
Rev. 1.2, 2015-01-12
TLS202B1MBV33 INFINEON-TLS202B1MBV33 Datasheet
892Kb / 18P
   Fixed Linear Voltage Post Regulator
Rev. 1.0, 2015-06-23
TLS202B1V50 INFINEON-TLS202B1V50 Datasheet
563Kb / 19P
   Fixed Linear Voltage Post Regulator
Rev. 1.0 2017-05-31
TLS202A1 INFINEON-TLS202A1 Datasheet
922Kb / 18P
   Adjustable Linear Voltage Post Regulator
Rev. 1.0, 2015-06-22
TLS202A1MBV INFINEON-TLS202A1MBV Datasheet
928Kb / 18P
   Adjustable Linear Voltage Post Regulator
Rev. 1.0, 2015-06-22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com