Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLF80511EJ Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # TLF80511EJ
Description  Low Dropout Linear Fixed Voltage Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLF80511EJ Datasheet(HTML) 3 Page - Infineon Technologies AG

  TLF80511EJ Datasheet HTML 1Page - Infineon Technologies AG TLF80511EJ Datasheet HTML 2Page - Infineon Technologies AG TLF80511EJ Datasheet HTML 3Page - Infineon Technologies AG TLF80511EJ Datasheet HTML 4Page - Infineon Technologies AG TLF80511EJ Datasheet HTML 5Page - Infineon Technologies AG TLF80511EJ Datasheet HTML 6Page - Infineon Technologies AG TLF80511EJ Datasheet HTML 7Page - Infineon Technologies AG TLF80511EJ Datasheet HTML 8Page - Infineon Technologies AG TLF80511EJ Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Type
Package
Marking
TLF80511EJV50
PG-DSO8-EP
80511V5
TLF80511EJV33
PG-DSO8-EP
80511V3
PG-DSO8-EP
Data Sheet
3
Rev. 1.0, 2014-11-17
Low Dropout Linear Fixed Voltage Regulator
TLF80511EJ
1Overview
Features
Output Voltage 5 V and 3.3 V
Output Voltage Precision ±2 %
Output Current up to 400 mA
Ultra Low Current Consumption 38 µA
Very Low Dropout Voltage: 100 mV at 100 mA Output Current
Extended Operating Range Starting at 3.3 V
Small Output Capacitor 1 µF
Output Current Limitation
Overtemperature Shutdown
Suitable for Use in Automotive Electronics
Wide Temperature Range from -40 °C up to 150 °C
Green Product (RoHS compliant)
AEC Qualified
Description
The TLF80511EJ is a linear low dropout voltage regulator for load currents up to 400 mA. An input voltage of up
to 40 V is regulated to
V
Q,nom = 5 V (TLF80511EJV50) or VQ,nom = 3.3 V (TLF80511EJV33) with ±2 % precision.
The TLF80511EJ with a typical quiescent current of 38 µA, is the ideal solution for systems requiring very low
operating currents, such as those permanently connected to a battery.
It features a very low dropout voltage of 100 mV, when the output current is less than 100 mA. In addition, the
dropout region begins at input voltages of 3.3 V (extended operating range). This makes the TLF80511EJ suitable
to supply automotive systems.
In addition, the TLF80511’s new fast regulation concept requires only a single, 1 µF output capacitor to maintain
stable regulation.
The device is designed for the harsh environment of automotive applications. Therefore standard features like
output current limitation and overtemperature shutdown are implemented and protect the device against failures
like output short circuit to GND, over-current and over-temperatures. The TLF80511EJ can be also used in all
other applications requiring a stabilized 5 V or 3.3 V supply voltage.


Similar Part No. - TLF80511EJ

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLF80511 INFINEON-TLF80511 Datasheet
1Mb / 15P
   Low Dropout Linear Fixed Voltage Regulator
Rev. 1.01, 2016-06-21
TLF80511TC INFINEON-TLF80511TC Datasheet
1Mb / 15P
   Low Dropout Linear Fixed Voltage Regulator
Rev. 1.01, 2016-06-21
TLF80511TF INFINEON-TLF80511TF Datasheet
1Mb / 20P
   Low Dropout Linear Fixed Voltage Regulator
Rev. 1.0, 2014-01-28
TLF80511TFV33 INFINEON-TLF80511TFV33 Datasheet
1Mb / 20P
   Low Dropout Linear Fixed Voltage Regulator
Rev. 1.0, 2014-01-28
TLF80511TFV50 INFINEON-TLF80511TFV50 Datasheet
1Mb / 20P
   Low Dropout Linear Fixed Voltage Regulator
Rev. 1.0, 2014-01-28
More results

Similar Description - TLF80511EJ

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE42754 INFINEON-TLE42754 Datasheet
406Kb / 24P
   Low Dropout Linear Fixed Voltage Regulator
Rev. 1.0, May 2008
logo
Solid States Devices, I...
SVR005 SSDI-SVR005_15 Datasheet
74Kb / 2P
   FIXED LOW DROPOUT LINEAR VOLTAGE REGULATOR
logo
Infineon Technologies A...
TLE42754 INFINEON-TLE42754_08 Datasheet
503Kb / 26P
   Low Dropout Linear Fixed Voltage Regulator
Rev. 1.1, September 2008
TLF80511TF INFINEON-TLF80511TF Datasheet
1Mb / 20P
   Low Dropout Linear Fixed Voltage Regulator
Rev. 1.0, 2014-01-28
logo
Solid States Devices, I...
SVR005 SSDI-SVR005 Datasheet
74Kb / 2P
   FIXED LOW DROPOUT LINEAR VOLTAGE REGULATOR
logo
Infineon Technologies A...
TLF80511 INFINEON-TLF80511 Datasheet
1Mb / 15P
   Low Dropout Linear Fixed Voltage Regulator
Rev. 1.01, 2016-06-21
TLF80511TC INFINEON-TLF80511TC Datasheet
1Mb / 15P
   Low Dropout Linear Fixed Voltage Regulator
Rev. 1.01, 2016-06-21
logo
Anpec Electronics Corop...
APL5601 ANPEC-APL5601 Datasheet
331Kb / 18P
   Low Dropout 600mA Fixed Voltage Linear Regulator
APL5603 ANPEC-APL5603 Datasheet
371Kb / 19P
   Low Dropout 600mA Fixed Voltage Linear Regulator
logo
Leshan Radio Company
LR1117A LRC-LR1117A_15 Datasheet
148Kb / 9P
   Fixed Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com