Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CBT3244A Datasheet(PDF) 1 Page - NXP Semiconductors

Part # CBT3244A
Description  Octal bus switch with quad output enables
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

CBT3244A Datasheet(HTML) 1 Page - NXP Semiconductors

  CBT3244A_15 Datasheet HTML 1Page - NXP Semiconductors CBT3244A_15 Datasheet HTML 2Page - NXP Semiconductors CBT3244A_15 Datasheet HTML 3Page - NXP Semiconductors CBT3244A_15 Datasheet HTML 4Page - NXP Semiconductors CBT3244A_15 Datasheet HTML 5Page - NXP Semiconductors CBT3244A_15 Datasheet HTML 6Page - NXP Semiconductors CBT3244A_15 Datasheet HTML 7Page - NXP Semiconductors CBT3244A_15 Datasheet HTML 8Page - NXP Semiconductors CBT3244A_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1.
General description
The CBT3244A provides eight bits of high-speed TTL-compatible bus switching in a
standard '244 device pinout. The low ON-state resistance of the switch allows connections
to be made with minimal propagation delay.
The CBT3244A device is organized as two 4-bit low-impedance switches with separate
output-enable (OE) inputs. When OE is LOW, the switch is on and data can flow from
port A to port B, or vice versa. When OE is HIGH, the switch is open and high-impedance
state exists between the two ports.
The CBT3244A is characterized for operation from
−40 °Cto+85 °C.
2.
Features
s Standard '244-type pinout
s 5
Ω switch connection between two ports
s TTL compatible control input levels
s Package options include:
x plastic small outline (SO20)
x shrink small outline (SSOP20)
x shrink small outline, QSOP (SSOP20)
x thin shrink small outline (TSSOP20)
x depopulated heatsink very thin quad flat package, no leads (DHVQFN20)
s Latch-up protection exceeds 500 mA per JESD78
s ESD protection exceeds 2000 V HBM per JESD22-A114, 200 V MM per
JESD22-A115 and 1000 V CDM per JESD22-C101
CBT3244A
Octal bus switch with quad output enables
Rev. 02 — 15 September 2005
Product data sheet


Similar Part No. - CBT3244A_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
CBT3244ABQ NEXPERIA-CBT3244ABQ Datasheet
223Kb / 16P
   Octal bus switch with quad output enables
Rev. 3 - 8 September 2017
logo
NXP Semiconductors
CBT3244AD PHILIPS-CBT3244AD Datasheet
120Kb / 10P
   Octal bus switch with quad output enables
2004 May 26
logo
Nexperia B.V. All right...
CBT3244AD NEXPERIA-CBT3244AD Datasheet
223Kb / 16P
   Octal bus switch with quad output enables
Rev. 3 - 8 September 2017
logo
NXP Semiconductors
CBT3244ADB PHILIPS-CBT3244ADB Datasheet
120Kb / 10P
   Octal bus switch with quad output enables
2004 May 26
logo
Nexperia B.V. All right...
CBT3244ADB NEXPERIA-CBT3244ADB Datasheet
223Kb / 16P
   Octal bus switch with quad output enables
Rev. 3 - 8 September 2017
More results

Similar Description - CBT3244A_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CBT3244 PHILIPS-CBT3244 Datasheet
83Kb / 10P
   Octal bus switch with Quad Output Enables
1998 Dec 08
CBT3244A PHILIPS-CBT3244A Datasheet
120Kb / 10P
   Octal bus switch with quad output enables
2004 May 26
logo
Nexperia B.V. All right...
CBT3244A NEXPERIA-CBT3244A Datasheet
223Kb / 16P
   Octal bus switch with quad output enables
Rev. 3 - 8 September 2017
logo
NXP Semiconductors
PCA9549 PHILIPS-PCA9549 Datasheet
136Kb / 24P
   Octal bus switch with individually I2C-bus controlled enables
Rev. 01-11 July 2006
PCA9549 NXP-PCA9549 Datasheet
147Kb / 25P
   Octal bus switch with individually I2C-bus controlled enables
Rev. 02-13 July 2009
logo
Vaishali Semiconductor
VS3125 VAISH-VS3125 Datasheet
60Kb / 6P
   Quad Bus Switch with Individual Active Low Enables
logo
NXP Semiconductors
CBT3245 PHILIPS-CBT3245 Datasheet
81Kb / 10P
   Octal bus switch with output enable
1998 Dec 08
logo
Vaishali Semiconductor
VS3V125 VAISH-VS3V125 Datasheet
62Kb / 6P
   3.3V Quad Bus Switch with Individual Active Low Enables
logo
Nexperia B.V. All right...
74CBTLV3384 NEXPERIA-74CBTLV3384 Datasheet
857Kb / 19P
   10-bit bus switch with 5-bit output enables
CBT16210 NEXPERIA-CBT16210 Datasheet
197Kb / 9P
   20-bit bus switch with 10-bit output enables
2000 Oct 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com