Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PXAC243502FV Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # PXAC243502FV
Description  High Power RF LDMOS Field Effect Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PXAC243502FV Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button PXAC243502FV Datasheet HTML 2Page - Infineon Technologies AG PXAC243502FV Datasheet HTML 3Page - Infineon Technologies AG PXAC243502FV Datasheet HTML 4Page - Infineon Technologies AG PXAC243502FV Datasheet HTML 5Page - Infineon Technologies AG PXAC243502FV Datasheet HTML 6Page - Infineon Technologies AG PXAC243502FV Datasheet HTML 7Page - Infineon Technologies AG PXAC243502FV Datasheet HTML 8Page - Infineon Technologies AG PXAC243502FV Datasheet HTML 9Page - Infineon Technologies AG PXAC243502FV Datasheet HTML 10Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Data Sheet
7 of 10
Rev. 03.1, 2015-04-13
PXAC243502FV
RO4350, 20 MIL
(61)
PXAC243502FV_IN_01
RO4350, 20 MIL
(61)
PXAC243502FV_OUT_01
RF_IN
RF_OUT
VGG
p x f c 2 4 3 5 0 2 f v _ C D _ 1 - 1 5 - 1 5
VDD
C210
C211
C209
C208
C203
VDD
C202
C201
C207
C206 C213
C212
C205
C204
C107
R103
C103
C101
R101
C105
R102
C102
S1
C106
C104
VGG
Component Information
Component
Description
Manufacturer
Part Number
Input
C101, C102, C103, C104
Capacitor, 15 pF
ATC
ATC600F150JT250XT
C105, C107
Capacitor, 10 µF
Taiyo Yuden
UMK325C7106MM-T
C106
Capacitor, 0.5 pF
ATC
ATC600F0R5BT250XT
R101, R103
Chip resistor, 10 ohms
Panasonic Electronic Components
ERJ-3GEYJ100V
R102
Chip resistor, 50 ohms
Anaren
C16A50Z4
S1
Hybrid coupler
Anaren
X3C25P1-02S
(table cont. next page)
Reference circuit assembly diagram (not to scale)
Reference Circuit (cont.)


Similar Part No. - PXAC243502FV

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
PXAC243502FV CREE-PXAC243502FV Datasheet
543Kb / 10P
   High Power RF LDMOS Field Effect Transistor 350 W, 28 V, 2300 ??2400 MHz
logo
Infineon Technologies A...
PXAC243502FVV1R0 INFINEON-PXAC243502FVV1R0 Datasheet
1Mb / 10P
   High Power RF LDMOS Field Effect Transistor 350 W, 28 V, 2300 ??2400 MHz
Rev. 03.2, 2016-06-22
PXAC243502FVV1R0XTMA1 INFINEON-PXAC243502FVV1R0XTMA1 Datasheet
1Mb / 10P
   High Power RF LDMOS Field Effect Transistor 350 W, 28 V, 2300 ??2400 MHz
Rev. 03.2, 2016-06-22
PXAC243502FVV1R250 INFINEON-PXAC243502FVV1R250 Datasheet
1Mb / 10P
   High Power RF LDMOS Field Effect Transistor 350 W, 28 V, 2300 ??2400 MHz
Rev. 03.2, 2016-06-22
PXAC243502FVV1R250XTMA1 INFINEON-PXAC243502FVV1R250XTMA1 Datasheet
1Mb / 10P
   High Power RF LDMOS Field Effect Transistor 350 W, 28 V, 2300 ??2400 MHz
Rev. 03.2, 2016-06-22
More results

Similar Description - PXAC243502FV

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFB201402FC INFINEON-PTFB201402FC Datasheet
841Kb / 14P
   High Power RF LDMOS Field Effect Transistor
Rev. 03.1, 2016-06-14
PTFC270101M INFINEON-PTFC270101M_15 Datasheet
409Kb / 21P
   High Power RF LDMOS Field Effect Transistor
Rev. 04, 2015-04-01
PTFB183408SV INFINEON-PTFB183408SV Datasheet
248Kb / 15P
   High Power RF LDMOS Field Effect Transistor
Rev. 03, 2014-03-07
PTF080101 INFINEON-PTF080101 Datasheet
64Kb / 4P
   LDMOS RF POWER FIELD EFFECT TRANSISTOR 10W, 860-960MHZ
2004-03-08
logo
Renesas Technology Corp
NEM090303M-28 RENESAS-NEM090303M-28 Datasheet
295Kb / 12P
   LDMOS FIELD EFFECT TRANSISTOR
2003
NEM090853P-28 RENESAS-NEM090853P-28 Datasheet
283Kb / 10P
   LDMOS FIELD EFFECT TRANSISTOR
2004
NEM091803S-28 RENESAS-NEM091803S-28 Datasheet
271Kb / 9P
   LDMOS FIELD EFFECT TRANSISTOR
2004
NEM090603M-28 RENESAS-NEM090603M-28 Datasheet
302Kb / 11P
   LDMOS FIELD EFFECT TRANSISTOR
2006
NEM091203P-28 RENESAS-NEM091203P-28 Datasheet
310Kb / 13P
   LDMOS FIELD EFFECT TRANSISTOR
2005
NEM091603P-28 RENESAS-NEM091603P-28 Datasheet
306Kb / 11P
   LDMOS FIELD EFFECT TRANSISTOR
2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com