Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPLU300N04S4-1R1 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # IPLU300N04S4-1R1
Description  N-channel - Enhancement mode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPLU300N04S4-1R1 Datasheet(HTML) 4 Page - Infineon Technologies AG

  IPLU300N04S4-1R1 Datasheet HTML 1Page - Infineon Technologies AG IPLU300N04S4-1R1 Datasheet HTML 2Page - Infineon Technologies AG IPLU300N04S4-1R1 Datasheet HTML 3Page - Infineon Technologies AG IPLU300N04S4-1R1 Datasheet HTML 4Page - Infineon Technologies AG IPLU300N04S4-1R1 Datasheet HTML 5Page - Infineon Technologies AG IPLU300N04S4-1R1 Datasheet HTML 6Page - Infineon Technologies AG IPLU300N04S4-1R1 Datasheet HTML 7Page - Infineon Technologies AG IPLU300N04S4-1R1 Datasheet HTML 8Page - Infineon Technologies AG IPLU300N04S4-1R1 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
IPLU300N04S4-1R1
1 Power dissipation
2 Drain current
P tot = f(T C); V GS = 10 V
I D = f(T C); V GS =10 V
3 Safe operating area
4 Max. transient thermal impedance
I D = f(V DS); T C = 25 °C; D = 0
Z thJC = f(t p)
parameter: t p
parameter: D =t p/T
1 µs
10 µs
100 µs
1 ms
1
10
100
1000
10000
0.1
1
10
100
V
DS [V]
single pulse
0.01
0.05
0.1
0.5
10-6
10-5
10-4
10-3
10-2
10-1
100
10-3
10-2
10-1
100
t
p [s]
0
100
200
300
400
0
50
100
150
200
T
C [°C]
0
50
100
150
200
250
300
350
0
50
100
150
200
T
C [°C]
Rev. 1.0
page 4
2014-11-21


Similar Part No. - IPLU300N04S4-1R1

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPLU300N04S4-R7 INFINEON-IPLU300N04S4-R7 Datasheet
439Kb / 9P
   OptiMOS-T2 Power-Transistor
Rev. 1.0 2013-11-12
IPLU300N04S4-R8 INFINEON-IPLU300N04S4-R8 Datasheet
289Kb / 9P
   N-channel - Enhancement mode
Rev. 1.0 2014-08-12
IPLU300N04S4-R8 INFINEON-IPLU300N04S4-R8 Datasheet
267Kb / 9P
   OptiMOS™-T2 Power-Transistor
2015-10-06
IPLU300N04S4-R8 INFINEON-IPLU300N04S4-R8_V01 Datasheet
267Kb / 9P
   OptiMOS™-T2 Power-Transistor
2015-10-06
More results

Similar Description - IPLU300N04S4-1R1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P2503NVG ETC1-P2503NVG Datasheet
594Kb / 8P
   N P-Channel Enhancement Mode Enhancement Mode
logo
IXYS Corporation
IXTQ110N10P IXYS-IXTQ110N10P Datasheet
578Kb / 5P
   N-Channel Enhancement Mode
logo
Advanced Power Electron...
AP2604Y A-POWER-AP2604Y Datasheet
78Kb / 4P
   N-CHANNEL ENHANCEMENT MODE
AP9980H A-POWER-AP9980H Datasheet
79Kb / 4P
   N-CHANNEL ENHANCEMENT MODE
logo
Transys Electronics
IRF830 TRSYS-IRF830 Datasheet
282Kb / 3P
   N-CHANNEL ENHANCEMENT MODE
logo
Advanced Power Electron...
AP15N03P A-POWER-AP15N03P Datasheet
84Kb / 6P
   N-CHANNEL ENHANCEMENT MODE
logo
STMicroelectronics
STL4N10F7 STMICROELECTRONICS-STL4N10F7 Datasheet
897Kb / 14P
   N-channel enhancement mode
March 2014 Rev 4
STL20DN10F7 STMICROELECTRONICS-STL20DN10F7 Datasheet
900Kb / 14P
   N-channel enhancement mode
April 2014 Rev 3
logo
TY Semiconductor Co., L...
BSH105 TYSEMI-BSH105 Datasheet
40Kb / 2P
   N-channel enhancement mode
logo
Unisonic Technologies
UTD408 UTC-UTD408 Datasheet
201Kb / 5P
   N-CHANNEL ENHANCEMENT MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com