Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

93C86-P Datasheet(PDF) 3 Page - Microchip Technology

Part # 93C86-P
Description  8K/16K 5.0V Microwire Serial EEPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93C86-P Datasheet(HTML) 3 Page - Microchip Technology

  93C86-P Datasheet HTML 1Page - Microchip Technology 93C86-P Datasheet HTML 2Page - Microchip Technology 93C86-P Datasheet HTML 3Page - Microchip Technology 93C86-P Datasheet HTML 4Page - Microchip Technology 93C86-P Datasheet HTML 5Page - Microchip Technology 93C86-P Datasheet HTML 6Page - Microchip Technology 93C86-P Datasheet HTML 7Page - Microchip Technology 93C86-P Datasheet HTML 8Page - Microchip Technology 93C86-P Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
© 1996 Microchip Technology Inc.
Preliminary
DS21132C-page 3
93C76/86
TABLE 1-3:
AC CHARACTERISTICS
TABLE 1-4:
INSTRUCTION SET FOR 93C76: ORG=1 (X16 ORGANIZATION)
TABLE 1-5:
INSTRUCTION SET FOR 93C76: ORG=0 (X8 ORGANIZATION)
Applicable over recommended operating ranges shown below unless otherwise noted:
VCC = +4.5V to +5.5V
Commercial (C):
Tamb = 0
°C to -40°C
Industrial (I):
Tamb = -40
°C to +85°C
Automotive (E):
Tamb = -40
°C to +125°C
Parameter
Symbol
Min.
Max.
Units
Conditions
Clock frequency
FCLK
2
MHz
Vcc
≥ 4.5V
Clock high time
TCKH
300
ns
Clock low time
TCKL
200
ns
Chip select setup time
TCSS
50
ns
Relative to CLK
Chip select hold time
TCSH
0—
ns
Chip select low time
TCSL
250
ns
Relative to CLK
Data input setup time
TDIS
100
ns
Relative to CLK
Data input hold time
TDIH
100
ns
Relative to CLK
Data output delay time
TPD
400
ns
CL = 100 pF
Data output disable time
TCZ
100
ns
(Note 1)
Status valid time
TSV
500
ns
CL = 100 pF
Program cycle time
TWC
—10
ms
ERASE/WRITE mode (Note 2)
TEC
15
ms
ERAL mode
TWL
30
ms
WRAL mode
Endurance
10M
cycles
25
°C, VCC = 5.0V, Block Mode
(Note 3)
Note 1: This parameter is periodically sampled and not 100% tested.
2: Typical program cycle is 4 ms per word.
3: This parameter is not tested but guaranteed by characterization. For endurance estimates in a specific appli-
cation, please consult the Total Endurance Model which can be obtained on our BBS or website.
Instruction
SB
Opcode
Address
Data In
Data Out
Req. CLK Cycles
READ
1
10
X A8 A7 A6 A5 A4 A3 A2 A1 A0
D15 - D0
29
EWEN
1
00
1 1 X X X X X X X X
High-Z
13
ERASE
1
11
X A8 A7 A6 A5 A4 A3 A2 A1 A0
(RDY/BSY)
13
ERAL
1
00
1 0 X X X X X X X X
(RDY/BSY)
13
WRITE
1
01
X A8 A7 A6 A5 A4 A3 A2 A1 A0
D15 - D0
(RDY/BSY)
29
WRAL
1
00
0 1 X X X X X X X X
D15 - D0
(RDY/BSY)
29
EWDS
1
00
0 0 X X X X X X X X
High-Z
13
Instruction
SB
Opcode
Address
Data In
Data Out
Req. CLK
Cycles
READ
1
10
X A9 A8 A7 A6 A5 A4 A3 A2 A1 A0
D7 - D0
22
EWEN
1
00
1 1 X X X X X X X X X
High-Z
14
ERASE
1
11
X A9 A8 A7 A6 A5 A4 A3 A2 A1 A0
(RDY/BSY)
14
ERAL
1
00
1 0 X X X X X X X X X
(RDY/BSY)
14
WRITE
1
01
X A9 A8 A7 A6 A5 A4 A3 A2 A1 A0
D7 - D0
(RDY/BSY)
22
WRAL
1
00
0 1 X X X X X X X X X
D7 - D0
(RDY/BSY)
22
EWDS
1
00
0 0 X X X X X X X X X
High-Z
14


Similar Part No. - 93C86-P

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
93C86-/P MICROCHIP-93C86-/P Datasheet
268Kb / 20P
   8K/16K 5.0V Microwire Serial EEPROM
2004
93C86-/SN MICROCHIP-93C86-/SN Datasheet
268Kb / 20P
   8K/16K 5.0V Microwire Serial EEPROM
2004
93C86-E/P MICROCHIP-93C86-E/P Datasheet
268Kb / 20P
   8K/16K 5.0V Microwire Serial EEPROM
2004
93C86-E/SN MICROCHIP-93C86-E/SN Datasheet
268Kb / 20P
   8K/16K 5.0V Microwire Serial EEPROM
2004
93C86-I/P MICROCHIP-93C86-I/P Datasheet
268Kb / 20P
   8K/16K 5.0V Microwire Serial EEPROM
2004
More results

Similar Description - 93C86-P

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
93C76 MICROCHIP-93C76_04 Datasheet
268Kb / 20P
   8K/16K 5.0V Microwire Serial EEPROM
2004
93C76 MICROCHIP-93C76_13 Datasheet
214Kb / 20P
   8K/16K 5.0V Microwire Serial EEPROM
10/26/12
93LC86-I MICROCHIP-93LC86-I Datasheet
224Kb / 22P
   8K/16K 2.5V Microwire Serial EEPROM
01/05/10
950211BFLF MICROCHIP-950211BFLF Datasheet
224Kb / 22P
   8K/16K 2.5V Microwire Serial EEPROM
01/05/10
93LC76 MICROCHIP-93LC76 Datasheet
86Kb / 12P
   8K/16K 2.5V Microwire Serial EEPROM
1996
93AA76 MICROCHIP-93AA76_04 Datasheet
306Kb / 22P
   8K/16K 1.8V Microwire Serial EEPROM
2004
93AA76 MICROCHIP-93AA76 Datasheet
86Kb / 12P
   8K/16K 1.8V Microwire Serial EEPROM
1996
93LC86P MICROCHIP-93LC86P Datasheet
224Kb / 22P
   8K/16K 2.5V Microwire Serial EEPROM
01/05/10
93LC76 MICROCHIP-93LC76_04 Datasheet
328Kb / 22P
   8K/16K 2.5V Microwire Serial EEPROM
2004
93LC86 MICROCHIP-93LC86 Datasheet
240Kb / 22P
   8K/16K 2.5V Microwire Serial EEPROM
05/28/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com