Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PHC21025 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PHC21025
Description  Complementary intermediate level FET
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PHC21025 Datasheet(HTML) 2 Page - NXP Semiconductors

  PHC21025_15 Datasheet HTML 1Page - NXP Semiconductors PHC21025_15 Datasheet HTML 2Page - NXP Semiconductors PHC21025_15 Datasheet HTML 3Page - NXP Semiconductors PHC21025_15 Datasheet HTML 4Page - NXP Semiconductors PHC21025_15 Datasheet HTML 5Page - NXP Semiconductors PHC21025_15 Datasheet HTML 6Page - NXP Semiconductors PHC21025_15 Datasheet HTML 7Page - NXP Semiconductors PHC21025_15 Datasheet HTML 8Page - NXP Semiconductors PHC21025_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
PHC21025
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 04 — 17 March 2011
2 of 16
NXP Semiconductors
PHC21025
Complementary intermediate level FET
[1]
Maximum permissible dissipation per MOS transistor. Device mounted on printed-circuit board with a
thermal resistance from ambient to solder point of 90 K/W.
2.
Pinning information
3.
Ordering information
Dynamic characteristics
QGD
gate-drain charge
VGS =-10 V; ID =-2.3A;
VDS =-15 V; Tj =25°C;
P-channel; see Figure 12
-3
-nC
VGS =10V; ID =2.3 A;
VDS =15V; Tj =25°C;
N-channel; see Figure 11
-2.5
-nC
Table 1.
Quick reference data …continued
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 2.
Pinning information
Pin
Symbol
Description
Simplified outline
Graphic symbol
1S1
source1
SOT96-1 (SO8)
2
G1
gate1
3S2
source2
4
G2
gate2
5D2
drain2
6D2
drain2
7D1
drain1
8D1
drain1
4
5
1
8
sym114
D1
D1
D2
D2
S1
G1
S2
G2
Table 3.
Ordering information
Type number
Package
Name
Description
Version
PHC21025
SO8
plastic small outline package; 8 leads; body width 3.9 mm
SOT96-1


Similar Part No. - PHC21025_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHC21025 PHILIPS-PHC21025 Datasheet
161Kb / 16P
   Complementary enhancement mode MOS transistors
1997 Jun 20
logo
VBsemi Electronics Co.,...
PHC21025 VBSEMI-PHC21025 Datasheet
1Mb / 14P
   N- and P-Channel 30 V (D-S) MOSFET
logo
Nexperia B.V. All right...
PHC21025 NEXPERIA-PHC21025 Datasheet
826Kb / 16P
   Complementary intermediate level FET
Rev. 04 - 17 March 2011
More results

Similar Description - PHC21025_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PHC21025 NEXPERIA-PHC21025 Datasheet
826Kb / 16P
   Complementary intermediate level FET
Rev. 04 - 17 March 2011
logo
NXP Semiconductors
BUK6213-30A PHILIPS-BUK6213-30A Datasheet
285Kb / 13P
   TrenchMOS Intermediate level FET
Rev. 02-22 September 2003
BUK6213-30A PHILIPS-BUK6213-30A_15 Datasheet
304Kb / 10P
   N-channel TrenchMOS intermediate level FET
Rev. 03-2 February 2011
BUK6210-55C PHILIPS-BUK6210-55C_15 Datasheet
383Kb / 14P
   N-channel TrenchMOS intermediate level FET
Rev. 2-4 October 2010
BUK6207-55C PHILIPS-BUK6207-55C_15 Datasheet
171Kb / 14P
   N-channel TrenchMOS intermediate level FET
Rev. 2-17 September 2010
BUK661R6-30C PHILIPS-BUK661R6-30C_15 Datasheet
196Kb / 15P
   N-channel TrenchMOS intermediate level FET
Rev. 01-6 September 2010
BUK6C2R1-55C PHILIPS-BUK6C2R1-55C Datasheet
191Kb / 13P
   N-channel TrenchMOS intermediate level FET
Rev. 3-18 January 2012
logo
Nexperia B.V. All right...
BUK653R4-40C NEXPERIA-BUK653R4-40C Datasheet
307Kb / 15P
   N-channel TrenchMOS intermediate level FET
BUK664R6-40C NEXPERIA-BUK664R6-40C Datasheet
933Kb / 14P
   N-channel TrenchMOS intermediate level FET
BUK624R5-30C NEXPERIA-BUK624R5-30C Datasheet
934Kb / 14P
   N-channel TrenchMOS intermediate level FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com