Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IFX54441EJV50 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # IFX54441EJV50
Description  Wide Input Range Low Noise 300mA 5V LDO
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IFX54441EJV50 Datasheet(HTML) 2 Page - Infineon Technologies AG

  IFX54441EJV50 Datasheet HTML 1Page - Infineon Technologies AG IFX54441EJV50 Datasheet HTML 2Page - Infineon Technologies AG IFX54441EJV50 Datasheet HTML 3Page - Infineon Technologies AG IFX54441EJV50 Datasheet HTML 4Page - Infineon Technologies AG IFX54441EJV50 Datasheet HTML 5Page - Infineon Technologies AG IFX54441EJV50 Datasheet HTML 6Page - Infineon Technologies AG IFX54441EJV50 Datasheet HTML 7Page - Infineon Technologies AG IFX54441EJV50 Datasheet HTML 8Page - Infineon Technologies AG IFX54441EJV50 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
Type
Package
Marking
IFX54441EJV50
PG-DSO-8 Exposed Pad
54441E50
IFX54441LDV50
PG-TSON-10
544L50
PG-DSO-8 Exposed Pad
PG-TSON-10
Data Sheet
2
Rev. 1.1, 2014-10-30
Wide Input Range Low Noise 300mA 5V LDO
IFX54441EJV50
IFX54441LDV50
1Overview
Features
Low Noise down to 42 µ
V
RMS (BW = 10 Hz to 100 kHz)
300mA Current Capability
Low Quiescent Current: 30 µA
Wide Input Voltage Range up to 20 V
Internal circuitry working down to 1.8 V
2.5% Output Voltage Accuracy (over full temperature and load range)
Low Dropout Voltage: 290 mV
Very low Shutdown Current: < 1 µA
No Protection Diodes Needed
Fixed Output Voltage: 5.0 V
Stable with ≥ 3.3 µF Output Capacitor
Stable with Aluminium, Tantalum or Ceramic Capacitor
Reverse Battery Protection
No Reverse Current
Overcurrent and Overtemperature Protected
PG-DSO-8 Exposed Pad and TSON-10 exposed pad Packages
Green Product (RoHS compliant)
Applications
Microcontroller Supply
Battery-Powered Systems
Noise Sensitive Instruments
Radar Applications
Image Sensors
The IFX54441 V50 is not qualified and manufactured according to the requirements of Infineon Technologies with
regards to automotive and/or transportation applications. For automotive applications please refer to the Infineon
TLx (TLE, TLS, TLF.....) voltage regulator products.


Similar Part No. - IFX54441EJV50

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IFX54441EJV INFINEON-IFX54441EJV Datasheet
2Mb / 31P
   Wide Input Range Low Noise 300mA LDO
Rev. 1.1, 2014-10-30
IFX54441EJV33 INFINEON-IFX54441EJV33 Datasheet
2Mb / 31P
   Wide Input Range Low Noise 300mA LDO
Rev. 1.1, 2014-10-30
More results

Similar Description - IFX54441EJV50

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IFX54441 INFINEON-IFX54441_15 Datasheet
2Mb / 31P
   Wide Input Range Low Noise 300mA LDO
Rev. 1.1, 2014-10-30
IFX54441EJV INFINEON-IFX54441EJV Datasheet
2Mb / 31P
   Wide Input Range Low Noise 300mA LDO
Rev. 1.1, 2014-10-30
IFX1763XEJV50 INFINEON-IFX1763XEJV50_15 Datasheet
2Mb / 25P
   Wide Input Range Low Noise 500mA 5V LDO
Rev. 1.11, 2015-01-30
IFX1763 INFINEON-IFX1763_15 Datasheet
2Mb / 31P
   Wide Input Range Low Noise 500mA LDO
Rev. 1.1, 2014-10-30
FX1763XEJV INFINEON-FX1763XEJV Datasheet
2Mb / 31P
   Wide Input Range Low Noise 500mA LDO
Rev. 1.1, 2014-10-30
logo
Mitsumi Electronics, Co...
MM1899 MITSUMI-MM1899 Datasheet
383Kb / 18P
   Low noise 300mA LDO
logo
Power IC Ltd.
PL2211 PICSEMI-PL2211 Datasheet
365Kb / 9P
   300mA Low Noise Dual LDO
logo
RICOH electronics devic...
RP150K001 RICOH-RP150K001_17 Datasheet
320Kb / 26P
   LOW NOISE Dual 300mA LDO
logo
Taiwan Semiconductor Co...
TS9007 TSC-TS9007_07 Datasheet
313Kb / 8P
   300mA Low Noise CMOS LDO
logo
Unisonic Technologies
LR9101 UTC-LR9101_17 Datasheet
216Kb / 5P
   LOW NOISE 300mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com