Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

93AA66-P Datasheet(PDF) 6 Page - Microchip Technology

Part # 93AA66-P
Description  1K/2K/4K 1.8V Microwire Serial EEPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93AA66-P Datasheet(HTML) 6 Page - Microchip Technology

Back Button 93AA66-P Datasheet HTML 2Page - Microchip Technology 93AA66-P Datasheet HTML 3Page - Microchip Technology 93AA66-P Datasheet HTML 4Page - Microchip Technology 93AA66-P Datasheet HTML 5Page - Microchip Technology 93AA66-P Datasheet HTML 6Page - Microchip Technology 93AA66-P Datasheet HTML 7Page - Microchip Technology 93AA66-P Datasheet HTML 8Page - Microchip Technology 93AA66-P Datasheet HTML 9Page - Microchip Technology 93AA66-P Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
93AA46/56/66
DS20067G-page 6
© 1996 Microchip Technology Inc.
FIGURE 2-3:
EWEN TIMING
FIGURE 2-4:
EWDS TIMING
FIGURE 2-5:
WRITE TIMING
CLK
CS
TCSL
0
0
1
DI
1
1
• • •
XX
CLK
CS
TCSL
0
0
1
DI
0
0
• • •
XX
CLK
CS
TCSL
0
1
DI
• • •
BUSY
D0
•A
1
A0
• • •
Dx
READY
TWC
DO
TRI-STATE
n


Similar Part No. - 93AA66-P

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
93AA66 MICROCHIP-93AA66 Datasheet
345Kb / 22P
   1K/2K/4K 1.8V Microwire Serial EEPROM
10/26/12
93AA66 MICROCHIP-93AA66 Datasheet
345Kb / 22P
   1K/2K/4K 1.8V Microwire Serial EEPROM
10/26/12
93AA66/P MICROCHIP-93AA66/P Datasheet
357Kb / 22P
   1K/2K/4K 1.8V Microwire Serial EEPROM
2004
93AA66/SM MICROCHIP-93AA66/SM Datasheet
357Kb / 22P
   1K/2K/4K 1.8V Microwire Serial EEPROM
2004
93AA66/SN MICROCHIP-93AA66/SN Datasheet
357Kb / 22P
   1K/2K/4K 1.8V Microwire Serial EEPROM
2004
More results

Similar Description - 93AA66-P

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
93AA46-ISN MICROCHIP-93AA46-ISN Datasheet
345Kb / 22P
   1K/2K/4K 1.8V Microwire Serial EEPROM
10/26/12
93AA46 MICROCHIP-93AA46_04 Datasheet
357Kb / 22P
   1K/2K/4K 1.8V Microwire Serial EEPROM
2004
93AA46 MICROCHIP-93AA46_13 Datasheet
345Kb / 22P
   1K/2K/4K 1.8V Microwire Serial EEPROM
10/26/12
93LC66 MICROCHIP-93LC66 Datasheet
246Kb / 20P
   1K/2K/4K 2.5V Microwire Serial EEPROM
07/12/04
93LC46 MICROCHIP-93LC46 Datasheet
246Kb / 20P
   1K/2K/4K 2.5V Microwire Serial EEPROM
07/12/04
93LC46 MICROCHIP-93LC46_13 Datasheet
321Kb / 20P
   1K/2K/4K 2.5V Microwire Serial EEPROM
10/26/12
93LC56 MICROCHIP-93LC56 Datasheet
321Kb / 20P
   1K/2K/4K 2.5V Microwire Serial EEPROM
2004
93LC46 MICROCHIP-93LC46_04 Datasheet
328Kb / 20P
   1K/2K/4K 2.5V Microwire Serial EEPROM
2004
93LC46SN MICROCHIP-93LC46SN Datasheet
321Kb / 20P
   1K/2K/4K 2.5V Microwire Serial EEPROM
10/26/12
93LC46 MICROCHIP-93LC46 Datasheet
222Kb / 12P
   1K/2K/4K 2.0V Microwire Serial EEPROM
2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com