Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IFX30081SJV Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # IFX30081SJV
Description  50mA, Adjustable Linear Voltage Regulator with Ultra Low Quiescent Current
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IFX30081SJV Datasheet(HTML) 5 Page - Infineon Technologies AG

  IFX30081SJV_15 Datasheet HTML 1Page - Infineon Technologies AG IFX30081SJV_15 Datasheet HTML 2Page - Infineon Technologies AG IFX30081SJV_15 Datasheet HTML 3Page - Infineon Technologies AG IFX30081SJV_15 Datasheet HTML 4Page - Infineon Technologies AG IFX30081SJV_15 Datasheet HTML 5Page - Infineon Technologies AG IFX30081SJV_15 Datasheet HTML 6Page - Infineon Technologies AG IFX30081SJV_15 Datasheet HTML 7Page - Infineon Technologies AG IFX30081SJV_15 Datasheet HTML 8Page - Infineon Technologies AG IFX30081SJV_15 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
IFX30081SJV
Pin Configuration
Data Sheet
5
Rev. 1.0, 2015-02-04
3
Pin Configuration
3.1
Pin Assignment in PG-DSO-8 Package
Figure 2
Pin Configuration IFX30081SJV in PG-DSO-8 package
3.2
Pin Definitions and Functions in PG-DSO-8 Package
Pin
Symbol
Function
1IN
Input
It is recommended to place a small ceramic capacitor (e.g. 100 nF), to GND, close
to the IC terminals, in order to compensate line influences.
2N.C.
Not Connected
3EN
Enable
Integrated pull-down resistor
Enable the IC with high level input signal.
Disable the IC with low level input signal.
4GND
Ground
5N.C.
Not Connected
6N.C.
Not Connected
7ADJ
Voltage Adjustment
Connect an external voltage divider to determine the output voltage.
8OUT
Output
Connect an output capacitor
C
OUT to GND close to the IC’s terminals, respecting the
values specified for its capacitance and ESR in Table 2 “Functional Range” on
Page 7.
IN
EN
N.C.
OUT
ADJ
N.C.
N.C.
GND
1
3
2
8
7
6
45


Similar Part No. - IFX30081SJV_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IFX30081LDV33 INFINEON-IFX30081LDV33 Datasheet
1Mb / 26P
   Ultra Low Quiescent Current of typ. 5.5
Rev.1.0, 2015-09-14
More results

Similar Description - IFX30081SJV_15

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC8841 E-CMOS-EC8841 Datasheet
952Kb / 12P
   50mA Ultra-Low Quiescent Current LDO Linear Regulator
logo
Renesas Technology Corp
ISL80136 RENESAS-ISL80136 Datasheet
697Kb / 10P
   40V, Low Quiescent Current, 50mA Linear Regulator
logo
Intersil Corporation
ISL80136IBEAJZ INTERSIL-ISL80136IBEAJZ Datasheet
500Kb / 10P
   40V, Low Quiescent Current, 50mA Linear Regulator
August 11, 2015
ISL80136 INTERSIL-ISL80136 Datasheet
374Kb / 9P
   40V, Low Quiescent Current, 50mA Linear Regulator
logo
Altera Corporation
EV1340QI-E ALTERA-EV1340QI-E Datasheet
805Kb / 10P
   40V, Low Quiescent Current, 50mA Linear Regulator
logo
Infineon Technologies A...
TLS805B1SJV INFINEON-TLS805B1SJV_15 Datasheet
1Mb / 22P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2015-02-05
TLS810C1EJV33 INFINEON-TLS810C1EJV33_15 Datasheet
2Mb / 26P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2015-02-11
TLS805D1LDV50 INFINEON-TLS805D1LDV50 Datasheet
1Mb / 29P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2016-03-18
TLS805B1LDV INFINEON-TLS805B1LDV Datasheet
1Mb / 26P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.2, 2016-01-11
TLS805B1LDV50 INFINEON-TLS805B1LDV50 Datasheet
770Kb / 24P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.10, 2016-04-20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com