Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RX30 Datasheet(PDF) 2 Page - RUBYCON CORPORATION

Part # RX30
Description  MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

RX30 Datasheet(HTML) 2 Page - RUBYCON CORPORATION

  RX30 Datasheet HTML 1Page - RUBYCON CORPORATION RX30 Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
◆STANDARD SIZE
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
RX30
Rated
Voltage
(Vdc)
Capacitance
(μF)
Size
φD×L(mm)
Rated ripple current
(mA r.m.s./130℃, 100kHz)
20℃, 100kHz
Impedance
(Ω MAX)
10
16
25
35
50
63
100
Rated
Voltage
(Vdc)
Capacitance
(μF)
Size
φD×L(mm)
Rated ripple current
(mA r.m.s./130℃, 100kHz)
200
400
22
15
4.7
5.6
6.8
10
4.7
5.6
6.8
33
2.2
2.7
3.3
1.5
1.8
1
330
470
1000
2200
3300
4700
330
470
1000
2200
3300
4700
220
330
470
1000
2200
3300
100
220
330
470
1000
2200
3300
4.7
10
22
33
47
100
220
330
470
1000
2200
33
47
100
220
330
470
1000
1500
4.7
10
22
33
47
100
220
330
470
8×11.5
10×12.5
10×20
12.5×25
16×25
16×31.5
8×11.5
10×12.5
10×20
12.5×25
16×31.5
16×35.5
8×11.5
10×12.5
10×16
12.5×20
16×31.5
16×35.5
8×11.5
10×12.5
10×16
10×20
12.5×25
16×35.5
18×35.5
8×11.5
8×11.5
8×11.5
8×11.5
8×11.5
10×12.5
10×20
12.5×20
12.5×25
16×31.5
18×40
8×11.5
10×12.5
10×16
12.5×20
12.5×25
16×25
16×31.5
18×40
8×11.5
8×11.5
8×11.5
10×12.5
10×16
12.5×20
16×25
16×31.5
18×31.5
360
620
960
1430
1900
2300
360
620
960
1430
2300
2550
360
620
800
1100
2300
2550
360
620
800
960
1430
2550
2800
100
200
260
300
300
520
890
1000
1200
2180
2800
250
400
450
820
1000
1500
1850
2350
100
200
220
260
330
670
1100
1300
1600
0.22
0.15
0.073
0.040
0.038
0.034
0.22
0.15
0.073
0.040
0.034
0.031
0.22
0.15
0.10
0.055
0.034
0.031
0.22
0.15
0.10
0.073
0.040
0.031
0.028
0.85
0.60
0.35
0.28
0.28
0.18
0.082
0.065
0.051
0.037
0.029
0.40
0.27
0.20
0.10
0.072
0.069
0.056
0.043
1.3
1.0
0.67
0.45
0.33
0.17
0.13
0.10
0.092
6.3×11
8×11.5
8×11.5
8×16
8×11.5
8×16
8×16
8×20
8×16
8×20
8×20
10×16
10×20
6.3×11
8×11.5
8×11.5
8×16
8×11.5
8×16
8×11.5
8×16
8×20
8×16
8×20
8×16
8×20
8×20
10×16
10×16
10×20
10×20
100
120
130
180
130
180
200
240
200
240
300
240
320
60
65
75
80
75
85
75
90
110
95
115
100
120
120
125
130
145
150


Similar Part No. - RX30

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
RX30 RUBYCON-RX30 Datasheet
58Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
RX30 RUBYCON-RX30 Datasheet
262Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
Fujitsu Component Limit...
RX300 FUJITSU-RX300 Datasheet
203Kb / 10P
   Fujitsu PRIMERGY RX300 S6 Dual socket 2 U rack server
logo
Richco, Inc.
RX3030-0 RICHCO-RX3030-0 Datasheet
70Kb / 1P
   CABLE & FIBER MANAGEMENT
RX3030-4 RICHCO-RX3030-4 Datasheet
70Kb / 1P
   CABLE & FIBER MANAGEMENT
More results

Similar Description - RX30

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com