Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IFX1763XEJV50 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # IFX1763XEJV50
Description  Wide Input Range Low Noise 500mA 5V LDO
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IFX1763XEJV50 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button IFX1763XEJV50_15 Datasheet HTML 5Page - Infineon Technologies AG IFX1763XEJV50_15 Datasheet HTML 6Page - Infineon Technologies AG IFX1763XEJV50_15 Datasheet HTML 7Page - Infineon Technologies AG IFX1763XEJV50_15 Datasheet HTML 8Page - Infineon Technologies AG IFX1763XEJV50_15 Datasheet HTML 9Page - Infineon Technologies AG IFX1763XEJV50_15 Datasheet HTML 10Page - Infineon Technologies AG IFX1763XEJV50_15 Datasheet HTML 11Page - Infineon Technologies AG IFX1763XEJV50_15 Datasheet HTML 12Page - Infineon Technologies AG IFX1763XEJV50_15 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
IFX1763XEJV50
IFX1763LDV50
Electrical Characteristics
Data Sheet
9
Rev. 1.11, 2015-01-30
5
Electrical Characteristics
5.1
Electrical Characteristics Table
Table 4
Electrical Characteristics
-40 °C <
T
j < 125 °C; all voltages with respect to ground; positive current defined flowing out of pin; unless
otherwise specified.
Parameter
Symbol
Values
Unit
Note / Test Condition
Number
Min.
Typ.
Max.
Minimum Operating Voltage1)
Minimum Operating Voltage
V
IN,min
–1.8
2.3
V
I
OUT = 500 mA
P_5.1.1
Output Voltage2)
Output Voltage
V
OUT
4.875
5.00
5.125
V
1 mA <
I
OUT < 500 mA;
6V<
V
IN <20V
P_5.1.2
Line Regulation
Line Regulation
V
OUT
–1
25
mV
V
IN = 5.5 V to 20 V;
I
OUT =1mA
P_5.1.3
Load Regulation
Load Regulation
V
OUT
–16
32
mV
T
J =25°C; VIN=6.0 V;
I
OUT =1 to 500mA
P_5.1.4
Load Regulation
V
OUT
––
57
mV
V
IN =6.0V;
I
OUT =1 to 500mA
P_5.1.5
Dropout Voltage3)
Dropout Voltage
V
DR
110
140
mV
I
OUT =10mA;
V
IN = VOUT,nom; TJ =25°C
P_5.1.6
Dropout Voltage
V
DR
190
mV
I
OUT =10mA;
V
IN = VOUT,nom
P_5.1.7
Dropout Voltage
V
DR
170
200
mV
I
OUT =50mA;
V
IN = VOUT,nom; TJ =25°C
P_5.1.8
Dropout Voltage
V
DR
250
mV
I
OUT =50mA;
V
IN = VOUT,nom
P_5.1.9
Dropout Voltage
V
DR
200
230
mV
I
OUT =100 mA;
V
IN = VOUT,nom; TJ =25°C
P_5.1.10
Dropout Voltage
V
DR
300
mV
I
OUT =100 mA;
V
IN = VOUT,nom
P_5.1.11
Dropout Voltage
V
DR
350
380
mV
I
OUT =500 mA;
V
IN = VOUT,nom; TJ =25°C
P_5.1.12
Dropout Voltage
V
DR
480
mV
I
OUT =500 mA;
V
IN = VOUT,nom
P_5.1.13
GND Pin Current4)
GND Pin Current
I
GND
–30
60
µA
V
IN = VOUT,nom;
I
OUT =0 mA
P_5.1.14
GND Pin Current
I
GND
50
100
µA
V
IN = VOUT,nom;
I
OUT =1 mA
P_5.1.15


Similar Part No. - IFX1763XEJV50_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IFX1763XEJV50 INFINEON-IFX1763XEJV50 Datasheet
2Mb / 20P
   Single-channel isolated gate driver IC with adjustable DESAT and soft-off
v1.0 2020-05-27
More results

Similar Description - IFX1763XEJV50_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IFX1763 INFINEON-IFX1763_15 Datasheet
2Mb / 31P
   Wide Input Range Low Noise 500mA LDO
Rev. 1.1, 2014-10-30
FX1763XEJV INFINEON-FX1763XEJV Datasheet
2Mb / 31P
   Wide Input Range Low Noise 500mA LDO
Rev. 1.1, 2014-10-30
IFX54441EJV50 INFINEON-IFX54441EJV50_15 Datasheet
2Mb / 25P
   Wide Input Range Low Noise 300mA 5V LDO
Rev. 1.1, 2014-10-30
IFX54441 INFINEON-IFX54441_15 Datasheet
2Mb / 31P
   Wide Input Range Low Noise 300mA LDO
Rev. 1.1, 2014-10-30
IFX54441EJV INFINEON-IFX54441EJV Datasheet
2Mb / 31P
   Wide Input Range Low Noise 300mA LDO
Rev. 1.1, 2014-10-30
logo
Renesas Technology Corp
RAA214250 RENESAS-RAA214250 Datasheet
1Mb / 36P
   500mA 20V Wide Input Voltage Range LDO Linear Regulator
Oct 14, 2021
logo
BCD Semiconductor Manuf...
AP2213 BCDSEMI-AP2213_09 Datasheet
754Kb / 22P
   500mA LOW NOISE LDO REGULATOR
AP2213 BCDSEMI-AP2213 Datasheet
292Kb / 21P
   500mA LOW NOISE LDO REGULATOR
logo
Micrel Semiconductor
MIC5209YM-TR MICREL-MIC5209YM-TR Datasheet
1Mb / 13P
   500mA Low-Noise LDO Regulator
MIC5209 MICREL-MIC5209 Datasheet
91Kb / 13P
   500mA Low-Noise LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com