Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

93AA86-P Datasheet(PDF) 7 Page - Microchip Technology

Part # 93AA86-P
Description  8K/16K 1.8V Microwire Serial EEPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93AA86-P Datasheet(HTML) 7 Page - Microchip Technology

Back Button 93AA86-P Datasheet HTML 3Page - Microchip Technology 93AA86-P Datasheet HTML 4Page - Microchip Technology 93AA86-P Datasheet HTML 5Page - Microchip Technology 93AA86-P Datasheet HTML 6Page - Microchip Technology 93AA86-P Datasheet HTML 7Page - Microchip Technology 93AA86-P Datasheet HTML 8Page - Microchip Technology 93AA86-P Datasheet HTML 9Page - Microchip Technology 93AA86-P Datasheet HTML 10Page - Microchip Technology 93AA86-P Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
© 1996 Microchip Technology Inc.
Preliminary
DS21130C-page 7
93AA76/86
FIGURE 3-1:
SYNCHRONOUS DATA TIMING
FIGURE 3-2:
READ
FIGURE 3-3:
EWEN
FIGURE 3-4:
EWDS
The memory automatically cycles to the next register.
VIH
VIL
VIH
VIL
VIH
VOH
VOL
VOH
VOL
VIL
TSV
TDIS
TPD
TDIH
TCSS
TCKH
TCKL
TPD
TCSH
TCZ
TCZ
CS
CLK
DI
DO
DO
(Program)
(Read)
STATUS VALID
11
0
AN
A0
DN
DN
D0
D0
...
...
...
HIGH IMPEDANCE
TCSL
CS
CLK
DI
DO
0
CS
CLK
DI
11
1
00
TCSL
XX
...
ORG=VCC, 8 X’s
ORG=VSS, 9 X’s
10
0
0
0
X
X
...
CS
CLK
DI
TCSL
ORG=VCC, 8 X’s
ORG=VSS, 9 X’S


Similar Part No. - 93AA86-P

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
93AA86 MICROCHIP-93AA86 Datasheet
372Kb / 22P
   8K/16K 1.8V Microwire Serial EEPROM
10/26/12
93AA86A MICROCHIP-93AA86A Datasheet
494Kb / 28P
   16K Microwire Compatible Serial EEPROM
2005
93AA86A MICROCHIP-93AA86A Datasheet
776Kb / 38P
   16K Microwire Compatible Serial EEPROM
11/29/11
93AA86A MICROCHIP-93AA86A Datasheet
431Kb / 26P
   16K Microwire Compatible Serial EEPROM
01/26/04
93AA86A-E/CH MICROCHIP-93AA86A-E/CH Datasheet
738Kb / 38P
   1K-16K Microwire Compatible Serial EEPROMs
2007
More results

Similar Description - 93AA86-P

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
93AA76 MICROCHIP-93AA76_04 Datasheet
306Kb / 22P
   8K/16K 1.8V Microwire Serial EEPROM
2004
java.util.regex.PatternSyntaxException: Unmatched closing ')' near index 5 93AA76)13 ^

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com