Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

24LC640-ESN Datasheet(PDF) 11 Page - Microchip Technology

Part # 24LC640-ESN
Description  64K SPI Bus Serial EEPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC640-ESN Datasheet(HTML) 11 Page - Microchip Technology

Back Button 24LC640-ESN Datasheet HTML 4Page - Microchip Technology 24LC640-ESN Datasheet HTML 5Page - Microchip Technology 24LC640-ESN Datasheet HTML 6Page - Microchip Technology 24LC640-ESN Datasheet HTML 7Page - Microchip Technology 24LC640-ESN Datasheet HTML 8Page - Microchip Technology 24LC640-ESN Datasheet HTML 9Page - Microchip Technology 24LC640-ESN Datasheet HTML 10Page - Microchip Technology 24LC640-ESN Datasheet HTML 11Page - Microchip Technology 24LC640-ESN Datasheet HTML 12Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
25AA640/25LC640/25C640
© 1997 Microchip Technology Inc.
Preliminary
DS21223A-page 11
25AA640/25LC640/25C640 PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office.
Sales and Support
Package:
P = Plastic DIP (300 mil Body), 8-lead
SN = Plastic SOIC (150 mil Body), 8-lead
ST = TSSOP, 8-lead
Temperature
Range:
Blank = 0
°C to +70°C
I = –40
°C to +85°C
E = –40
°C to +125°C
Devices:
25AA640
64K bit 1.8V SPI Serial EEPROM
25AA640T
64K bit 1.8V SPI Serial EEPROM Tape and Reel
25AA640X
64K bit 1.8V SPI Serial EEPROM
in alternate pinout (ST only)
25AA640XT
64K bit 1.8V SPI Serial EEPROM
in alternate pinout Tape and Reel (ST only)
25LC640
64K bit 2.5V SPI Serial EEPROM
25LC640T
64K bit 2.5V SPI Serial EEPROM Tape and Reel
25LC640X
64K bit 2.5V SPI Serial EEPROM
in alternate pinout (ST only)
25LC640XT
64K bit 2.5V SPI Serial EEPROM
in alternate pinout Tape and Reel (ST only)
25C640
64K bit 5.0V SPI Serial EEPROM
25C640T
64K bit 5.0V SPI Serial EEPROM Tape and Reel
25C640X
64K bit 5.0V SPI Serial EEPROM
in alternate pinout (ST only)
25C640XT
64K bit 5.0V SPI Serial EEPROM
in alternate pinout Tape and Reel (ST only)
25xx640
/P
Data Sheets
Products supported by a preliminary Data Sheet may have an errata sheet describing minor operational differences and recom-
mended workarounds. To determine if an errata sheet exists for a particular device, please contact one of the following:
1.
Your local Microchip sales office.
2.
The Microchip Corporate Literature Center U.S. FAX: (602) 786-7277.
3.
The Microchip’s Bulletin Board, via your local CompuServe number (CompuServe membership NOT required).


Similar Part No. - 24LC640-ESN

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24LC64 MICROCHIP-24LC64 Datasheet
215Kb / 12P
   64K I 2 C ??CMOS Serial EEPROM
2007
24LC64 MICROCHIP-24LC64 Datasheet
572Kb / 24P
   64K I2C??Serial EEPROM
2002
24LC64 MICROCHIP-24LC64 Datasheet
433Kb / 28P
   64K I2C??Serial EEPROM
2007
24LC64 MICROCHIP-24LC64 Datasheet
746Kb / 36P
   64K I2C??Serial EEPROM
2009
24LC64 MICROCHIP-24LC64 Datasheet
885Kb / 40P
   64K I2C??Serial EEPROM
2010
More results

Similar Description - 24LC640-ESN

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
25LC640-ISN MICROCHIP-25LC640-ISN Datasheet
383Kb / 24P
   64K SPI Bus Serial EEPROM
2008
25AA640A MICROCHIP-25AA640A Datasheet
532Kb / 30P
   64K SPI Bus Serial EEPROM
2008
25AA640A MICROCHIP-25AA640A_12 Datasheet
1,018Kb / 36P
   64K SPI Bus Serial EEPROM
11/29/12
25AA640 MICROCHIP-25AA640_08 Datasheet
383Kb / 24P
   64K SPI Bus Serial EEPROM
2008
25AA640 MICROCHIP-25AA640_04 Datasheet
341Kb / 24P
   64K SPI Bus Serial EEPROM
2004
25LC640A MICROCHIP-25LC640A Datasheet
335Kb / 24P
   64K SPI Bus Serial EEPROM Extended (M) Operating Temperatures
2009
logo
Fairchild Semiconductor
NM25C640 FAIRCHILD-NM25C640 Datasheet
93Kb / 10P
   64K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus)
logo
Catalyst Semiconductor
CAT25C64 CATALYST-CAT25C64_06 Datasheet
413Kb / 16P
   64K-Bit SPI Serial CMOS EEPROM
logo
Sanyo Semicon Device
LE25LB643 SANYO-LE25LB643_10 Datasheet
255Kb / 14P
   Serial SPI EEPROM (SPI Bus) (64Kbit)
LE25LB1282TT SANYO-LE25LB1282TT Datasheet
256Kb / 14P
   Serial SPI EEPROM (SPI Bus)(128Kbit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com