Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKY13741 Datasheet(PDF) 1 Page - Skyworks Solutions Inc.

Part # SKY13741
Description  Integrated SAW filter and discrete LNA gain stage
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY13741 Datasheet(HTML) 1 Page - Skyworks Solutions Inc.

  SKY13741 Datasheet HTML 1Page - Skyworks Solutions Inc. SKY13741 Datasheet HTML 2Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
203469A • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • February 17, 2015
1
PRODUCT SUMMARY
SKY13741: RX Diversity FEM with Gain
(B3, B39, B1, B40, B41, and B7)
Applications
 Antenna cable loss compensation circuit for LTE data antenna
 3G/4G multimode cellular tablets and handsets (LTE, UMTS,
CDMA2000, EDGE, and GSM)
 Embedded data cards
Features
 RX diversity FEM with six selectable filters and LNA paths, one
Aux path and optional bypass mode
 Low insertion loss thru path
 Integrated SAW filter and discrete LNA gain stage
 SAW filters:
 B3 (1805 to 1880 MHz)
 B39 (1880 to 1920 MHz)
 B1 (2110 to 2170 MHz)
 B40 (2300 to 2400 MHz)
 B41 (2545 to 2655 MHz)
 B7 (2620 to 2690 MHz)
 Integrated MIPI interface
 Small (4  3  0.7 mm) 24-lead MCM package (MSL3, 260 °C
per JEDEC J-STD-020)
Skyworks GreenTM products are compliant with
all applicable legislation and are halogen-free.
For additional information, refer to
Skyworks
Definition of GreenTM, document number
SQ04–0074.
RF_IN
RF_OUT
MIPI
RFFE
VDD
VIO
SDATA
SCLK
AUX_OUT
B39
B40
B41
B7
B1
B3
LNA
AUX_IN
Y1706
Figure 1. SKY13741 Block Diagram
Description
The SKY13741 is an LNA diversity module to be used in a cellular
mobile device. It supports cellular diversity receiver and
localization service receiver functions.
It is compatible with 3GPP GSM, WCDMA, LTE and LTE standards
and supports the following service bands: B3, B39, B1, B40, B41,
and B7 for the cellular part.
The SKY13741 is packaged in a small 4
 3  0.7 mm, 24-lead
surface-mount package. No external DC blocking capacitors are
required on the RF paths as long as no DC voltage is applied. The
part can operate over the temperature range of –30°C to +85 °C.
A functional block diagram is shown in Figure 1.


Similar Part No. - SKY13741

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY13740 SKYWORKS-SKY13740 Datasheet
197Kb / 2P
   Low insertion loss thru path
SKY13744-11 SKYWORKS-SKY13744-11 Datasheet
199Kb / 2P
   RX Diversity FEM with Carrier Aggregation
SKY13744 SKYWORKS-SKY13744_11 Datasheet
199Kb / 2P
   Integrated SAW filter and discrete LNA gain stage
SKY13745-21 SKYWORKS-SKY13745-21 Datasheet
199Kb / 2P
   RX Diversity FEM with Carrier Aggregation
SKY13746-21 SKYWORKS-SKY13746-21 Datasheet
200Kb / 2P
   RX Diversity FEM with Carrier Aggregation
More results

Similar Description - SKY13741

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY13744 SKYWORKS-SKY13744_11 Datasheet
199Kb / 2P
   Integrated SAW filter and discrete LNA gain stage
logo
M/A-COM Technology Solu...
XR1020-QH MA-COM-XR1020-QH Datasheet
795Kb / 7P
   Integrated LNA, Mixer and LO Buffer Amplifier
XR1015-QH MA-COM-XR1015-QH_16 Datasheet
1Mb / 10P
   Integrated LNA, Mixer and LO Buffer Amplifier
logo
NXP Semiconductors
SA5200 PHILIPS-SA5200 Datasheet
375Kb / 14P
   RF dual gain-stage
1997 Nov 07
logo
M/A-COM Technology Solu...
MAAL-009120 MA-COM-MAAL-009120 Datasheet
364Kb / 10P
   Miniature Broadband Gain Stage
XR1011-QH MA-COM-XR1011-QH_16 Datasheet
871Kb / 8P
   Integrated LNA, Mixer and LO Buffer Amplifier
MAAL-010200 MA-COM-MAAL-010200 Datasheet
328Kb / 9P
   Miniature Broadband Gain Stage
logo
TriQuint Semiconductor
TAT7472A1F TRIQUINT-TAT7472A1F Datasheet
747Kb / 8P
   Edge QAM Gain Stage
logo
M/A-COM Technology Solu...
MAAL-009120 MA-COM-MAAL-009120 Datasheet
364Kb / 10P
   Miniature Broadband Gain Stage
MAAL-010200 MA-COM-MAAL-010200 Datasheet
328Kb / 9P
   Miniature Broadband Gain Stage
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com