Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SE2438T Datasheet(PDF) 4 Page - Skyworks Solutions Inc.

Part # SE2438T
Description  Smart Energy Front-End Module
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE2438T Datasheet(HTML) 4 Page - Skyworks Solutions Inc.

  SE2438T Datasheet HTML 1Page - Skyworks Solutions Inc. SE2438T Datasheet HTML 2Page - Skyworks Solutions Inc. SE2438T Datasheet HTML 3Page - Skyworks Solutions Inc. SE2438T Datasheet HTML 4Page - Skyworks Solutions Inc. SE2438T Datasheet HTML 5Page - Skyworks Solutions Inc. SE2438T Datasheet HTML 6Page - Skyworks Solutions Inc. SE2438T Datasheet HTML 7Page - Skyworks Solutions Inc. SE2438T Datasheet HTML 8Page - Skyworks Solutions Inc. SE2438T Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
DATA SHEET • SE2438T: 2.4 GHz SMART ENERGY/ZIGBEE FRONT-END MODULE
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
4
April 24, 2015 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • 202414H
Table 4. SE2438T Electrical Specifications: DC (Note 1)
(VCC = VCC1 = VCC2 = 3 V, TA = +25
C, Measured on the Evaluation Board [De-embedded to the Device], Unless Otherwise Noted)
Parameter
Symbol
Test Condition
Min
Typical
Max
Units
Total supply current
ICC_ TX14
Tx mode POUT = +14 dBm
33
mA
Total supply current
ICC_ TX12
Tx mode POUT = +12 dBm
25
mA
Total supply current
ICC_ TX10
Tx mode POUT = +10 dBm
20
mA
Quiescent current
ICQ_ TX
No RF
6
mA
Total supply current
ICC_ RXHG
Rx Low Noise Amplifier (LNA) High Gain mode
5.5
mA
Total supply current
ICC_ RXLG
Rx LNA Low Gain mode
2.7
mA
Total supply current
ICC_ RxBypass
Rx Bypass mode
10
μA
Sleep supply current
ICC_ OFF
No RF
0.05
1.0
μA
Note 1: Performance is guaranteed only under the conditions listed in this table.
Table 5. SE2438T Electrical Specifications: Logic Characteristics (Note 1)
(VCC = VCC1 = VCC2 = 3.0 V, TA = +25
C, Measured on the Evaluation Board [De-embedded to the Device],
Unless Otherwise Noted)
Parameter
Symbol
Test Condition
Min
Typical
Max
Units
Logic input high voltage
VBIHB
1.6
3.6
V
Logic input low voltage
VBILB
0
0.3
V
Logic input high current
IBIHB
1
μA
Logic input low current
IBILB
1
μA
Note 1: Performance is guaranteed only under the conditions listed in this table.


Similar Part No. - SE2438T

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SE2438T-R SKYWORKS-SE2438T-R Datasheet
1Mb / 17P
   The Right Products for Your System Applications
More results

Similar Description - SE2438T

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY66108-11 SKYWORKS-SKY66108-11 Datasheet
1Mb / 13P
   2.4 GHz ZigBee/Smart Energy Front-End Module
SKY66109-11 SKYWORKS-SKY66109-11_15 Datasheet
555Kb / 14P
   2.4 GHz ZigBee/Smart Energy Front-End Module
logo
Fairchild Semiconductor
FPDB30PH60 FAIRCHILD-FPDB30PH60 Datasheet
225Kb / 12P
   Smart Power Module for Front-End Rectifier
FPDB50PH60 FAIRCHILD-FPDB50PH60 Datasheet
225Kb / 12P
   Smart Power Module for Front-End Rectifier
FPDB20PH60 FAIRCHILD-FPDB20PH60 Datasheet
228Kb / 12P
   Smart Power Module for Front-End Rectifier
FPDB40PH60B FAIRCHILD-FPDB40PH60B Datasheet
245Kb / 12P
   Smart Power Module for Front-End Rectifier
FPDB60PH60B FAIRCHILD-FPDB60PH60B Datasheet
245Kb / 12P
   Smart Power Module for Front-End Rectifier
logo
Murata Power Solutions ...
SN3020 MURATA-PS-SN3020 Datasheet
486Kb / 26P
   Smart Energy Module
logo
Skyworks Solutions Inc.
SKY66111 SKYWORKS-SKY66111_11 Datasheet
184Kb / 2P
   Low-Power Bluetooth Low Energy Front-End Module
logo
Fairchild Semiconductor
FPAB30BH60 FAIRCHILD-FPAB30BH60 Datasheet
276Kb / 12P
   Smart Power Module(SPM짰) for Front-End Rectifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com