Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

37LV128 Datasheet(PDF) 5 Page - Microchip Technology

Part # 37LV128
Description  36K, 64K, and 128K Serial EPROM Family
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

37LV128 Datasheet(HTML) 5 Page - Microchip Technology

  37LV128 Datasheet HTML 1Page - Microchip Technology 37LV128 Datasheet HTML 2Page - Microchip Technology 37LV128 Datasheet HTML 3Page - Microchip Technology 37LV128 Datasheet HTML 4Page - Microchip Technology 37LV128 Datasheet HTML 5Page - Microchip Technology 37LV128 Datasheet HTML 6Page - Microchip Technology 37LV128 Datasheet HTML 7Page - Microchip Technology 37LV128 Datasheet HTML 8Page - Microchip Technology 37LV128 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
© 1996 Microchip Technology Inc.
DS21109E-page 5
37LV36/65/128
FIGURE 11-2: READ CHARACTERISTICS AT END OF ARRAY TIMING
TABLE 11-2:
READ CHARACTERISTICS AT END OF ARRAY
AC Testing Waveform: VIL = 0.2V; VIH = 3.0V
AC Test Load: 50 pF
VOL = VOL_MAX; VOH = VOH_MIN
Symbol
Parameter
Limits 3.0V
≤ Vcc ≤
6.0V
Limits 4.5V
≤ Vcc ≤
6.0V
Units
Conditions
Min.
Max.
Min.
Max.
TCDF
CLK to Data Float Delay
50
50
ns
Notes 1, 2
TOCK
CLK to CEO Delay
65
40
ns
TOCE
CE to CEO Delay
45
40
ns
TOOE
RESET/OE to CEO Delay
45
40
ns
Note 1: This parameter is periodically sampled and not 100% tested.
2: Float delays are measured with output pulled through 1k
Ω to VLOAD = VCC/2.
RESET/OE
FIRST BIT
TOOE
T OCE
TOCE
LAST BIT
T OCK
T CDF
CE
CLK
DATA
CEO


Similar Part No. - 37LV128

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
37LV128/L MICROCHIP-37LV128/L Datasheet
143Kb / 14P
   36K, 64K, and 128K Serial EPROM Family
2004
37LV128/P MICROCHIP-37LV128/P Datasheet
143Kb / 14P
   36K, 64K, and 128K Serial EPROM Family
2004
37LV128/SN MICROCHIP-37LV128/SN Datasheet
143Kb / 14P
   36K, 64K, and 128K Serial EPROM Family
2004
37LV128I/L MICROCHIP-37LV128I/L Datasheet
143Kb / 14P
   36K, 64K, and 128K Serial EPROM Family
2004
37LV128I/P MICROCHIP-37LV128I/P Datasheet
143Kb / 14P
   36K, 64K, and 128K Serial EPROM Family
2004
More results

Similar Description - 37LV128

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
37LV36 MICROCHIP-37LV36_04 Datasheet
143Kb / 14P
   36K, 64K, and 128K Serial EPROM Family
2004
logo
Catalyst Semiconductor
CAT25C64 CATALYST-CAT25C64 Datasheet
99Kb / 9P
   64K/128K-Bit SPI Serial CMOS E2PROM
logo
Macronix International
MX27C1100 MCNIX-MX27C1100 Datasheet
786Kb / 19P
   1M-BIT [128K x 8/64K x 16] CMOS EPROM
logo
STMicroelectronics
M27C512-12C1 STMICROELECTRONICS-M27C512-12C1 Datasheet
403Kb / 22P
   512 Kbit (64K x8) UV EPROM and OTP EPROM
M27C512 STMICROELECTRONICS-M27C512_07 Datasheet
278Kb / 22P
   512 Kbit (64K x8) UV EPROM and OTP EPROM
logo
Holtek Semiconductor In...
HT25LC512 HOLTEK-HT25LC512_04 Datasheet
175Kb / 11P
   CMOS 64K x 8-Bit SPI Serial OTP EPROM
logo
STMicroelectronics
M27W512-100K6 STMICROELECTRONICS-M27W512-100K6 Datasheet
369Kb / 21P
   512 Kbit (64K x8) Low Voltage UV EPROM and OTP EPROM
logo
List of Unclassifed Man...
EN27C512 ETC-EN27C512 Datasheet
106Kb / 12P
   512KBIT EPROM (64K x 8)
logo
Hitachi Semiconductor
HN27512 HITACHI-HN27512 Datasheet
302Kb / 7P
   512K (64K X 8 BIT ) UV AND OTP EPROM
logo
STMicroelectronics
2764A STMICROELECTRONICS-2764A Datasheet
99Kb / 11P
   64K (8K x 8) UV EPROM and OTP ROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com