Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

37LV36 Datasheet(PDF) 2 Page - Microchip Technology

Part # 37LV36
Description  36K, 64K, and 128K Serial EPROM Family
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

37LV36 Datasheet(HTML) 2 Page - Microchip Technology

  37LV36 Datasheet HTML 1Page - Microchip Technology 37LV36 Datasheet HTML 2Page - Microchip Technology 37LV36 Datasheet HTML 3Page - Microchip Technology 37LV36 Datasheet HTML 4Page - Microchip Technology 37LV36 Datasheet HTML 5Page - Microchip Technology 37LV36 Datasheet HTML 6Page - Microchip Technology 37LV36 Datasheet HTML 7Page - Microchip Technology 37LV36 Datasheet HTML 8Page - Microchip Technology 37LV36 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
37LV36/65/128
DS21109E-page 2
© 1996 Microchip Technology Inc.
1.0
ELECTRICAL CHARACTERISTICS
1.1
Maximum Ratings*
VCC and input voltages w.r.t. VSS .......... -0.6V to +0.6V
VPP voltage w.r.t. VSS during
programming ...................................... -0.6V to +14.0V
Output voltage w.r.t. VSS ............... -0.6V to VCC +0.6V
Storage temperature .......................... -65˚C to +150˚C
Ambient temp. with power applied ..... -65˚C to +125˚C
Soldering temperature of leads (10 sec.) ......... +300
°C
ESD protection on all pins
..................................... ≥ 4 kV
*Notice: Stresses above those listed under “Maximum Ratings”
may cause permanent damage to the device. This is a stress rat-
ing only and functional operation of the device at those or any
other conditions above those indicated in the operation listings of
this specification is not implied. Exposure to maximum rating con-
ditions for extended periods may affect device reliability.
TABLE 1-1:
PIN FUNCTION TABLE
Name
Function
8
20
DATA
Data I/O
1
2
CLK
Clock Input
2
4
RESET/OE Reset Input and Output
Enable
36
CE
Chip Enable Input
4
8
VSS
Ground
5
10
CEO
Chip Enable Output
6
14
VPP
Programming Voltage Supply
7
17
VCC
+3.0V to 6.0V Power Supply
8
20
Not Labeled Not utilized, not connected
TABLE 1-2:
READ OPERATION DC CHARACTERISTICS
VCC = +3.0 to 6.0V
Commercial (C):
Tamb =
0˚C to +70˚C
Industrial (I):
Tamb = -40˚C to +85˚C
Parameter
Symbol
Min.
Max.
Units
Conditions
DATA, CE, CEO and Reset pins:
High level input voltage
Low level input voltage
High level output voltage
Low level output voltage
VIH
VIL
VOH1
VOH2
VOL
2.0
-0.3
3.86
2.4
VCC
0.8
.32
V
V
V
V
IOH = -4 mA VCC
≥ 4.5V
IOH = -4 mA VCC
≥ 3.0V
IOL = 4.0 mA
Input Leakage
ILI
-10
10
µAVIN = .1V to VCC
Output Leakage
ILO
-10
10
µAVOUT = .1V to VCC
Input Capacitance
(all inputs/outputs)
CINT
10
pF
Tamb = 25
°C; FCLK = 1 MHz (Note 1)
Operating Current
ICC Read
10
2
mA
mA
VCC = 6.0V, CLK = 10 MHz
VCC = 3.6V, CLK = 2.5 MHz
Outputs open
Standby Current
ICCS
100
50
µA
µA
VCC = 6.0V, CE = 5.8V
VCC = 3.6V, CE = 3.4V
Note 1: This parameter is initially characterized and not 100% tested.


Similar Part No. - 37LV36

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
37LV36-/L MICROCHIP-37LV36-/L Datasheet
143Kb / 14P
   36K, 64K, and 128K Serial EPROM Family
2004
37LV36-/P MICROCHIP-37LV36-/P Datasheet
143Kb / 14P
   36K, 64K, and 128K Serial EPROM Family
2004
37LV36-/SN MICROCHIP-37LV36-/SN Datasheet
143Kb / 14P
   36K, 64K, and 128K Serial EPROM Family
2004
37LV36-I/L MICROCHIP-37LV36-I/L Datasheet
143Kb / 14P
   36K, 64K, and 128K Serial EPROM Family
2004
37LV36-I/P MICROCHIP-37LV36-I/P Datasheet
143Kb / 14P
   36K, 64K, and 128K Serial EPROM Family
2004
More results

Similar Description - 37LV36

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
37LV36 MICROCHIP-37LV36_04 Datasheet
143Kb / 14P
   36K, 64K, and 128K Serial EPROM Family
2004
logo
Catalyst Semiconductor
CAT25C64 CATALYST-CAT25C64 Datasheet
99Kb / 9P
   64K/128K-Bit SPI Serial CMOS E2PROM
logo
Macronix International
MX27C1100 MCNIX-MX27C1100 Datasheet
786Kb / 19P
   1M-BIT [128K x 8/64K x 16] CMOS EPROM
logo
STMicroelectronics
M27C512-12C1 STMICROELECTRONICS-M27C512-12C1 Datasheet
403Kb / 22P
   512 Kbit (64K x8) UV EPROM and OTP EPROM
M27C512 STMICROELECTRONICS-M27C512_07 Datasheet
278Kb / 22P
   512 Kbit (64K x8) UV EPROM and OTP EPROM
logo
Holtek Semiconductor In...
HT25LC512 HOLTEK-HT25LC512_04 Datasheet
175Kb / 11P
   CMOS 64K x 8-Bit SPI Serial OTP EPROM
logo
STMicroelectronics
M27W512-100K6 STMICROELECTRONICS-M27W512-100K6 Datasheet
369Kb / 21P
   512 Kbit (64K x8) Low Voltage UV EPROM and OTP EPROM
logo
List of Unclassifed Man...
EN27C512 ETC-EN27C512 Datasheet
106Kb / 12P
   512KBIT EPROM (64K x 8)
logo
Hitachi Semiconductor
HN27512 HITACHI-HN27512 Datasheet
302Kb / 7P
   512K (64K X 8 BIT ) UV AND OTP EPROM
logo
STMicroelectronics
2764A STMICROELECTRONICS-2764A Datasheet
99Kb / 11P
   64K (8K x 8) UV EPROM and OTP ROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com