Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

27C04A-20L Datasheet(PDF) 3 Page - Microchip Technology

Part # 27C04A-20L
Description  4K (512 x 8) CMOS EEPROM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

27C04A-20L Datasheet(HTML) 3 Page - Microchip Technology

  27C04A-20L Datasheet HTML 1Page - Microchip Technology 27C04A-20L Datasheet HTML 2Page - Microchip Technology 27C04A-20L Datasheet HTML 3Page - Microchip Technology 27C04A-20L Datasheet HTML 4Page - Microchip Technology 27C04A-20L Datasheet HTML 5Page - Microchip Technology 27C04A-20L Datasheet HTML 6Page - Microchip Technology 27C04A-20L Datasheet HTML 7Page - Microchip Technology 27C04A-20L Datasheet HTML 8Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
© 1996 Microchip Technology Inc.
DS11126F-page 3
28C04A
TABLE 1-3:
READ OPERATION AC CHARACTERISTICS
FIGURE 1-1:
READ WAVEFORMS
AC Testing Waveform:
VIH = 2.4V; VIL = 0.45V; VOH = 2.0V; VOL = 0.8V
Output Load:
1 TTL Load + 100 pF
Input Rise and Fall Times: 20 ns
Ambient Temperature:
Commercial (C): Tamb =
0˚C to +70˚C
Industrial
(I):
Tamb =
-40˚C to +85˚C
Parameter
Sym
28C04A-15
28C04A-20
28C04A-25
Units
Conditions
Min
Max
Min
Max
Min
Max
Address to Output Delay
tACC
150
200
250
ns
OE = CE = VIL
CE to Output Delay
tCE
150
200
250
ns
OE = VIL
OE to Output Delay
tOE
70
80
100
ns
CE = VIL
CE to OE High Output Float
tOFF
050055070
ns
Output Hold from Address, CE
or OE, whichever occurs first
tOH
000
ns
Endurance
1M
1M
1M
cycles 25
°C, Vcc =
5.0V, Block
Mode (Note)
Note: This parameter is not tested but guaranteed by characterization. For endurance estimates in a specific applica-
tion, please consult the Total Endurance Model which can be obtained on our BBS or website.
Address
CE
VIH
VIL
VIH
VIL
VIH
VIL
OE
Data
WE
VOH
VOL
VIH
VIL
Address Valid
High Z
Valid Output
tACC
(1) tOFF is specified for OE or CE, whichever occurs first
(2) OE may be delayed up to t CE - t OE after the falling edge of CE without impact on tCE
(3) This parameter is sampled and is not 100% tested
High Z
tOH
tOFF(1,3)
Notes:
tOE(2)
tCE(2)


Similar Part No. - 27C04A-20L

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
27C040 FAIRCHILD-27C040 Datasheet
106Kb / 11P
   4,194,304-Bit 512K x 8 High Performance CMOS EPROM
27C040 FAIRCHILD-27C040 Datasheet
111Kb / 11P
   4,194,304-Bit (512K x 8) High Performance CMOS EPROM
logo
ATMEL Corporation
27C040 ATMEL-27C040 Datasheet
194Kb / 13P
   4-Megabit 512K x 8 OTP EPROM
logo
NXP Semiconductors
27C040 PHILIPS-27C040 Datasheet
481Kb / 14P
   4 MEG COMS EPROM(512K x 8)
November 1990
More results

Similar Description - 27C04A-20L

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
28C04A MICROCHIP-28C04A_04 Datasheet
127Kb / 10P
   4K (512 x 8) CMOS EEPROM
2004
logo
ATMEL Corporation
AT24HC04B ATMEL-AT24HC04B Datasheet
617Kb / 19P
   Two-wire Serial EEPROM 4K (512 x 8)
logo
Renesas Technology Corp
X5043 RENESAS-X5043 Datasheet
844Kb / 21P
   4K, 512 x 8 Bit CPU Supervisor with 4K SPI EEPROM
logo
STMicroelectronics
ST95P04 STMICROELECTRONICS-ST95P04 Datasheet
151Kb / 16P
   SERIAL ACCESS SPI BUS 4K 512 x 8 EEPROM
logo
ATMEL Corporation
AT24C04B ATMEL-AT24C04B Datasheet
690Kb / 26P
   Two-wire Serial EEPROM 4K (512 x 8) 8K (1024 x 8)
logo
STMicroelectronics
ST93C66 STMICROELECTRONICS-ST93C66 Datasheet
107Kb / 13P
   4K 256 x 16 or 512 x 8 SERIAL MICROWIRE EEPROM
logo
Renesas Technology Corp
X4043 RENESAS-X4043 Datasheet
908Kb / 24P
   4k, 512 x 8 Bit CPU Supervisor with 4kbit EEPROM
logo
List of Unclassifed Man...
TU24C04 ETC2-TU24C04 Datasheet
39Kb / 8P
   CMOS I2C 2-WIRE BUS 4K ELECTRICALLY ERASABLE PROGRAMMABLE ROM 512 X 8 BIT EEPROM
24C04 ETC1-24C04 Datasheet
44Kb / 8P
   CMOS I2C 2-WIRE BUS 4K ELECTRICALLY ERASABLE PROGRAMMABLE ROM 512 X 8 BIT EEPROM
logo
Hitachi Semiconductor
HN58X2402SI HITACHI-HN58X2402SI Datasheet
62Kb / 19P
   Two-wire serial interface (2k EEPROM 256-word x 8-bit) 4k EEPROM (512-word x 8-bit)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com