Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

27C17A-15L Datasheet(PDF) 6 Page - Microchip Technology

Part # 27C17A-15L
Description  16K (2K x 8) CMOS EEPROM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

27C17A-15L Datasheet(HTML) 6 Page - Microchip Technology

  27C17A-15L Datasheet HTML 1Page - Microchip Technology 27C17A-15L Datasheet HTML 2Page - Microchip Technology 27C17A-15L Datasheet HTML 3Page - Microchip Technology 27C17A-15L Datasheet HTML 4Page - Microchip Technology 27C17A-15L Datasheet HTML 5Page - Microchip Technology 27C17A-15L Datasheet HTML 6Page - Microchip Technology 27C17A-15L Datasheet HTML 7Page - Microchip Technology 27C17A-15L Datasheet HTML 8Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
28C17A
DS11127G-page 6
© 1996 Microchip Technology Inc.
2.0
DEVICE OPERATION
The Microchip Technology Inc. 28C17A has four basic
modes of operation—read, standby, write inhibit, and
byte write—as outlined in the following table.
2.1
Read Mode
The 28C17A has two control functions, both of which
must be logically satisfied in order to obtain data at the
outputs. Chip enable (CE) is the power control and
should be used for device selection. Output Enable
(OE) is the output control and is used to gate data to
the output pins independent of device selection.
Assuming that addresses are stable, address access
time (tACC) equal to the delay from CE to output (tCE).
Data is available at the output tOE after the falling edge
of OE, assuming that CE has been low and addresses
have been stable for at least tACC-tOE.
2.2
Standby Mode
The 28C17A is placed in the standby mode by applying
a high signal to the CE input. When in the standby
mode, the outputs are in a high impedance state, inde-
pendent of the OE input.
2.3
Data Protection
In order to ensure data integrity, especially during criti-
cal power-up and power-down transitions, the following
enhanced data protection circuits are incorporated:
First, an internal VCC detect (3.3 volts typical) will inhibit
the initiation of non-volatile programming operation
when VCC is less than the VCC detect circuit trip.
Second, there is a WE filtering circuit that prevents WE
pulses of less than 10 ns duration from initiating a write
cycle.
Third, holding WE or CE high or OE low, inhibits a write
cycle during power-on and power-off (VCC).
Operation
Mode
CE
OE
WE
I/O
Rdy/Busy
(1)
Read
L
L
H
DOUT
H
Standby
H
X
X
High Z
H
Write Inhibit
H
X
X
High Z
H
Write Inhibit
X
L
X
High Z
H
Write Inhibit
X
X
H
High Z
H
Byte Write
L
H
L
DIN
L
Byte Clear
Automatic Before Each “Write”
Note 1: Open drain output.
2: X = Any TTL level.
2.4
Write Mode
The 28C17A has a write cycle similar to that of a Static
RAM. The write cycle is completely self-timed and ini-
tiated by a low going pulse on the WE pin. On the fall-
ing edge of WE, the address information is latched. On
rising edge, the data and the control pins (CE and OE)
are latched. The Ready/Busy pin goes to a logic low
level indicating that the 28C17A is in a write cycle which
signals the microprocessor host that the system bus is
free for other activity. When Ready/Busy goes back to
a high, the 28C17A has completed writing and is ready
to accept another cycle.
2.5
Data Polling
The 28C17A features Data polling to signal the comple-
tion of a byte write cycle.
During a write cycle, an
attempted read of the last byte written results in the
data complement of I/O7 (I/O0 to I/O6 are indetermin-
able). After completion of the write cycle, true data is
available. Data polling allows a simple read/compare
operation to determine the status of the chip eliminat-
ing the need for external hardware.
2.6
Electronic Signature for Device
Identification
An extra row of 32 bytes of EEPROM memory is avail-
able to the user for device identification. By raising A9
to 12V
±0.5V and using address locations 7EO to 7FF,
the additional bytes can be written to or read from in the
same manner as the regular memory array.
2.7
Chip Clear
All data may be cleared to 1's in a chip clear cycle by
raising OE to 12 volts and bringing the WE and CE low.
This procedure clears all data, except for the extra row.


Similar Part No. - 27C17A-15L

ManufacturerPart #DatasheetDescription
logo
Macronix International
27C1000-10 MCNIX-27C1000-10 Datasheet
997Kb / 18P
   1M-BIT [128K x 8] CMOS EPROM
27C1000-12 MCNIX-27C1000-12 Datasheet
997Kb / 18P
   1M-BIT [128K x 8] CMOS EPROM
27C1000-15 MCNIX-27C1000-15 Datasheet
997Kb / 18P
   1M-BIT [128K x 8] CMOS EPROM
27C1000-45 MCNIX-27C1000-45 Datasheet
997Kb / 18P
   1M-BIT [128K x 8] CMOS EPROM
27C1000-55 MCNIX-27C1000-55 Datasheet
997Kb / 18P
   1M-BIT [128K x 8] CMOS EPROM
More results

Similar Description - 27C17A-15L

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
28C16A MICROCHIP-28C16A Datasheet
64Kb / 8P
   16K (2K x 8) CMOS EEPROM
1996
28C16A MICROCHIP-28C16A_04 Datasheet
125Kb / 10P
   16K (2K x 8) CMOS EEPROM
2004
logo
ATMEL Corporation
AT28C16 ATMEL-AT28C16 Datasheet
581Kb / 9P
   16K 2K x 8 CMOS E2PROM
AT28C17 ATMEL-AT28C17 Datasheet
605Kb / 9P
   16K 2K x 8 CMOS E2PROM
logo
Renesas Technology Corp
X4163 RENESAS-X4163 Datasheet
880Kb / 22P
   16K, 2K x 8 Bit CPU Supervisor with 16K EEPROM
November 26, 2007
logo
Sharp Corporation
LH5116 SHARP-LH5116 Datasheet
87Kb / 10P
   CMOS 16K (2K x 8) Static RAM
LH5116S SHARP-LH5116S Datasheet
58Kb / 7P
   CMOS 16K (2K x 8) Static RAM
logo
ATMEL Corporation
AT28BV16 ATMEL-AT28BV16 Datasheet
398Kb / 8P
   16K 2K x 8 Battery-Voltage CMOS E2PROM
logo
Integrated Device Techn...
IDT6116SA IDT-IDT6116SA Datasheet
111Kb / 11P
   CMOS STATIC RAM 16K (2K x 8 BIT)
logo
STMicroelectronics
M28C16 STMICROELECTRONICS-M28C16 Datasheet
129Kb / 18P
   16K 2K x 8 PARALLEL EEPROM with SOFTWARE DATA PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com