Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

27C512A-12L Datasheet(PDF) 1 Page - Microchip Technology

Part # 27C512A-12L
Description  512K (64K x 8) CMOS EPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

27C512A-12L Datasheet(HTML) 1 Page - Microchip Technology

  27C512A-12L Datasheet HTML 1Page - Microchip Technology 27C512A-12L Datasheet HTML 2Page - Microchip Technology 27C512A-12L Datasheet HTML 3Page - Microchip Technology 27C512A-12L Datasheet HTML 4Page - Microchip Technology 27C512A-12L Datasheet HTML 5Page - Microchip Technology 27C512A-12L Datasheet HTML 6Page - Microchip Technology 27C512A-12L Datasheet HTML 7Page - Microchip Technology 27C512A-12L Datasheet HTML 8Page - Microchip Technology 27C512A-12L Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© 1996 Microchip Technology Inc.
DS11173E-page 1
27C512A
FEATURES
• High speed performance
• CMOS Technology for low power consumption
- 25 mA Active current
- 30
µA Standby current
• Factory programming available
• Auto-insertion-compatible plastic packages
• Auto ID aids automated programming
• High speed express programming algorithm
• Organized 64K x 8: JEDEC standard pinouts
- 28-pin Dual-in-line package
- 32-pin PLCC Package
- 28-pin SOIC package
- 28-pin TSOP package
- 28-pin VSOP package
- Tape and reel
• Data Retention > 200 years
• Available for the following temperature ranges
- Commercial:
0˚C to +70˚C
- Industrial:
-40˚C to +85˚C
- Automotive:
-40˚C to +125˚C
DESCRIPTION
The Microchip Technology Inc. 27C512A is a CMOS
512K bit electrically Programmable Read Only Memory
(EPROM). The device is organized into 64K words by
8 bits (64K bytes). Accessing individual bytes from an
address transition or from power-up (chip enable pin
going low) is accomplished in less than 90 ns.
This
very high speed device allows the most sophisticated
microprocessors to run at full speed without the need
for WAIT states. CMOS design and processing enables
this part to be used in systems where reduced power
consumption and high reliability are requirements.
A complete family of packages is offered to provide the
most flexibility in applications. For surface mount appli-
cations, PLCC, VSOP, TSOP or SOIC packaging is
available. Tape or reel packaging is also available for
PLCC or SOIC packages.
PACKAGE TYPES
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
A15
A12
A7
A6
A5
A4
A3
A2
A1
A0
O0
O1
O2
VSS
VCC
A14
A13
A8
A9
A11
OE/VPP
A10
CE
O7
O6
O5
O4
O3
A6
A5
A4
A3
A2
A1
A0
NC
O0
A8
A9
A11
NC
OE/VPP
A10
CE
O7
O6
5
6
7
8
9
10
11
12
13
29
28
27
26
25
24
23
22
21
OE/VPP
A11
A9
A8
A13
A14
VCC
A15
A12
A7
A6
A5
A4
A3
A10
CE
D7
D6
D5
D4
D3
VSS
D2
D1
D0
A0
A1
A2
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
A10
CE
21
20
19
VSS
O2
14
13
12
OE/VPP
A11
A9
A8
22
23
24
A15
A12
A7
1
2
3
4
5
25
26
27
28
6
7
A13
A14
VCC
A6
A5
A4
A3
O7
O6
O5
O4
O3
O1
O0
A0
A1
A2
18
17
16
15
11
10
9
8
TSOP
27C512A
PLCC
DIP/SOIC
VSOP
27C512A
512K (64K x 8) CMOS EPROM
This document was created with FrameMaker404


Similar Part No. - 27C512A-12L

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
27C512A-12/L MICROCHIP-27C512A-12/L Datasheet
133Kb / 10P
   512K (64K x 8) CMOS EPROM
2004
27C512A-12/P MICROCHIP-27C512A-12/P Datasheet
133Kb / 10P
   512K (64K x 8) CMOS EPROM
2004
27C512A-12/SO MICROCHIP-27C512A-12/SO Datasheet
133Kb / 10P
   512K (64K x 8) CMOS EPROM
2004
27C512A-12E/L MICROCHIP-27C512A-12E/L Datasheet
133Kb / 10P
   512K (64K x 8) CMOS EPROM
2004
27C512A-12E/P MICROCHIP-27C512A-12E/P Datasheet
133Kb / 10P
   512K (64K x 8) CMOS EPROM
2004
More results

Similar Description - 27C512A-12L

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
27C512A MICROCHIP-27C512A_04 Datasheet
133Kb / 10P
   512K (64K x 8) CMOS EPROM
2004
logo
Macronix International
MX27L512 MCNIX-MX27L512 Datasheet
760Kb / 14P
   512K-BIT [64K x 8] CMOS EPROM
logo
ATMEL Corporation
AT27C512R ATMEL-AT27C512R Datasheet
249Kb / 9P
   512K 64K x 8 OTP CMOS EPROM
AT27C512R ATMEL-AT27C512R_07 Datasheet
406Kb / 15P
   512K (64K x 8) OTP EPROM
AT27LV512A ATMEL-AT27LV512A Datasheet
220Kb / 9P
   512K 64K x 8 Low Voltage OTP CMOS EPROM
logo
Maxwell Technologies
27C512T MAXWELL-27C512T Datasheet
139Kb / 15P
   512K (64K x 8-Bit) OTP EPROM
logo
STMicroelectronics
M27512 STMICROELECTRONICS-M27512 Datasheet
90Kb / 11P
   NMOS 512K 64K x 8 UV EPROM
logo
List of Unclassifed Man...
MX26C512A ETC1-MX26C512A Datasheet
114Kb / 16P
   512K-BIT [64K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE EPROM
logo
Microchip Technology
27C64 MICROCHIP-27C64 Datasheet
126Kb / 10P
   64K (8K x 8) CMOS EPROM
2004
logo
AMIC Technology
A276308 AMICC-A276308 Datasheet
127Kb / 15P
   64K X 8 OTP CMOS EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com