Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

24C160-SN Datasheet(PDF) 4 Page - Microchip Technology

Part # 24C160-SN
Description  8K/16K 5.0V SPI Bus Serial EEPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24C160-SN Datasheet(HTML) 4 Page - Microchip Technology

  24C160-SN Datasheet HTML 1Page - Microchip Technology 24C160-SN Datasheet HTML 2Page - Microchip Technology 24C160-SN Datasheet HTML 3Page - Microchip Technology 24C160-SN Datasheet HTML 4Page - Microchip Technology 24C160-SN Datasheet HTML 5Page - Microchip Technology 24C160-SN Datasheet HTML 6Page - Microchip Technology 24C160-SN Datasheet HTML 7Page - Microchip Technology 24C160-SN Datasheet HTML 8Page - Microchip Technology 24C160-SN Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
25C080/160
DS21147F-page 4
Preliminary
© 1996 Microchip Technology Inc.
TABLE 1-3:
AC CHARACTERISTICS
Applicable over recommended operating ranges shown below unless otherwise noted.
VCC = 4.5V to 5.5V
Commercial (C): Tamb = 0
° to +70°C
Industrial (I):
Tamb = -40
° to +85°C
Automotive (E): Tamb = -40˚C to +125˚C
Symbol
Parameter
Min
Max
Units
Test Conditions
fSCK
Clock Frequency
3
MHz
tCSS
CS Setup Time
100
ns
tCSH
CS Hold Time
100
ns
tCSD
CS Disable Time
250
ns
tSU
Data Setup Time
30
ns
tHD
Data Hold Time
50
ns
tR
CLK Rise Time
2
µs
(Note 1)
tF
CLK Fall Time
2
µs
(Note 1)
tHI
Clock High Time
150
ns
tLO
Clock Low Time
150
ns
tCLD
Clock Delay Time
50
ns
tV
Output Valid from
Clock Low
150
ns
tHO
Output Hold Time
0
ns
tDIS
Output Disable Time
200
ns
(Note 1)
tHS
HOLD Setup Time
100
ns
tHH
HOLD Hold Time
100
ns
tHZ
HOLD Low to Output High-Z
100
ns
(Note 1)
tHV
HOLD High to Output Valid
100
ns
(Note 1)
tWC
Internal Write Cycle Time
5
ms
(Note 2)
Endurance
10M
E/W Cycles 25
°C, Vcc = 5.0V, Block Mode
(Note 3)
Note 1: This parameter is periodically sampled and not 100% tested.
2: tWC begins on the rising edge of CS after a valid write sequence and ends when the internal self-timed write
cycle is complete.
3: This parameter is not tested but guaranteed by characterization. For endurance estimates in a specific appli-
cation, please consult the Total Endurance Model which can be obtained on our BBS or website.


Similar Part No. - 24C160-SN

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
24C16 STMICROELECTRONICS-24C16 Datasheet
126Kb / 17P
   16 Kbit Serial I2C Bus EEPROM with User-Defined Block Write Protection
February 1999
logo
Fairchild Semiconductor
24C16 FAIRCHILD-24C16 Datasheet
102Kb / 14P
   16K-Bit Standard 2-Wire Bus Interface Serial EEPROM
logo
ATMEL Corporation
24C16 ATMEL-24C16 Datasheet
260Kb / 24P
   2-Wire Serial EEPROM
24C16 ATMEL-24C16 Datasheet
188Kb / 11P
   2-Wire Serial EEPROM
logo
Integrated Silicon Solu...
24C16 ISSI-24C16 Datasheet
85Kb / 13P
   1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
More results

Similar Description - 24C160-SN

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
25AA080 MICROCHIP-25AA080 Datasheet
92Kb / 12P
   8K/16K 1.8V SPI Bus Serial EEPROM
1996
93C76 MICROCHIP-93C76_04 Datasheet
268Kb / 20P
   8K/16K 5.0V Microwire Serial EEPROM
2004
25LC080 MICROCHIP-25LC080 Datasheet
86Kb / 12P
   8K/16K 2.5V SPI O Bus Serial EEPROM
1996
93C76 MICROCHIP-93C76 Datasheet
84Kb / 12P
   8K/16K 5.0V Microwire Serial EEPROM
1996
93C76 MICROCHIP-93C76_13 Datasheet
214Kb / 20P
   8K/16K 5.0V Microwire Serial EEPROM
10/26/12
logo
Catalyst Semiconductor
CAT25C08 CATALYST-CAT25C08_06 Datasheet
950Kb / 16P
   8K/16K SPI Serial CMOS EEPROM
logo
Microchip Technology
25AA160C MICROCHIP-25AA160C Datasheet
508Kb / 30P
   16K SPI Bus Serial EEPROM
2009
25LC160A MICROCHIP-25LC160A_06 Datasheet
441Kb / 24P
   16K SPI Bus Serial EEPROM
2006
25C160 MICROCHIP-25C160 Datasheet
241Kb / 22P
   16K SPI Bus Serial EEPROM
07/12/04
25AA160 MICROCHIP-25AA160_13 Datasheet
327Kb / 22P
   16K SPI Bus Serial EEPROM
10/26/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com