Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

27C64-12L Datasheet(PDF) 4 Page - Microchip Technology

Part # 27C64-12L
Description  64K (8K x 8) CMOS EPROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

27C64-12L Datasheet(HTML) 4 Page - Microchip Technology

  27C64-12L Datasheet HTML 1Page - Microchip Technology 27C64-12L Datasheet HTML 2Page - Microchip Technology 27C64-12L Datasheet HTML 3Page - Microchip Technology 27C64-12L Datasheet HTML 4Page - Microchip Technology 27C64-12L Datasheet HTML 5Page - Microchip Technology 27C64-12L Datasheet HTML 6Page - Microchip Technology 27C64-12L Datasheet HTML 7Page - Microchip Technology 27C64-12L Datasheet HTML 8Page - Microchip Technology 27C64-12L Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
27C64
DS11107M-page 4
 2004 Microchip Technology Inc.
TABLE 1-4:
PROGRAMMING DC CHARACTERISTICS
TABLE 1-5:
PROGRAMMING AC CHARACTERISTICS
Ambient Temperature: Tamb = 25
°C ± 5°C
VCC = 6.5V
± 0.25V, VPP = VH = 13.0V ± 0.25V
Parameter
Status
Symbol
Min
Max.
Units
Conditions
Input Voltages
Logic”1”
Logic”0”
VIH
VIL
2.0
-0.1
VCC+1
0.8
V
V
Input Leakage
ILI
-10
10
µAVIN = 0V to VCC
Output Voltages
Logic”1”
Logic”0”
VOH
VOL
2.4
0.45
V
V
IOH = -400
µA
IOL = 2.1 mA
VCC Current, program & verify
ICC2
20
mA
Note 1
VPP Current, program
IPP2
25
mA
Note 1
A9 Product Identification
VH
11.5
12.5
V
Note 1: VCC must be applied simultaneously or before VPP and removed simultaneously or after VPP.
for Program, Program Verify
AC Testing Waveform:
VIH=2.4V and VIL=0.45V; VOH=2.0V; VOL=0.8V
and Program Inhibit Modes
Ambient Temperature:
Tamb=25
°C ±5°C
VCC= 6.5V
± 0.25V, VPP = VH = 13.0V ± 0.25V
Parameter
Symbol
Min
Max
Units
Remarks
Address Set-Up Time
tAS
2—
µs
Data Set-Up Time
tDS
2—
µs
Data Hold Time
tDH
2—
µs
Address Hold Time
tAH
0—
µs
Float Delay (2)
tDF
0
130
ns
VCC Set-Up Time
tVCS
2—
µs
Program Pulse Width (1)
tPW
95
105
µs
100
µs typical
CE Set-Up Time
tCES
2—
µs
OE Set-Up Time
tOES
2—
µs
VPP Set-Up Time
tVPS
2—
µs
Data Valid from OE
tOE
100
ns
Note 1: For express algorithm, initial programming width tolerance is 100
µs ±5%.
2: This parameter is only sampled and not 100% tested. Output float is defined as the point where data is no
longer driven (see timing diagram).


Similar Part No. - 27C64-12L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
27C64-150 STMICROELECTRONICS-27C64-150 Datasheet
105Kb / 12P
   64 Kbit (8Kb x 8) UV EPROM and OTP EPROM
March 1998
More results

Similar Description - 27C64-12L

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
27HC641 PHILIPS-27HC641 Datasheet
273Kb / 8P
   64K BIT CMOS EPROM (8K X 8)
November 12 1990
27C64A PHILIPS-27C64A Datasheet
528Kb / 14P
   64K-bit CMOS EPROM(8K x 8)
November 12 1990
logo
Microchip Technology
27LV64 MICROCHIP-27LV64 Datasheet
62Kb / 10P
   64K (8K x 8) Low-Voltage CMOS EPROM
2004
27LV64 MICROCHIP-27LV64 Datasheet
128Kb / 10P
   64K (8K x 8) Low-Voltage CMOS EPROM
2004
logo
STMicroelectronics
M2764A STMICROELECTRONICS-M2764A Datasheet
109Kb / 10P
   NMOS 64K (8K x 8) UV EPROM
March 1995
logo
AMIC Technology
A276308 AMICC-A276308 Datasheet
127Kb / 15P
   64K X 8 OTP CMOS EPROM
logo
Microchip Technology
27C512A MICROCHIP-27C512A_04 Datasheet
133Kb / 10P
   512K (64K x 8) CMOS EPROM
2004
28C64A MICROCHIP-28C64A Datasheet
67Kb / 8P
   64K (8K x 8) CMOS EEPROM
1996
27C512A MICROCHIP-27C512A Datasheet
69Kb / 12P
   512K (64K x 8) CMOS EPROM
1996
logo
ATMEL Corporation
AT28C64 ATMEL-AT28C64 Datasheet
324Kb / 11P
   64K (8K x 8) CMOS E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com