Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX8969EWL50 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX8969EWL50
Description  Step-Up Converter for Handheld Applications
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8969EWL50 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX8969EWL50 Datasheet HTML 6Page - Maxim Integrated Products MAX8969EWL50 Datasheet HTML 7Page - Maxim Integrated Products MAX8969EWL50 Datasheet HTML 8Page - Maxim Integrated Products MAX8969EWL50 Datasheet HTML 9Page - Maxim Integrated Products MAX8969EWL50 Datasheet HTML 10Page - Maxim Integrated Products MAX8969EWL50 Datasheet HTML 11Page - Maxim Integrated Products MAX8969EWL50 Datasheet HTML 12Page - Maxim Integrated Products MAX8969EWL50 Datasheet HTML 13Page - Maxim Integrated Products MAX8969EWL50 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
10
Maxim Integrated
Step-Up Converter
for Handheld Applications
MAX8969
Figure 2. State Diagram
TRUE SHUTDOWN
N1 = OFF
P1 = OFF
IQ = 1µA (typ)
TRACK MODE*
N1 = OFF
P1 = CURRENT-
LIMITED SWITCH
IQ = 30µA (typ)
AUTOMATIC TRACK
MODE (ATM)*
N1 = OFF
P1 = CURRENT-
LIMITED SWITCH
IQ = 65µA (typ)
BOOST CIRCUITRY ENABLED
VIN
COMPARATOR
BOOST SOFT-START
N1 = SWITCHING
P1 = OFF
BOOST EXIT MODE
N1 = OFF
P1 = OFF
IC WAITS UNTIL
VOUT = VIN
BOOST MODE
N1 = SWITCHING
P1 = SWITCHING
VOUT = VOUT_TARGET
IQ = 45µA (SKIP MODE)
UVLO, EXCESSIVE
TEMPERATURE,
OR SHORT CIRCUIT
FROM ANY STATE
EN = 1, OR
TREN = 1
EN = 0,
TREN = 0
EN = 0,
TREN = 0
1
0
EN = 1,
VOUT > (VIN - 300mV)
VIN
COMPARATOR = 0
VIN
COMPARATOR = 1
SOFT-START
VOLTAGE RAMP
COMPLETE
OUTPUT
BELOW TARGET
[VOUT < (0.72 x
VOUT_TARGET)]
VOUT < VIN,
TREN = 0
VOUT < VIN,
TREN = 1
EN = 0
EN = 0
*EN TAKES PRIORITY OVER TREN. SEE TABLE 1.


Similar Part No. - MAX8969EWL50

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8969EWL50 MAXIM-MAX8969EWL50 Datasheet
2Mb / 15P
   Step-Up Converter for Handheld Applications
Rev 0; 9/11
MAX8969EWL50++ MAXIM-MAX8969EWL50+ Datasheet
1Mb / 15P
   Step-Up Converter for Handheld Applications
Rev 1; 5/12
MAX8969EWL50++ MAXIM-MAX8969EWL50+ Datasheet
1Mb / 18P
   Step-Up Converter for Handheld Applications
2020
More results

Similar Description - MAX8969EWL50

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8969 MAXIM-MAX8969_V01 Datasheet
1Mb / 18P
   Step-Up Converter for Handheld Applications
2020
MAX8969 MAXIM-MAX8969 Datasheet
2Mb / 15P
   Step-Up Converter for Handheld Applications
Rev 0; 9/11
MAX8969 MAXIM-MAX8969_12 Datasheet
1Mb / 15P
   Step-Up Converter for Handheld Applications
Rev 1; 5/12
logo
National Semiconductor ...
LM3557 NSC-LM3557 Datasheet
642Kb / 11P
   Step-Up Converter for White LED Applications
LM3502 NSC-LM3502_06 Datasheet
924Kb / 18P
   Step-Up Converter for White LED Applications
logo
Texas Instruments
LM3557 TI1-LM3557 Datasheet
944Kb / 19P
[Old version datasheet]   Step-Up Converter for White LED Applications
LM3502 TI1-LM3502 Datasheet
1Mb / 28P
[Old version datasheet]   Step-Up Converter for White LED Applications
logo
National Semiconductor ...
LM3557 NSC-LM3557 Datasheet
642Kb / 11P
   Step-Up Converter for White LED Applications
logo
Texas Instruments
LM3502 TI1-LM3502_15 Datasheet
1Mb / 28P
[Old version datasheet]   Step-Up Converter for White LED Applications
logo
National Semiconductor ...
LM3502 NSC-LM3502 Datasheet
928Kb / 18P
   Step-Up Converter for White LED Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com