Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZL9101MIRZ Datasheet(PDF) 11 Page - Intersil Corporation

Part # ZL9101MIRZ
Description  Digital DC/DC PMBus 12A Module
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ZL9101MIRZ Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ZL9101MIRZ Datasheet HTML 7Page - Intersil Corporation ZL9101MIRZ Datasheet HTML 8Page - Intersil Corporation ZL9101MIRZ Datasheet HTML 9Page - Intersil Corporation ZL9101MIRZ Datasheet HTML 10Page - Intersil Corporation ZL9101MIRZ Datasheet HTML 11Page - Intersil Corporation ZL9101MIRZ Datasheet HTML 12Page - Intersil Corporation ZL9101MIRZ Datasheet HTML 13Page - Intersil Corporation ZL9101MIRZ Datasheet HTML 14Page - Intersil Corporation ZL9101MIRZ Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 67 page
background image
ZL9101M
11
FN7669.5
February 12, 2015
Submit Document Feedback
Functional Description
I2C/SMBus Communications
The ZL9101M provides an I2C/SMBus digital interface that
enables the user to configure all aspects of the module operation
as well as monitor the input and output parameters. The
ZL9101M can be used with any I2C host device. In addition, the
module is compatible with SMBus version 2.0. Pull-up resistors
are required on the I2C/SMBus as specified in the SMBus 2.0
specification. The ZL9101M accepts most standard PMBus
commands. When controlling the device with PMBus commands,
it is recommended that the enable pin is tied to SGND.
The SMBus device address and VOUT_MAX are the only
parameters that must be set by external pins. All other device
parameters can be set via the I2C/SMBus. The device address is
set using the SA pin. VOUT_MAX is determined as 10% greater
than the voltage set by the VSET pin. Standard 1% resistor values
are used between the respective pin and SGND.
Output Voltage Selection
The output voltage may be set to a voltage between 0.6V and
3.6V provided that the input voltage is higher than the desired
output voltage by an amount sufficient to prevent the device
from exceeding its maximum duty cycle specification.
The VSET pin is used to set the output voltage to levels as shown
in Table 1. The RSET resistor is placed between the VSET pin and
SGND.
The output voltage may also be set to any value between 0.6V
and 3.6V using a PMBus command over the I2C/SMBus
interface. The RSET resistor program places an upper limit in
output voltage setting through PMBUS programming to 10%
above the value set by the resistor.
Soft-start Delay and Ramp Times
It may be necessary to set a delay from when an enable signal is
received until the output voltage starts to ramp to its target
value. In addition, the designer may wish to precisely set the time
required for VOUT to ramp to its target value after the delay
period has expired. These features may be used as part of an
overall in-rush current management strategy or to precisely
control how fast a load IC is turned on. The ZL9101M gives the
system designer several options for precisely and independently
controlling both the delay and ramp time periods. The soft-start
delay period begins when the EN pin is asserted and ends when
the delay time expires.
The soft-start delay and ramp times are set to a custom values
via the I2C/SMBus interface. When the delay time is set to 0ms,
the device begins its ramp-up after the internal circuitry has
initialized (approximately 2ms). When the soft-start ramp period
is set to 0ms, the output ramps up as quickly as the output load
capacitance and loop settings allow. It is generally
recommended to set the soft-start ramp to a value greater than
500µs to prevent inadvertent fault conditions due to excessive
in-rush current.
Power-Good
The ZL9101M provides a Power-Good (PG) signal that indicates
the output voltage is within a specified tolerance of its target
level and no fault condition exists. By default, the PG pin asserts
if the output is within 10% of the target voltage. These limits and
the polarity of the pin may be changed via the I2C/SMBus
interface.
A PG delay period is defined as the time from when all conditions
within the ZL9101M for asserting PG are met to when the PG pin
is actually asserted. This feature is commonly used instead of
using an external reset controller to control external digital logic.
By default, the ZL9101M PG delay is set equal to the soft-start
ramp time setting. Therefore, if the soft-start ramp time is set to
10ms, the PG delay is set to 10ms. The PG delay may be set
independently of the soft-start ramp using the I2C/SMBus.
TABLE 1. OUTPUT VOLTAGE RESISTOR SETTINGS
VOUT
(V)
RSET
(kΩ)
0.60
10
0.65
11
0.70
12.1
0.75
13.3
0.80
14.7
0.85
16.2
0.90
17.8
0.95
19.6
1.00
21.5
1.05
23.7
1.10
26.1
1.15
28.7
1.20
31.6
1.25
34.8
1.30
38.3
1.40
42.2
1.50
46.4
1.60
51.1
1.70
56.2
1.80
61.9
1.90
68.1
2.00
75
2.10
82.5
2.20
90.9
2.30
100
2.50
110
2.80
121
3.00
133
3.30
147
TABLE 1. OUTPUT VOLTAGE RESISTOR SETTINGS (Continued)
VOUT
(V)
RSET
(kΩ)


Similar Part No. - ZL9101MIRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ZL9101MIRZ INTERSIL-ZL9101MIRZ Datasheet
870Kb / 17P
   Digital DC/DC PMBus 12A Module
ZL9101MIRZ INTERSIL-ZL9101MIRZ Datasheet
877Kb / 17P
   Digital DC/DC PMBus 12A Module
ZL9101MIRZ INTERSIL-ZL9101MIRZ Datasheet
820Kb / 17P
   Digital DC/DC PMBus 12A Module
ZL9101MIRZ INTERSIL-ZL9101MIRZ Datasheet
995Kb / 17P
   Digital DC/DC PMBus 12A Module
logo
Renesas Technology Corp
ZL9101MIRZ RENESAS-ZL9101MIRZ Datasheet
2Mb / 63P
   Digital DC/DC PMBus 12A Module
More results

Similar Description - ZL9101MIRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ZL9101M_1104 INTERSIL-ZL9101M_1104 Datasheet
820Kb / 17P
   Digital DC/DC PMBus 12A Module
ISL28288 INTERSIL-ISL28288_11 Datasheet
995Kb / 17P
   Digital DC/DC PMBus 12A Module
ZL9101M INTERSIL-ZL9101M_11 Datasheet
877Kb / 17P
   Digital DC/DC PMBus 12A Module
logo
Renesas Technology Corp
ZL9101M RENESAS-ZL9101M Datasheet
2Mb / 63P
   Digital DC/DC PMBus 12A Module
logo
Intersil Corporation
ZL9101M INTERSIL-ZL9101M Datasheet
870Kb / 17P
   Digital DC/DC PMBus 12A Module
logo
Renesas Technology Corp
ISL8270M RENESAS-ISL8270M Datasheet
2Mb / 56P
   Digital DC/DC PMBus 25A Module
ISL8271M RENESAS-ISL8271M Datasheet
2Mb / 57P
   Digital DC/DC PMBus 33A Module
logo
Intersil Corporation
ZL9117MIRZ INTERSIL-ZL9117MIRZ Datasheet
1Mb / 58P
   Digital DC/DC PMBus 17A Module
December 16, 2014
ISL8271MAIRZ INTERSIL-ISL8271MAIRZ Datasheet
1Mb / 51P
   Digital DC/DC PMBus 33A Module
December 18, 2014
ISL8270MAIRZ INTERSIL-ISL8270MAIRZ Datasheet
1Mb / 51P
   Digital DC/DC PMBus 25A Module
July 2, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com