Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX17595ATE Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX17595ATE
Description  Peak-Current-Mode Controllers for Flyback and Boost Regulators
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17595ATE Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX17595ATE Datasheet HTML 1Page - Maxim Integrated Products MAX17595ATE Datasheet HTML 2Page - Maxim Integrated Products MAX17595ATE Datasheet HTML 3Page - Maxim Integrated Products MAX17595ATE Datasheet HTML 4Page - Maxim Integrated Products MAX17595ATE Datasheet HTML 5Page - Maxim Integrated Products MAX17595ATE Datasheet HTML 6Page - Maxim Integrated Products MAX17595ATE Datasheet HTML 7Page - Maxim Integrated Products MAX17595ATE Datasheet HTML 8Page - Maxim Integrated Products MAX17595ATE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
MAX17595/MAX17596/MAX17597
Peak-Current-Mode Controllers for
Flyback and Boost Regulators
General Description
The MAX17595–MAX17597 is a family of peak-current-
mode controllers for design of wide input-voltage flyback
and boost regulators. The MAX17595 offers optimized
input thresholds for universal input AC-DC converters
and telecom DC-DC (36V to 72V input range) power
supplies. The MAX17596/MAX17597 offer input thresholds
suitable for low-voltage DC-DC applications (4.5V to 36V).
The MAX17597 implements a boost converter. All three
controllers contain a built-in gate driver for external
n-channel MOSFETs.
The MAX17595–MAX17597 house an internal error amplifier
with 1% accurate reference, eliminating the need for an
external reference. The switching frequency is programma-
ble from 100kHz to 1MHz with an accuracy of 8%, allow-
ing optimization of magnetic and filter components, resulting
in compact and cost-effective power conversion. For
EMI-sensitive applications, the MAX17595–MAX17597
family incorporates a programmable frequency dithering
scheme, enabling low-EMI spread-spectrum operation.
Users can start the power supply precisely at the desired
input voltage, implement input overvoltage protection, and
program soft-start time. A programmable slope compensation
scheme is provided to ensuree stability of the peak-
current-mode control scheme.
Hiccup-mode overcurrent protection and thermal
shutdown are provided to minimize dissipation in
overcurrent and overtemperature fault conditions.
Applications
● Universal Input Offline AC-DC Power Supplies
● Wide-Range DC-Input Flyback/Boost Battery
Chargers
● Battery-Powered Applications
● Industrial and Telecom Applications
Benefits and Features
● Programmable Switching Frequency Allows
Optimization of the Magnetic and Filter Components,
Resulting in Compact, Cost-Effective, Efficient
Isolated/Non-Isolated Power Supplies
• 100kHz to 1MHz Programmable Switching
Frequency with Optional Synchronization
• Peak Current Mode Control Provides Excellent
Transient Response
- Offline (Universal InputAC) and Telecom (36V to 72V)
Flyback Controller—MAX17595
- DC-DC (4.5V to 36V) Flyback Controller—
MAX17596
- Nonsynchronous (4.5V to 36V) Boost PWM
Controller—MAX17597
• 3mm x 3mm TQFN Package
● Programmable Frequency Dithering Enables Low-
EMI Spread-Spectrum Operation
● Integrated Protection Features Enhance System
Reliability
• Adjustable Current Limit with External Current-
Sense Resistor
• Fast Cycle-By-Cycle Peak Current Limiting
• Hiccup-Mode Short-Circuit Protection
• Overtemperature Protection
• Programmable Soft-Start and Slope Compensation
• Input Overvoltage Protection
19-6178; Rev 4; 5/15
Ordering Information/Selector Guide appears at end of
data sheet.
EVALUATION KIT AVAILABLE
For pricing, delivery, and ordering information, please contact Maxim Direct
at 1-888-629-4642, or visit Maxim’s website at www.maximintegrated.com.


Similar Part No. - MAX17595ATE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17595ATE++ MAXIM-MAX17595ATE+ Datasheet
1Mb / 22P
   Peak-Current-Mode Controllers for Flyback and Boost Regulators
2017
More results

Similar Description - MAX17595ATE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17595 MAXIM-MAX17595_13 Datasheet
1Mb / 23P
   Peak-Current-Mode Controllers for Flyback and Boost Regulators
Rev 2; 6/13
MAX17595 MAXIM-MAX17595 Datasheet
2Mb / 29P
   Peak-Current-Mode Controllers for Flyback and Boost Regulators
Rev 0; 1/12
MAX17595 MAXIM-MAX17595_V01 Datasheet
1Mb / 22P
   Peak-Current-Mode Controllers for Flyback and Boost Regulators
2017
MAX17498A MAXIM-MAX17498A Datasheet
2Mb / 28P
   AC-DC and DC-DC Peak-Current-Mode Converters for Flyback/Boost Applications
Rev 1; 3/12
MAX17498A MAXIM-MAX17498A_13 Datasheet
1Mb / 20P
   AC-DC and DC-DC Peak Current-Mode Converters for Flyback/Boost Applications
Rev 3; 4/13
MAX17498AATE MAXIM-MAX17498AATE Datasheet
1Mb / 20P
   AC-DC and DC-DC Peak Current-Mode Converters for Flyback/Boost Applicatio
Rev 3; 4/13
MAX17498A MAXIM-MAX17498A_V01 Datasheet
1Mb / 20P
   AC-DC and DC-DC Peak Current-Mode Converters for Flyback/Boost Applications
2020
logo
Linear Technology
LTC1871IMS LINER-LTC1871IMS Datasheet
527Kb / 36P
   Current Mode Boost Flyback and SEPIC Controller
logo
Maxim Integrated Produc...
MAX5974E MAXIM-MAX5974E_V01 Datasheet
1Mb / 22P
   Current-Mode PWM Controllers for Low-Cost Flyback Supplies
2013
logo
Linear Technology
LTC1871-7 LINER-LTC1871-7_15 Datasheet
393Kb / 34P
   High Input Voltage, Current Mode Boost, Flyback and SEPIC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com