Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX8969EWL37 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX8969EWL37
Description  Step-Up Converter for Handheld Applications
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8969EWL37 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX8969EWL37 Datasheet HTML 1Page - Maxim Integrated Products MAX8969EWL37 Datasheet HTML 2Page - Maxim Integrated Products MAX8969EWL37 Datasheet HTML 3Page - Maxim Integrated Products MAX8969EWL37 Datasheet HTML 4Page - Maxim Integrated Products MAX8969EWL37 Datasheet HTML 5Page - Maxim Integrated Products MAX8969EWL37 Datasheet HTML 6Page - Maxim Integrated Products MAX8969EWL37 Datasheet HTML 7Page - Maxim Integrated Products MAX8969EWL37 Datasheet HTML 8Page - Maxim Integrated Products MAX8969EWL37 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5
Maxim Integrated
Step-Up Converter
for Handheld Applications
MAX8969
Typical Operating Characteristics
(VIN = 3.6V, COUT = 22µF, X5R, 6.3V local and 10µF, X5R, 6.3V, 1µH inductor, circuit of Figure 1, TA = +25NC, unless otherwise noted.)
LOAD CURRENT (mA)
100
10
1
1000
EFFICIENCY vs. OUTPUT CURRENT
(VOUT = 5V)
65
70
75
80
85
90
95
100
VIN = 4.3V
VIN = 3.6V
L = TOKO DFE252012 1µH
VIN = 2.5V
VIN = 3.1V
60
MAXIMUM OUTPUT CURRENT
vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
5.0
4.5
4.0
3.5
3.0
1000
1500
2000
2500
3000
500
2.5
5.5
VOUT, 3.7V ≥ 3.35V
VOUT, 5V ≥ 4.5V
EFFICIENCY vs. OUTPUT CURRENT
(VOUT = 3.7V)
LOAD CURRENT (mA)
100
10
82
84
86
88
90
92
94
96
98
100
80
1
1000
VIN = 2.5V
VIN = 3.1V
L = TOKO DFE252012 1µH
OUTPUT VOLTAGE (VOUT = 5V)
vs. OUTPUT CURRENT
OUTPUT CURRENT (mA)
800
600
400
200
4.60
4.65
4.70
4.75
4.80
4.85
4.90
4.95
5.00
5.05
4.55
0
1000
VIN = 2.5V
VIN = 3.2V
VIN = 3.6V VIN = 4.3V
NO-LOAD SUPPLY CURRENT
vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
5.0
4.5
3.0
3.5
4.0
VOUT = 3.7V
VOUT = 5V
10
20
30
40
50
60
70
80
0
2.5
5.5
OUTPUT CURRENT (mA)
800
600
400
200
3.4
3.6
3.8
4.0
4.2
4.4
3.2
0
1000
OUTPUT VOLTAGE (VOUT = 3.7V)
vs. OUTPUT CURRENT
VIN = 3.2V
VIN = 4.3V
VIN = 2.5V
VIN = 3.6V
OUTPUT VOLTAGE (VOUT = 5V)
vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
5.0
4.5
4.0
3.5
3.0
3.5
4.0
4.5
IOUT = 1000mA
IOUT = 10mA IOUT = 100mA I
OUT = 600mA
AUTOMATIC
FREQUENCY
ADJUSTMENT
AUTOMATIC
TRACK MODE
TRANSITION
5.0
5.5
3.0
2.5
5.5
OUTPUT VOLTAGE (VOUT = 3.7V)
vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
4.0
3.5
3.0
3.0
3.5
4.0
4.5
5.0
2.5
2.5
4.5
IOUT = 600mA
IOUT = 100mA
IOUT = 10mA
IOUT = 1000mA
AUTOMATIC
FREQUENCY
ADJUSTMENT
AUTOMATIC
TRACK MODE
TRANSITION


Similar Part No. - MAX8969EWL37

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8969EWL37 MAXIM-MAX8969EWL37 Datasheet
2Mb / 15P
   Step-Up Converter for Handheld Applications
Rev 0; 9/11
MAX8969EWL37++ MAXIM-MAX8969EWL37+ Datasheet
1Mb / 15P
   Step-Up Converter for Handheld Applications
Rev 1; 5/12
MAX8969EWL37++ MAXIM-MAX8969EWL37+ Datasheet
1Mb / 18P
   Step-Up Converter for Handheld Applications
2020
More results

Similar Description - MAX8969EWL37

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8969 MAXIM-MAX8969_V01 Datasheet
1Mb / 18P
   Step-Up Converter for Handheld Applications
2020
MAX8969 MAXIM-MAX8969 Datasheet
2Mb / 15P
   Step-Up Converter for Handheld Applications
Rev 0; 9/11
MAX8969 MAXIM-MAX8969_12 Datasheet
1Mb / 15P
   Step-Up Converter for Handheld Applications
Rev 1; 5/12
logo
National Semiconductor ...
LM3557 NSC-LM3557 Datasheet
642Kb / 11P
   Step-Up Converter for White LED Applications
LM3502 NSC-LM3502_06 Datasheet
924Kb / 18P
   Step-Up Converter for White LED Applications
logo
Texas Instruments
LM3557 TI1-LM3557 Datasheet
944Kb / 19P
[Old version datasheet]   Step-Up Converter for White LED Applications
LM3502 TI1-LM3502 Datasheet
1Mb / 28P
[Old version datasheet]   Step-Up Converter for White LED Applications
logo
National Semiconductor ...
LM3557 NSC-LM3557 Datasheet
642Kb / 11P
   Step-Up Converter for White LED Applications
logo
Texas Instruments
LM3502 TI1-LM3502_15 Datasheet
1Mb / 28P
[Old version datasheet]   Step-Up Converter for White LED Applications
logo
National Semiconductor ...
LM3502 NSC-LM3502 Datasheet
928Kb / 18P
   Step-Up Converter for White LED Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com