Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX17498AATE Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX17498AATE
Description  AC-DC and DC-DC Peak Current-Mode Converters for Flyback/Boost Applicatio
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17498AATE Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX17498AATE Datasheet HTML 1Page - Maxim Integrated Products MAX17498AATE Datasheet HTML 2Page - Maxim Integrated Products MAX17498AATE Datasheet HTML 3Page - Maxim Integrated Products MAX17498AATE Datasheet HTML 4Page - Maxim Integrated Products MAX17498AATE Datasheet HTML 5Page - Maxim Integrated Products MAX17498AATE Datasheet HTML 6Page - Maxim Integrated Products MAX17498AATE Datasheet HTML 7Page - Maxim Integrated Products MAX17498AATE Datasheet HTML 8Page - Maxim Integrated Products MAX17498AATE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
MAX17498A/MAX17498B/MAX17498C
AC-DC and DC-DC Peak Current-Mode Converters
for Flyback/Boost Applications
19-6043; Rev 3; 4/13
General Description
The MAX17498A/MAX17498B/MAX17498C devices are
current-mode fixed-frequency flyback/boost converters
with a minimum number of external components. They
contain all the control circuitry required to design wide
input voltage isolated and nonisolated power supplies.
The MAX17498A has its rising/falling undervoltage lock-
out (UVLO) thresholds optimized for universal offline (85V
AC to 265V AC) applications, while the MAX17498B/
MAX17498C support UVLO thresholds suitable to low-
voltage DC-DC applications.
The switching frequency of the MAX17498A/MAX17498C
is 250kHz, while that of the MAX17498B is 500kHz. These
frequencies allow the use of tiny magnetic and filter com-
ponents, resulting in compact, cost-effective power sup-
plies. An EN/UVLO input allows the user to start the power
supply precisely at the desired input voltage, while also
functioning as an on/off pin. The OVI pin enables imple-
mentation of an input overvoltage-protection scheme that
ensures that the converter shuts down when the DC input
voltage exceeds the desired maximum value.
The devices incorporate a flexible error amplifier and an
accurate reference voltage (REF) to enable the end user to
regulate both positive and negative outputs. Programmable
current limit allows proper sizing and protection of the primary
switching FET. The devices support a maximum duty cycle
greater than 92% and provide programmable slope com-
pensation to allow optimization of control loop performance.
The devices provide an open-drain PGOOD pin that serves
as a power-good indicator and enters the high-impedance
state to indicate that the flyback/boost converter is in regu-
lation. An SS pin allows programmable soft-start time for the
flyback/boost converter. Hiccup-mode overcurrent pro-
tection and thermal shutdown are provided to minimize
dissipation under overcurrent and overtemperature fault
conditions. The devices are available in a space-saving,
16-pin (3mm x 3mm) TQFN package with 0.5mm lead
spacing.
Benefits and Features
S
Peak Current-Mode Converter
S
Current-Mode Control Provides Excellent
Transient Response
S
Fixed Switching Frequency
250kHz: MAX17498A/MAX17498C
500kHz: MAX17498B
S
Flexible Error Amplifier to Regulate Both Positive
and Negative Outputs
S
Programmable Soft-Start to Reduce Input Inrush
Current
S
Programmable Voltage or Current Soft-Start
S
Power-Good Signal (PGOOD)
S
Reduced Power Dissipation Under Fault
Overcurrent Protection
Thermal Shutdown with Hysteresis
S
Robust Protection Features
Programmable Current Limit
Input Overvoltage Protection
S
Optimized Loop Performance
Programmable Slope Compensation
S
High Efficiency
Low RDSON, 175mI, 65V Rated Internal
n-Channel MOSFET
No Current-Sense Resistor
S
Optional Spread Spectrum
S
Space-Saving, 16-Pin (3mm x 3mm) TQFN
Package
Applications
Front-End AC-DC Power Supplies for Industrial
Applications (Isolated and Nonisolated)
Telecom Power Supplies
Wide Input Range DC Input Flyback /Boost
Industrial Power Supplies
For related parts and recommended products to use with this part,
refer to www.maximintegrated.com/MAX17498A.related.
Ordering Information and Typical Application Circuits
appear at end of data sheet.
EVALUATION KIT AVAILABLE
For pricing, delivery, and ordering information, please contact Maxim Direct at
1-888-629-4642, or visit Maxim Integrated’s website at www.maximintegrated.com.


Similar Part No. - MAX17498AATE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17498AATE++ MAXIM-MAX17498AATE+ Datasheet
1Mb / 20P
   AC-DC and DC-DC Peak Current-Mode Converters for Flyback/Boost Applications
2020
More results

Similar Description - MAX17498AATE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17498A MAXIM-MAX17498A Datasheet
2Mb / 28P
   AC-DC and DC-DC Peak-Current-Mode Converters for Flyback/Boost Applications
Rev 1; 3/12
MAX17498A MAXIM-MAX17498A_13 Datasheet
1Mb / 20P
   AC-DC and DC-DC Peak Current-Mode Converters for Flyback/Boost Applications
Rev 3; 4/13
MAX17498A MAXIM-MAX17498A_V01 Datasheet
1Mb / 20P
   AC-DC and DC-DC Peak Current-Mode Converters for Flyback/Boost Applications
2020
MAX17497A MAXIM-MAX17497A_13 Datasheet
3Mb / 30P
   AC-DC and DC-DC Peak Current-Mode Converters with Integrated Step-Down Regulator
Rev 3; 4/13
MAX17497A MAXIM-MAX17497A Datasheet
3Mb / 30P
   AC-DC and DC-DC Peak-Current-Mode Converters with Integrated Step-Down Regulator
Rev 0; 11/11
MAX17497A MAXIM-MAX17497A_12 Datasheet
3Mb / 30P
   AC-DC and DC-DC Peak-Current-Mode Converters with Integrated Step-Down Regulator
Rev 1; 1/12
logo
Linear Technology
LTC3873-5 LINER-LTC3873-5_15 Datasheet
181Kb / 16P
   Frequency Current Mode Boost/Flyback/SEPIC DC/DC Controller
LTC3873 LINER-LTC3873_15 Datasheet
183Kb / 16P
   Frequency Current Mode Boost/Flyback/SEPIC DC/DC Controller
LTC3805-5 LINER-LTC3805-5 Datasheet
212Kb / 20P
   Adjustable Frequency Current Mode Flyback/ Boost/SEPIC DC/DC Controller
LTC3805-5 LINER-LTC3805-5_15 Datasheet
264Kb / 20P
   Adjustable Frequency Current Mode Flyback/ Boost/SEPIC DC/DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com