Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL84781IRZ Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL84781IRZ
Description  Ultra Low ON-Resistance, Low-Voltage Single Supply, 8-to-1 Analog Multiplexer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL84781IRZ Datasheet(HTML) 2 Page - Intersil Corporation

  ISL84781IRZ Datasheet HTML 1Page - Intersil Corporation ISL84781IRZ Datasheet HTML 2Page - Intersil Corporation ISL84781IRZ Datasheet HTML 3Page - Intersil Corporation ISL84781IRZ Datasheet HTML 4Page - Intersil Corporation ISL84781IRZ Datasheet HTML 5Page - Intersil Corporation ISL84781IRZ Datasheet HTML 6Page - Intersil Corporation ISL84781IRZ Datasheet HTML 7Page - Intersil Corporation ISL84781IRZ Datasheet HTML 8Page - Intersil Corporation ISL84781IRZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
FN6095.4
October 28, 2010
Pinouts (Note 1)
ISL84781
(16 LD TSSOP)
TOP VIEW
ISL84781
(16 LD 3x3 THIN QFN)
TOP VIEW
NOTE:
1. Switches Shown for Logic “0” Inputs.
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
NO4
NO6
COM
NO7
NO5
INH
GND
N.C.
V+
NO1
NO0
NO3
ADD0
ADD1
ADD2
NO2
LOGIC
1
3
4
15
COM
NO7
NO5
INH
16
14
13
2
12
10
9
11
6
57
8
NO1
NO0
NO3
ADD0
Truth Table
ISL84781
INH
ADD2
ADD1
ADD0
SWITCH ON
1
X
X
X
NONE
0
0
00NO0
0
0
01NO1
0
0
10NO2
0
0
11NO3
0
1
00NO4
0
1
01NO5
0
1
10NO6
0
1
11NO7
NOTE:
Logic “0”
≤0.5V. Logic “1” ≥1.4V, with a 3V supply. X = Don’t
Care.
Pin Descriptions
PIN
FUNCTION
V+
System Power Supply Input (1.6V to 3.6V)
N.C.
No Connect. Not internally connected.
GND
Ground Connection
INH
Digital Control Input. Connect to GND for Normal
Operation. Connect to V+ to turn all switches off.
COM
Analog Switch Common Pin
NO0 -
NO7
Analog Switch Input Pin
ADD
Address Input Pin
Ordering Information
PART
NUMBER
(Notes 2, 3, 4)
PART
MARKING
TEMP.
RANGE
(°C)
PACKAGE
(Pb-free)
PKG.
DWG. #
ISL84781IVZ
84781 IVZ -40 to +85 16 Ld TSSOP
M16.173
ISL84781IRZ
781Z
-40 to +85 16 Ld TQFN
L16.3x3A
2. Add “-T*” suffix for tape and reel. Please refer to TB347 for
details on reel specifications.
3. Intersil Pb-free products employ special Pb-free material sets;
molding compounds/die attach materials and 100% matte tin
plate termination finish, which are RoHS compliant and
compatible with both SnPb and Pb-free soldering operations.
Intersil Pb-free products are MSL classified at Pb-free peak
reflow temperatures that meet or exceed the Pb-free
requirements of IPC/JEDEC J STD-020C.
4. For Moisture Sensitivity Level (MSL), please see device
information page for ISL84781. For more information on MSL,
please see Technical Brief TB363.
ISL84781


Similar Part No. - ISL84781IRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL84781IRZ INTERSIL-ISL84781IRZ Datasheet
282Kb / 11P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, 8-to-1 Analog Multiplexer
logo
Renesas Technology Corp
ISL84781IRZ RENESAS-ISL84781IRZ Datasheet
617Kb / 12P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, 8-to-1 Analog Multiplexer
More results

Similar Description - ISL84781IRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL84781 INTERSIL-ISL84781_06 Datasheet
282Kb / 12P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, 8 to 1 Analog Multiplexer
ISL84781 INTERSIL-ISL84781_10 Datasheet
282Kb / 11P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, 8-to-1 Analog Multiplexer
ISL84781 INTERSIL-ISL84781 Datasheet
340Kb / 12P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, 8 to 1 Analog Multiplexer
logo
Renesas Technology Corp
ISL84781 RENESAS-ISL84781 Datasheet
617Kb / 12P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, 8-to-1 Analog Multiplexer
logo
Intersil Corporation
ISL54057 INTERSIL-ISL54057 Datasheet
264Kb / 10P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Differential 4 to 1 Analog Multiplexer
ISL43L840 INTERSIL-ISL43L840 Datasheet
334Kb / 11P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Dual 4 to 1 Analog Multiplexer
logo
Renesas Technology Corp
ISL43L841 RENESAS-ISL43L841 Datasheet
623Kb / 12P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Differential 4 to 1 Analog Multiplexer
ISL84782 RENESAS-ISL84782 Datasheet
628Kb / 12P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Differential 4 to 1 Analog Multiplexer
logo
Intersil Corporation
ISL54058 INTERSIL-ISL54058 Datasheet
249Kb / 10P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Dual 4 to 1 Analog Multiplexer
ISL43L841 INTERSIL-ISL43L841 Datasheet
307Kb / 12P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Differential 4 to 1 Analog Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com