Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL76683AROZ-T7A Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL76683AROZ-T7A
Description  Light-to-Digital Output Sensor with Gain Selection,Interrupt Function and I2C Interface
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL76683AROZ-T7A Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL76683AROZ-T7A Datasheet HTML 5Page - Intersil Corporation ISL76683AROZ-T7A Datasheet HTML 6Page - Intersil Corporation ISL76683AROZ-T7A Datasheet HTML 7Page - Intersil Corporation ISL76683AROZ-T7A Datasheet HTML 8Page - Intersil Corporation ISL76683AROZ-T7A Datasheet HTML 9Page - Intersil Corporation ISL76683AROZ-T7A Datasheet HTML 10Page - Intersil Corporation ISL76683AROZ-T7A Datasheet HTML 11Page - Intersil Corporation ISL76683AROZ-T7A Datasheet HTML 12Page - Intersil Corporation ISL76683AROZ-T7A Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
ISL76683
9
FN7697.7
March 24, 2014
Submit Document Feedback
Command Register 00(hex)
The Read/Write command register has five functions:
1. Enable; Bit 7. This function either resets the ADC or enables
the ADC in normal operation. A logic 0 disables ADC to reset
mode. A logic 1 enables ADC to normal operation.
2. ADCPD; Bit 6. This function puts the device in a power-down
mode. A logic 0 puts the device in normal operation. A logic 1
powers down the device.
For proper shut down operation, it is recommended to disable
ADC first then disable the chip. Specifically, the user should first
send I2C command with Bit 7 = 0 and then send I2C command
with Bit 6 = 1.
3. Timing Mode; Bit 5. This function determines whether the
integration time is done internally or externally. In Internal
Timing Mode, integration time is determined by an internal dual
speed oscillator (fOSC), and the n-bit (n = 4, 8, 12,16) counter
inside the ADC. In External Timing Mode, integration time is
determined by the time between two consecutive external-sync
sync_iic pulse commands.
4. Photodiode Select Mode; Bits 3 and 2. This function controls
the mux attached to the two photodiodes. At Mode1, the mux
directs the current of Diode1 to the ADC. At Mode2, the mux
directs the current of Diode2 only to the ADC. Mode3 is a
sequential Mode1 and Mode2 with an internal subtract
function (Diode1 - Diode2).
*n = 4, 8, 12,16 depending on the number of clock cycles
function.
5. Width; Bits 1 and 0. This function determines the number of
clock cycles per conversion. Changing the number of clock
cycles does more than just change the resolution of the
device; it also changes the integration time, which is the
period the device’s analog-to-digital (A/D) converter samples
the photodiode current signal for a lux measurement.
Control Register 01(hex)
The Read/Write control register has three functions:
1. Interrupt flag; Bit 5. This is the status bit of the interrupt. The
bit is set to logic high when the interrupt thresholds have been
triggered, and logic low when not yet triggered.
TABLE 2. WRITE ONLY REGISTERS
ADDRESS
REGISTER
NAME
FUNCTIONS/
DESCRIPTION
b1xxx_xxxx
sync_iic
Writing a logic 1 to this address bit ends
the current ADC-integration and starts
another. Used only with External Timing
Mode.
bx1xx_xxxx
clar_int
Writing a logic 1 to this address bit clears
the interrupt.
TABLE 3. ENABLE
BIT 7
OPERATION
0
Disable ADC-Core to Reset-Mode (default)
1
Enable ADC-Core to Normal Operation
TABLE 4. ADCPD
BIT 6
OPERATION
0
Normal Operation (default)
1Power-Down
TABLE 5. TIMING MODE
BIT 5
OPERATION
0
Internal Timing Mode. Integration time is internally
timed determined by fOSC, REXT, and number of clock
cycles.
1
External Timing Mode. Integration time is externally
timed by the I2C host.
TABLE 6. PHOTODIODE SELECT MODE; BITS 2 AND 3
BITS 3:2
MODE
0:0
MODE1. ADC integrates or converts Diode1 only. Current
is converted to an n-bit unsigned data.*
0:1
MODE2. ADC integrates or coverts Diode2 only. Current is
converted to an n-bit unsigned data.*
1:0
MODE3. A sequential MODE1 then MODE2 operation.
The difference current is an (n-1) signed data.*
1:1
No Operation.
TABLE 7. WIDTH
BITS 1:0
NUMBER OF CLOCK CYCLES
0:0
216 = 65,536
0:1
212 = 4,096
1:0
28 = 256
1:1
24 = 16
TABLE 8. INTERRUPT FLAG
BIT 5
OPERATION
0
Interrupt is cleared or not triggered yet
1
Interrupt is triggered


Similar Part No. - ISL76683AROZ-T7A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL76683AROZ-T7A RENESAS-ISL76683AROZ-T7A Datasheet
850Kb / 18P
   Light-to-Digital Output Sensor with Gain Selection, Interrupt Function and I2C Interface
ISL76683AROZ-T7A RENESAS-ISL76683AROZ-T7A Datasheet
950Kb / 11P
   Light-to-Digital Output Sensor with Gain Selection, Interrupt Function and
May 21, 2021
More results

Similar Description - ISL76683AROZ-T7A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL76683 RENESAS-ISL76683 Datasheet
850Kb / 18P
   Light-to-Digital Output Sensor with Gain Selection, Interrupt Function and I2C Interface
logo
Intersil Corporation
ISL29013 INTERSIL-ISL29013 Datasheet
537Kb / 14P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
logo
Renesas Technology Corp
ISL29013 RENESAS-ISL29013 Datasheet
868Kb / 14P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
logo
Intersil Corporation
ISL29003 INTERSIL-ISL29003 Datasheet
270Kb / 15P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
ISL29003IROZ INTERSIL-ISL29003IROZ Datasheet
374Kb / 14P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
November 17, 2011
ISL29003 INTERSIL-ISL29003_07 Datasheet
258Kb / 15P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
ISL29004 INTERSIL-ISL29004 Datasheet
293Kb / 17P
   Light-to-Digital Output Sensor with Address Selection, High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
logo
Renesas Technology Corp
ISL76683 RENESAS-ISL76683_V01 Datasheet
950Kb / 11P
   Light-to-Digital Output Sensor with Gain Selection, Interrupt Function and
May 21, 2021
logo
Intersil Corporation
ISL76683 INTERSIL-ISL76683 Datasheet
594Kb / 17P
   Light-to-Digital Output Sensor with Gain Selection, Interrupt Function
ISL29012 INTERSIL-ISL29012 Datasheet
587Kb / 15P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Bus?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com