Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL54053IRUZ-T Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL54053IRUZ-T
Description  Ultra Low ON-Resistance, Low Voltage, Single Supply, SPDT Analog Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54053IRUZ-T Datasheet(HTML) 2 Page - Intersil Corporation

  ISL54053IRUZ-T Datasheet HTML 1Page - Intersil Corporation ISL54053IRUZ-T Datasheet HTML 2Page - Intersil Corporation ISL54053IRUZ-T Datasheet HTML 3Page - Intersil Corporation ISL54053IRUZ-T Datasheet HTML 4Page - Intersil Corporation ISL54053IRUZ-T Datasheet HTML 5Page - Intersil Corporation ISL54053IRUZ-T Datasheet HTML 6Page - Intersil Corporation ISL54053IRUZ-T Datasheet HTML 7Page - Intersil Corporation ISL54053IRUZ-T Datasheet HTML 8Page - Intersil Corporation ISL54053IRUZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
FN6460.3
October 19, 2009
Ordering Information
PART NUMBER
(Notes 1, 4)
PART
MARKING
TEMP. RANGE
(°C)
PACKAGE
(Pb-Free)
PKG.
DWG. #
ISL54053IRUZ-T(Note 2)
C
-40 to +85
6 Ld (0.40mm pitch) 1.2x1.0x0.5 μTDFN,
Tape and Reel
L6.1.2x1.0A
ISL54053IHZ-T (Note 3)
4053
-40 to +85
6 Ld SOT-23, Tape and Reel
MDP0038
NOTES:
1. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets; molding compounds/die attach
materials and NiPdAu plate - e4 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free
soldering operations. Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the
Pb-free requirements of IPC/JEDEC J STD-020.
3. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach
materials, and 100% matte tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both
SnPb and Pb-free soldering operations). Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that
meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
4. For Moisture Sensitivity Level (MSL), please see device information page for ISL54053. For more information on MSL please
see techbrief TB363.
Pin Configurations (Note 5)
ISL54053
(6 LD µTDFN)
TOP VIEW
ISL54053
(6 LD SOT-23)
TOP VIEW
NOTE:
5. Switches Shown for Logic “0” Input.
3
2
1
6
5
4
IN
V+
GND
NO
NC
COM
4
5
6
1
2
3
NC
IN
NO
GND
V+
COM
Pin Descriptions
PIN
FUNCTION
V+
System Power Supply Input
(+1.8V to +5.5V)
GND
Ground Connection
IN
Digital Control Input
COM
Analog Switch Common Pin
NO
Analog Switch Normally Open Pin
NC
Analog Switch Normally Closed Pin
Truth Table
LOGIC
PIN NC
PIN NO
0On
Off
1Off
On
NOTE: Logic “0” ≤ 0.5V. Logic “1” ≥ 1.4V with a 2.0V to 5.0V
supply.
ISL54053


Similar Part No. - ISL54053IRUZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL54053IRUZ-T INTERSIL-ISL54053IRUZ-T Datasheet
377Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPDT Analog Switch
ISL54053IRUZ-T INTERSIL-ISL54053IRUZ-T Datasheet
445Kb / 12P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPDT Analog Switch
logo
Renesas Technology Corp
ISL54053IRUZ-T RENESAS-ISL54053IRUZ-T Datasheet
658Kb / 12P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPDT Analog Switch
More results

Similar Description - ISL54053IRUZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL54053 INTERSIL-ISL54053 Datasheet
445Kb / 12P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPDT Analog Switch
ISL54053_0709 INTERSIL-ISL54053_0709 Datasheet
377Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPDT Analog Switch
logo
Renesas Technology Corp
ISL84714 RENESAS-ISL84714 Datasheet
523Kb / 10P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPDT Analog Switch
logo
Intersil Corporation
ISL84714_0411 INTERSIL-ISL84714_0411 Datasheet
345Kb / 10P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPDT Analog Switch
ISL84714 INTERSIL-ISL84714 Datasheet
228Kb / 10P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPDT Analog Switch
ISL84714IH-T INTERSIL-ISL84714IH-T Datasheet
225Kb / 10P
   Ultra Low ON-Resistance, Low Voltage,Single Supply, SPDT Analog Switch
January 19, 2009
logo
Renesas Technology Corp
ISL54053 RENESAS-ISL54053 Datasheet
658Kb / 12P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPDT Analog Switch
logo
Intersil Corporation
ISL43L220 INTERSIL-ISL43L220 Datasheet
437Kb / 13P
   Ultra Low ON-Resistance, Low Voltage,Single Supply, Dual SPDT Analog Switch
ISL84684 INTERSIL-ISL84684_07 Datasheet
380Kb / 13P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Dual SPDT Analog Switch
logo
Renesas Technology Corp
ISL43L220 RENESAS-ISL43L220 Datasheet
707Kb / 13P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Dual SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com