Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL43210AIHZ-T7A Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL43210AIHZ-T7A
Description  Medium-Voltage, Single Supply, Single SPDT Analog Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL43210AIHZ-T7A Datasheet(HTML) 2 Page - Intersil Corporation

  ISL43210AIHZ-T7A Datasheet HTML 1Page - Intersil Corporation ISL43210AIHZ-T7A Datasheet HTML 2Page - Intersil Corporation ISL43210AIHZ-T7A Datasheet HTML 3Page - Intersil Corporation ISL43210AIHZ-T7A Datasheet HTML 4Page - Intersil Corporation ISL43210AIHZ-T7A Datasheet HTML 5Page - Intersil Corporation ISL43210AIHZ-T7A Datasheet HTML 6Page - Intersil Corporation ISL43210AIHZ-T7A Datasheet HTML 7Page - Intersil Corporation ISL43210AIHZ-T7A Datasheet HTML 8Page - Intersil Corporation ISL43210AIHZ-T7A Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
ISL43210A
2
FN7876.0
June 24, 2011
Pin Configuration (Note 1)
ISL43210A
(6 LD SOT-23)
TOP VIEW
NOTE:
1. Switch Shown for Logic “0” Input.
4
5
6
1
2
3
IN
V+
GND
NO
NC
COM
Truth Table
LOGIC
ISL43210A
PIN NC
PIN NO
0ON
OFF
1OFF
ON
NOTE: Logic “0” ≤0.8V. Logic “1” ≥2.4V.
Pin Descriptions
PIN
NAME
PIN
NUMBER
FUNCTION
V+
2
System Power Supply Input (+2.7V to +15V)
GND
3
Ground Connection
IN
1
Digital Control Input
COM
5
Analog Switch Common Pin
NO
6
Analog Switch Normally Open Pin
NC
4
Analog Switch Normally Closed Pin
Ordering Information
PART NUMBER
(Notes 2, 3, 4)
PART
MARKING
(Note 5)
TEMP. RANGE
(°C)
PACKAGE
(Pb-free)
PKG.
DWG. #
ISL43210AIHZ-T
210A
-40 to +85
6 Ld SOT-23 P6.064
ISL43210AIHZ-T7A
210A
-40 to +85
6 Ld SOT-23 P6.064
NOTES:
2. Please refer to TB347 for details on reel specifications.
3. These Intersil Pb-free plastic packaged products employ special
Pb-free material sets, molding compounds/die attach materials,
and 100% matte tin plate plus anneal (e3 termination finish, which
is RoHS compliant and compatible with both SnPb and Pb-free
soldering operations). Intersil Pb-free products are MSL classified
at Pb-free peak reflow temperatures that meet or exceed the
Pb-free requirements of IPC/JEDEC J STD-020.
4. For Moisture Sensitivity Level (MSL), please see device information
page for ISL43210A. For more information on MSL please see
techbrief TB363.
5. The part marking is located on the bottom of the part.


Similar Part No. - ISL43210AIHZ-T7A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL43210AIHZ-T7A INTERSIL-ISL43210AIHZ-T7A Datasheet
556Kb / 12P
   Medium-Voltage, Single Supply, Single SPDT Analog Switch
logo
Renesas Technology Corp
ISL43210AIHZ-T7A RENESAS-ISL43210AIHZ-T7A Datasheet
655Kb / 12P
   Medium-Voltage, Single Supply, Single SPDT Analog Switch
More results

Similar Description - ISL43210AIHZ-T7A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL43210A RENESAS-ISL43210A Datasheet
655Kb / 12P
   Medium-Voltage, Single Supply, Single SPDT Analog Switch
logo
Intersil Corporation
ISL43210A INTERSIL-ISL43210A Datasheet
556Kb / 12P
   Medium-Voltage, Single Supply, Single SPDT Analog Switch
ISL43210 INTERSIL-ISL43210_07 Datasheet
304Kb / 12P
   Low-Voltage, Single Supply, Single SPDT Analog Switch
logo
Renesas Technology Corp
ISL43210 RENESAS-ISL43210 Datasheet
625Kb / 12P
   Low-Voltage, Single Supply, Single SPDT Analog Switch
logo
ON Semiconductor
NLAS4599 ONSEMI-NLAS4599_11 Datasheet
132Kb / 11P
   Low Voltage Single Supply SPDT Analog Switch
March, 2011 ??Rev. 11
NLAST4599 ONSEMI-NLAST4599_17 Datasheet
133Kb / 12P
   Low Voltage Single Supply SPDT Analog Switch
August, 2017 ??Rev. 9
NLAST4599 ONSEMI-NLAST4599 Datasheet
120Kb / 12P
   Low Voltage Single Supply SPDT Analog Switch
November, 2002 - Rev. 6
NLAST4599 ONSEMI-NLAST4599_06 Datasheet
138Kb / 12P
   Low Voltage Single Supply SPDT Analog Switch
May, 2006 ??Rev. 8
NLAS4599 ONSEMI-NLAS4599 Datasheet
100Kb / 11P
   Low Voltage Single Supply SPDT Analog Switch
June, 2006 ??Rev. 9
logo
Intersil Corporation
ISL76123AHZ-T INTERSIL-ISL76123AHZ-T Datasheet
411Kb / 12P
   Automotive Single Supply, SPDT Analog Switch
August 15, 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com