Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL29020IROZ-T7 Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL29020IROZ-T7
Description  A Low Power, High Sensitivity, Light-to Digital Sensor With I2C Interface
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL29020IROZ-T7 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL29020IROZ-T7 Datasheet HTML 3Page - Intersil Corporation ISL29020IROZ-T7 Datasheet HTML 4Page - Intersil Corporation ISL29020IROZ-T7 Datasheet HTML 5Page - Intersil Corporation ISL29020IROZ-T7 Datasheet HTML 6Page - Intersil Corporation ISL29020IROZ-T7 Datasheet HTML 7Page - Intersil Corporation ISL29020IROZ-T7 Datasheet HTML 8Page - Intersil Corporation ISL29020IROZ-T7 Datasheet HTML 9Page - Intersil Corporation ISL29020IROZ-T7 Datasheet HTML 10Page - Intersil Corporation ISL29020IROZ-T7 Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
11
FN6505.1
August 20, 2009
ISL29020
Package Outline Drawing
L6.2x2.1
6 LEAD OPTICAL DUAL FLAT NO-LEAD PLASTIC PACKAGE (ODFN)
Rev 0, 9/06
located within the zone indicated. The pin #1 identifier may be
Unless otherwise specified, tolerance : Decimal ± 0.05
Tiebar shown (if present) is a non-functional feature.
The configuration of the pin #1 identifier is optional, but must be
between 0.15mm and 0.30mm from the terminal tip.
Dimension b applies to the metallized terminal and is measured
Dimensions in (
) for Reference Only.
Dimensioning and tolerancing conform to AMSE Y14.5m-1994.
6.
either a mold or mark feature.
3.
5.
4.
2.
Dimensions are in millimeters.
1.
NOTES:
(4X)
0.10
INDEX AREA
PIN 1
A
2.10
B
C
SEATING PLANE
BASE PLANE
0.08
0.10
SEE DETAIL "X"
C
C
0 . 00 MIN.
DETAIL "X"
0 . 05 MAX.
0 . 2 REF
C
5
SIDE VIEW
TYPICAL RECOMMENDED LAND PATTERN
( 6X 0 . 30 )
( 6X 0 . 55 )
6
TOP VIEW
(0 . 65)
(1 . 95)
(0 . 65)
(1 . 35)
BOTTOM VIEW
6X 0 . 35 ± 0 . 05
B
0.10 MA
C
1
1 . 35
1 . 30 REF
INDEX AREA
PIN 1
6
0.65
0 . 65
MAX 0.75
6X 0 . 30 ± 0 . 05


Similar Part No. - ISL29020IROZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL29020IROZ-T7 INTERSIL-ISL29020IROZ-T7 Datasheet
487Kb / 11P
   A Low Power, High Sensitivity, Light-to Digital Sensor With I2C Interface
ISL29020IROZ-T7 INTERSIL-ISL29020IROZ-T7 Datasheet
487Kb / 11P
   A Low Power, High Sensitivity, Light-to Digital Sensor With I2C Interface
logo
Renesas Technology Corp
ISL29020IROZ-T7 RENESAS-ISL29020IROZ-T7 Datasheet
750Kb / 11P
   A Low Power, High Sensitivity, Light-to Digital Sensor With I2C Interface
More results

Similar Description - ISL29020IROZ-T7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL29020 RENESAS-ISL29020 Datasheet
750Kb / 11P
   A Low Power, High Sensitivity, Light-to Digital Sensor With I2C Interface
logo
Intersil Corporation
ISL29020 INTERSIL-ISL29020 Datasheet
487Kb / 11P
   A Low Power, High Sensitivity, Light-to Digital Sensor With I2C Interface
ISL29020 INTERSIL-ISL29020 Datasheet
487Kb / 11P
   A Low Power, High Sensitivity, Light-to Digital Sensor With I2C Interface
logo
Renesas Technology Corp
ISL76682 RENESAS-ISL76682 Datasheet
719Kb / 19P
   Automotive Low Power, High Sensitivity, Light-to-Digital Sensor with I2C Interface
Oct 6, 2021
ISL29010 RENESAS-ISL29010 Datasheet
843Kb / 13P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, and I2C Interface
logo
Intersil Corporation
ISL29010 INTERSIL-ISL29010 Datasheet
531Kb / 14P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, and I2C Interface
logo
Vishay Siliconix
VEML3235 VISHAY-VEML3235 Datasheet
236Kb / 15P
   Low Power, High Sensitivity, I2C Ambient Light Sensor
VEML3235 VISHAY-VEML3235_V01 Datasheet
235Kb / 15P
   Low Power, High Sensitivity, I2C Ambient Light Sensor
01-Jan-2022
VEML6035 VISHAY-VEML6035_V02 Datasheet
223Kb / 15P
   Low Power, High Sensitivity, I2C Ambient Light Sensor
01-Jan-2023
VEML3235SL VISHAY-VEML3235SL_V02 Datasheet
446Kb / 13P
   Low Power, High Sensitivity, I2C Ambient Light Sensor
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com