Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL29020IROZ-T7 Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL29020IROZ-T7
Description  A Low Power, High Sensitivity, Light-to Digital Sensor With I2C Interface
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL29020IROZ-T7 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL29020IROZ-T7 Datasheet HTML 2Page - Intersil Corporation ISL29020IROZ-T7 Datasheet HTML 3Page - Intersil Corporation ISL29020IROZ-T7 Datasheet HTML 4Page - Intersil Corporation ISL29020IROZ-T7 Datasheet HTML 5Page - Intersil Corporation ISL29020IROZ-T7 Datasheet HTML 6Page - Intersil Corporation ISL29020IROZ-T7 Datasheet HTML 7Page - Intersil Corporation ISL29020IROZ-T7 Datasheet HTML 8Page - Intersil Corporation ISL29020IROZ-T7 Datasheet HTML 9Page - Intersil Corporation ISL29020IROZ-T7 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
FN6505.1
August 20, 2009
.
5. Range: Bits 1 and 0. The Full Scale Range (FSR) can be
adjusted via I2C using Bits 1 and 0. Table 8 lists the
possible values of FSR for the 500k
Ω R
EXT resistor.
Data Registers (01 hex and 02 hex)
The device has two 8-bit read-only registers to hold a 16-bit
data from ADC or Timer. The most significant byte is
accessed at 02 hex, and the least significant byte is
accessed at 01 hex. The registers are refreshed after every
conversion cycle.
Calculating Lux
The ISL29020’s ADC output codes, DATA, are directly
proportional to lux in the ambient light sensing, as shown in
Equation 1.
Here, Ecal is the calculated lux reading. The constant α is
determined by the Full Scale Range and the ADC’s
maximum output counts. The constant can also be viewed
as the sensitivity: the smallest lux measurement the device
can measure, as shown in Equation 2.
Here, Range(k) is defined in Table 8. Countmax is the
maximum output counts from the ADC.
The transfer function used for each timing mode becomes:
INTERNAL TIMING MODE
Here, n = 4, 8, 12 or 16. This is the number of ADC bits
programmed in the command register. 2n represents the
maximum number of counts possible from the ADC output in
Internal-Timing mode. Data is the ADC output stored in the
data registers (01 hex and 02 hex).
EXTERNAL TIMING MODE
Here, Timer sets up the ADC’s maximum count reading and
it is the number of clock cycles accrued in the integration
time (set by sync_I2C pulses) in External-Timing mode. It is
stored in the data registers 01h and 02h when the command
is coded as 1xx101xx. Data is the ADC output. In this mode,
the command has to be sent out again with code 1xx100xx
to request the ADC output data from registers 01h and 02h.
External Scaling Resistor REXT for fOSC and
Range
The ISL29020 uses an external resistor REXT to fix its
internal oscillator frequency, fOSC and the light sensing
range, Range. fOSC and Range are inversely proportional to
REXT. For user simplicity, the proportionality constant is
referenced to 500k
Ω:
Integration Time or Conversion Time
Integration time is the period during which the device’s
analog-to-digital ADC converter samples the photodiode
current signal for a measurement. Integration time, in other
words, is the time to complete the conversion of analog
photodiode current into a digital signal (number of counts).
Integration time affects the measurement resolution. For
better resolution, use a longer integration time. For short and
fast conversions, use a shorter integration time.
The ISL29020 offers user flexibility in the integration time to
balance resolution, speed and noise rejection. Integration time
can be set internally or externally by programming the bit 4 of
the command register 00(hex).
INTEGRATION TIME IN INTERNAL-TIMING MODE
Most applications will use the Internal-Timing mode. In this
mode, fOSC and ADC n-bits resolution determine the
integration time, tint, as shown in Equation 7.
where n is the number of bits of resolution and n = 4, 8, 12 or
16. 2n, therefore, is the number of clock cycles. n can be
programmed at the command register 00(hex) bits 3 and 2.
TABLE 7. RESOLUTION/WIDTH
BITS 3:2
NUMBER OF CLOCK CYCLES
0:0
216 = 65,536
0:1
212 = 4,096
1:0
28 = 256
1:1
24 = 16
TABLE 8. RANGE/FSR LUX
BITS
1:0
k
RANGE(k)
FSR (LUX) @
ALS SENSING
FSR (LUX) @ IR
SENSING
0:0
1
Range1
1,000
Refer to page 2
0:1
2
Range2
4,000
Refer to page 2
1:0
3
Range3
16,000
Refer to page 2
1:1
4
Range4
64,000
Refer to page 2
TABLE 9. DATA REGISTERS
ADDRESS
(hex)
CONTENTS
01
Least-significant byte of most recent ADC or Timer data.
02
Most-significant byte of most recent ADC or Timer data.
E
cal
α DATA
×
=
(EQ. 1)
α
Range k
()
Count
max
----------------------------
=
(EQ. 2)
(EQ. 3)
E
Range k
()
2
n
---------------------------
DATA
×
=
(EQ. 4)
E
Range k
()
Timer
---------------------------
DATA
×
=
(EQ. 5)
Range
500k
Ω
R
EXT
------------------
Range k
()
×
=
(EQ. 6)
f
OSC
500k
Ω
R
EXT
------------------
725
×
kHz
=
t
int
2
n
1
f
OSC
--------------
×
2
n
R
EXT
725kHz
500k
Ω
×
----------------------------------------------
×
==
(EQ. 7)
ISL29020


Similar Part No. - ISL29020IROZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL29020IROZ-T7 INTERSIL-ISL29020IROZ-T7 Datasheet
487Kb / 11P
   A Low Power, High Sensitivity, Light-to Digital Sensor With I2C Interface
ISL29020IROZ-T7 INTERSIL-ISL29020IROZ-T7 Datasheet
487Kb / 11P
   A Low Power, High Sensitivity, Light-to Digital Sensor With I2C Interface
logo
Renesas Technology Corp
ISL29020IROZ-T7 RENESAS-ISL29020IROZ-T7 Datasheet
750Kb / 11P
   A Low Power, High Sensitivity, Light-to Digital Sensor With I2C Interface
More results

Similar Description - ISL29020IROZ-T7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL29020 RENESAS-ISL29020 Datasheet
750Kb / 11P
   A Low Power, High Sensitivity, Light-to Digital Sensor With I2C Interface
logo
Intersil Corporation
ISL29020 INTERSIL-ISL29020 Datasheet
487Kb / 11P
   A Low Power, High Sensitivity, Light-to Digital Sensor With I2C Interface
ISL29020 INTERSIL-ISL29020 Datasheet
487Kb / 11P
   A Low Power, High Sensitivity, Light-to Digital Sensor With I2C Interface
logo
Renesas Technology Corp
ISL76682 RENESAS-ISL76682 Datasheet
719Kb / 19P
   Automotive Low Power, High Sensitivity, Light-to-Digital Sensor with I2C Interface
Oct 6, 2021
ISL29010 RENESAS-ISL29010 Datasheet
843Kb / 13P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, and I2C Interface
logo
Intersil Corporation
ISL29010 INTERSIL-ISL29010 Datasheet
531Kb / 14P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, and I2C Interface
logo
Vishay Siliconix
VEML3235 VISHAY-VEML3235 Datasheet
236Kb / 15P
   Low Power, High Sensitivity, I2C Ambient Light Sensor
VEML3235 VISHAY-VEML3235_V01 Datasheet
235Kb / 15P
   Low Power, High Sensitivity, I2C Ambient Light Sensor
01-Jan-2022
VEML6035 VISHAY-VEML6035_V02 Datasheet
223Kb / 15P
   Low Power, High Sensitivity, I2C Ambient Light Sensor
01-Jan-2023
VEML3235SL VISHAY-VEML3235SL_V02 Datasheet
446Kb / 13P
   Low Power, High Sensitivity, I2C Ambient Light Sensor
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com