Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

25LC640 Datasheet(PDF) 7 Page - Microchip Technology

Part # 25LC640
Description  64K SPI Bus Serial EEPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25LC640 Datasheet(HTML) 7 Page - Microchip Technology

Back Button 25LC640 Datasheet HTML 3Page - Microchip Technology 25LC640 Datasheet HTML 4Page - Microchip Technology 25LC640 Datasheet HTML 5Page - Microchip Technology 25LC640 Datasheet HTML 6Page - Microchip Technology 25LC640 Datasheet HTML 7Page - Microchip Technology 25LC640 Datasheet HTML 8Page - Microchip Technology 25LC640 Datasheet HTML 9Page - Microchip Technology 25LC640 Datasheet HTML 10Page - Microchip Technology 25LC640 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
25AA640/25LC640/25C640
© 1997 Microchip Technology Inc.
Preliminary
DS21223A-page 7
FIGURE 3-1:
READ SEQUENCE
FIGURE 3-2:
BYTE WRITE SEQUENCE
FIGURE 3-3:
PAGE WRITE SEQUENCE
SO
SI
SCK
CS
0
2
3
4
5
6
7
8
9
10 11
21 22 23 24 25 26 27 28 29 30 31
1
0
1
0
0
0
0
0
1
15 14 13 12
2
1
0
7
6
5
4
3
2
1
0
instruction
16 bit address
data out
high impedance
SO
SI
CS
0
0
0
0
0
0
0
1
15 14 13 12
2
1
0
7
6
5
4
3
2
1
0
instruction
16 bit address
data byte
high impedance
Twc
SI
CS
9 10 11
21 22 23 24 25 26 27 28 29 30 31
0
0
0
0
0
0
0
1
15 14 13 12
2
1
0
7
6
5
4
3
2
1
0
instruction
16 bit address
data byte 1
SCK
0
2
3
4
5
6
7
1
8
SI
CS
41 42 43
46 47
7
6
5
4
3
2
1
0
data byte n (32 max)
SCK
32
34 35 36 37 38 39
33
40
7
6
5
4
3
2
1
0
data byte 3
7
6
5
4
3
2
1
0
data byte 2
44 45


Similar Part No. - 25LC640

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
25LC640 MICROCHIP-25LC640 Datasheet
383Kb / 24P
   64K SPI Bus Serial EEPROM
2008
25LC640-E/P MICROCHIP-25LC640-E/P Datasheet
341Kb / 24P
   64K SPI Bus Serial EEPROM
2004
25LC640-E/P MICROCHIP-25LC640-E/P Datasheet
383Kb / 24P
   64K SPI Bus Serial EEPROM
2008
25LC640-E/SN MICROCHIP-25LC640-E/SN Datasheet
341Kb / 24P
   64K SPI Bus Serial EEPROM
2004
25LC640-E/SN MICROCHIP-25LC640-E/SN Datasheet
383Kb / 24P
   64K SPI Bus Serial EEPROM
2008
More results

Similar Description - 25LC640

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
25LC640-ISN MICROCHIP-25LC640-ISN Datasheet
383Kb / 24P
   64K SPI Bus Serial EEPROM
2008
25AA640A MICROCHIP-25AA640A Datasheet
532Kb / 30P
   64K SPI Bus Serial EEPROM
2008
25AA640A MICROCHIP-25AA640A_12 Datasheet
1,018Kb / 36P
   64K SPI Bus Serial EEPROM
11/29/12
25AA640 MICROCHIP-25AA640_08 Datasheet
383Kb / 24P
   64K SPI Bus Serial EEPROM
2008
25AA640 MICROCHIP-25AA640_04 Datasheet
341Kb / 24P
   64K SPI Bus Serial EEPROM
2004
25LC640A MICROCHIP-25LC640A Datasheet
335Kb / 24P
   64K SPI Bus Serial EEPROM Extended (M) Operating Temperatures
2009
logo
Fairchild Semiconductor
NM25C640 FAIRCHILD-NM25C640 Datasheet
93Kb / 10P
   64K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus)
logo
Catalyst Semiconductor
CAT25C64 CATALYST-CAT25C64_06 Datasheet
413Kb / 16P
   64K-Bit SPI Serial CMOS EEPROM
logo
Sanyo Semicon Device
LE25LB643 SANYO-LE25LB643_10 Datasheet
255Kb / 14P
   Serial SPI EEPROM (SPI Bus) (64Kbit)
LE25LB1282TT SANYO-LE25LB1282TT Datasheet
256Kb / 14P
   Serial SPI EEPROM (SPI Bus)(128Kbit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com