Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI9P5043-5 Datasheet(PDF) 4 Page - Intersil Corporation

Part # HI9P5043-5
Description  CMOS Analog Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI9P5043-5 Datasheet(HTML) 4 Page - Intersil Corporation

  HI9P5043-5 Datasheet HTML 1Page - Intersil Corporation HI9P5043-5 Datasheet HTML 2Page - Intersil Corporation HI9P5043-5 Datasheet HTML 3Page - Intersil Corporation HI9P5043-5 Datasheet HTML 4Page - Intersil Corporation HI9P5043-5 Datasheet HTML 5Page - Intersil Corporation HI9P5043-5 Datasheet HTML 6Page - Intersil Corporation HI9P5043-5 Datasheet HTML 7Page - Intersil Corporation HI9P5043-5 Datasheet HTML 8Page - Intersil Corporation HI9P5043-5 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
Schematic Diagrams
NOTE: Connect V+ to VL for minimizing power consumption when driving from CMOS circuits.
TTL/CMOS REFERENCE CIRCUIT (NOTE)
SWITCH CELL
NOTE: All N-Channel bodies to V-, all P-Channel bodies to V+ except as shown.
DIGITAL INPUT BUFFER AND LEVEL SHIFTER
P14
P15
P16
QN1
QP1
P13
V+
QN2
N14
N15
N16
QP2
R7
QP3
QP4
QP5
QP6
QP8
R2
QP7
R4
R5
R6
R3
TO VR
to VL
V-
V+
VL
VR
N13
P2
N2
N1
N3
V-
P1
IN
OUT
V+
A1 (A2)
A1 (A2)
N1
N2
P2
P1
P3
P5
P4
P6
P7
P8
P9
P10
P11
P12
A1
A2
N12
N11
N10
N9
N8
N7
N6
N5
N4
N3
V-
VL'
VR'
V+
V+
D2
D1
V-
A
R4
200
A1
A2
HI-5042 thru HI-5051


Similar Part No. - HI9P5043-5

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI9P5043-5 INTERSIL-HI9P5043-5 Datasheet
165Kb / 11P
   CMOS Analog Switches
April 2000
logo
Harris Corporation
HI9P5043-5 HARRIS-HI9P5043-5 Datasheet
183Kb / 11P
   15V/-15V Wide Analog Signal Range, High Current Capability 80mA (Typical)
logo
Intersil Corporation
HI9P5043-5 INTERSIL-HI9P5043-5 Datasheet
490Kb / 12P
   CMOS Analog Switches
HI9P5043-5Z INTERSIL-HI9P5043-5Z Datasheet
490Kb / 12P
   CMOS Analog Switches
More results

Similar Description - HI9P5043-5

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG303A_MIL VISHAY-DG303A_MIL Datasheet
78Kb / 8P
   CMOS Analog Switches
Rev. A, 22-Jan-01
DG300B VISHAY-DG300B_11 Datasheet
205Kb / 14P
   CMOS Analog Switches
Rev. C, 28-Feb-11
logo
Maxim Integrated Produc...
DG304A MAXIM-DG304A_04 Datasheet
1Mb / 9P
   CMOS Analog Switches
Rev 1; 5/04
IH5048 MAXIM-IH5048 Datasheet
136Kb / 4P
   CMOS Analog switches
19-0215; Rev. 1; 12/92
logo
Vishay Siliconix
DG300AMIL VISHAY-DG300AMIL Datasheet
79Kb / 10P
   CMOS Analog Switches
Rev. C, 11-Aug-03
DG304AMIL VISHAY-DG304AMIL Datasheet
72Kb / 9P
   CMOS Analog Switches
Rev. A, 16-Jul-01
DG390AAK VISHAY-DG390AAK Datasheet
188Kb / 17P
   CMOS Analog Switches
Rev. A, 22-Jan-01
DG304B VISHAY-DG304B_08 Datasheet
121Kb / 8P
   CMOS Analog Switches
Rev. B, 27-Jun-05
logo
Intersil Corporation
HI-5042 INTERSIL-HI-5042_05 Datasheet
490Kb / 12P
   CMOS Analog Switches
logo
Vishay Siliconix
DG300A-MIL VISHAY-DG300A-MIL Datasheet
82Kb / 10P
   CMOS Analog Switches
Rev. C, 11-Aug-03
DG381B VISHAY-DG381B Datasheet
86Kb / 9P
   CMOS Analog Switches
Rev. A, 22-Jan-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com