Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI4P0546-5Z Datasheet(PDF) 3 Page - Intersil Corporation

Part # HI4P0546-5Z
Description  Single 16 and 8, Differential 8-Channel and 4-Channel CMOS Analog MUXs with Active Overvoltage Protection
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI4P0546-5Z Datasheet(HTML) 3 Page - Intersil Corporation

  HI4P0546-5Z Datasheet HTML 1Page - Intersil Corporation HI4P0546-5Z Datasheet HTML 2Page - Intersil Corporation HI4P0546-5Z Datasheet HTML 3Page - Intersil Corporation HI4P0546-5Z Datasheet HTML 4Page - Intersil Corporation HI4P0546-5Z Datasheet HTML 5Page - Intersil Corporation HI4P0546-5Z Datasheet HTML 6Page - Intersil Corporation HI4P0546-5Z Datasheet HTML 7Page - Intersil Corporation HI4P0546-5Z Datasheet HTML 8Page - Intersil Corporation HI4P0546-5Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
3
HI-546 (PLCC)
TOP VIEW
HI-547 (PLCC)
TOP VIEW
HI-548 (CERDIP, PDIP, SOIC)
TOP VIEW
HI-549 (CERDIP, PDIP, SOIC)
TOP VIEW
HI-548 (PLCC)
TOP VIEW
HI-549 (PLCC)
TOP VIEW
Pinouts (Continued)
IN 15
IN 14
IN 13
IN 12
IN 11
IN 10
IN 9
IN 7
IN 6
IN 5
IN 4
IN 3
IN 2
IN 1
1
2
3
4
5
6
7
8
9
10
11
12
13
14 15 16
17 18
19
20
21
22
23
24
25
26
27
28
IN 7B
IN 6B
IN 5B
IN 4B
IN 3B
IN 2B
IN 1B
IN 7A
IN 6A
IN 5A
IN 4A
IN 3A
IN 2A
IN 1A
1
2
3
4
5
6
7
8
9
10
11
12
13
14 15 16
17 18
19
20
21
22
23
24
25
26
27
28
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
A0
ENABLE
-VSUPPLY
IN 1
IN 2
IN 3
OUT
IN 4
A1
GND
+VSUPPLY
IN 5
IN 6
IN 7
IN 8
A2
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
A0
ENABLE
-VSUPPLY
IN 1A
IN 2A
IN 3A
OUT A
IN 4A
A1
+VSUPPLY
IN 1B
IN 2B
IN 3B
IN 4B
OUT B
GND
-VSUPPLY
IN 1
NC
IN 2
IN 3
GND
+VSUPPLY
NC
IN 5
IN 6
19
3
2
20
1
15
16
17
18
14
9
10
11
12 13
4
5
6
7
8
-VSUPPLY
IN 1A
NC
IN 2A
IN 3A
+VSUPPLY
IN 1B
NC
IN 2B
IN 3B
19
3
2
20
1
15
16
17
18
14
9
10
11
12 13
4
5
6
7
8
NO
LO
NG
ER
AV
AI
LA
BL
E
OR
SU
PP
OR
TE
D
HI-546, HI-547, HI-548, HI-549


Similar Part No. - HI4P0546-5Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI4P0546-5Z INTERSIL-HI4P0546-5Z Datasheet
533Kb / 24P
   Single 16 and 8, Differential 8-Channel and 4-Channel CMOS Analog MUXs with Active Overvoltage Protection
More results

Similar Description - HI4P0546-5Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI-546 INTERSIL-HI-546_05 Datasheet
533Kb / 24P
   Single 16 and 8, Differential 8-Channel and 4-Channel CMOS Analog MUXs with Active Overvoltage Protection
HI-546 INTERSIL-HI-546 Datasheet
329Kb / 15P
   Single 16 and 8, Differential 8-Channel and 4-Channel CMOS Analog MUXs with Active Overvoltage Protection
June 1999
logo
Renesas Technology Corp
HI-546 RENESAS-HI-546 Datasheet
910Kb / 25P
   Single 16 and 8, Differential 8-Channel and 4-Channel CMOS Analog MUXs with Active Overvoltage Protection
Jun 15, 2016
logo
Harris Corporation
HI-506A HARRIS-HI-506A Datasheet
1Mb / 14P
   16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel, CMOS Analog MUXs with Active Overvoltage Protection
logo
Intersil Corporation
HI1-0506A-2 INTERSIL-HI1-0506A-2 Datasheet
579Kb / 20P
   16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel, CMOS Analog MUXs with Active Overvoltage Protection
HI-506A INTERSIL-HI-506A Datasheet
235Kb / 15P
   16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel, CMOS Analog MUXs with Active Overvoltage Protection
June 1999
logo
Renesas Technology Corp
HI-506A RENESAS-HI-506A Datasheet
1,010Kb / 20P
   16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel, CMOS Analog MUXs with Active Overvoltage Protection
logo
Intersil Corporation
HI1-0506A-2 INTERSIL-HI1-0506A-2 Datasheet
576Kb / 20P
   16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel,CMOS Analog MUXs with Active Overvoltage Protection
October 30, 2007
HI-506A INTERSIL-HI-506A_07 Datasheet
573Kb / 20P
   16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel, CMOS Analog MUXs with Active Overvoltage Protection
HI-506A INTERSIL-HI-506A_04 Datasheet
613Kb / 19P
   16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel, CMOS Analog MUXs with Active Overvoltage Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com