Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG409DVZ Datasheet(PDF) 8 Page - Intersil Corporation

Part # DG409DVZ
Description  Single 8-Channel/Differential 4-Channel, CMOS Analog Multiple
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

DG409DVZ Datasheet(HTML) 8 Page - Intersil Corporation

Back Button DG409DVZ Datasheet HTML 4Page - Intersil Corporation DG409DVZ Datasheet HTML 5Page - Intersil Corporation DG409DVZ Datasheet HTML 6Page - Intersil Corporation DG409DVZ Datasheet HTML 7Page - Intersil Corporation DG409DVZ Datasheet HTML 8Page - Intersil Corporation DG409DVZ Datasheet HTML 9Page - Intersil Corporation DG409DVZ Datasheet HTML 10Page - Intersil Corporation DG409DVZ Datasheet HTML 11Page - Intersil Corporation DG409DVZ Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
8
FN3283.8
June 13, 2006
Typical Applications
Overvoltage Protection
A very convenient form of overvoltage protection consists of
adding two small signal diodes (1N4148, 1N914 type) in
series with the supply pins (see Figure 9). This arrangement
effectively blocks the flow of reverse currents. It also floats
the supply pin above or below the normal V+ or V- value. In
this case the overvoltage signal actually becomes the power
supply of the IC. From the point of view of the chip, nothing
has changed, as long as the difference V+ - (V-) doesn’t
exceed 44V. The addition of these diodes will reduce the
analog signal range to 1V below V+ and 1V above V-, but it
preserves the low channel resistance and low leakage
characteristics.
Typical application information is for Design Aid Only, not
guaranteed and not subject to production testing.
FIGURE 7. INSERTION LOSS
FIGURE 8. SOURCE/DRAIN CAPACITANCES
Test Circuits and Waveforms (Continued)
A2
GND
A1
EN
D
V
-
V+
VO
+15V
-15V
A0
SIGNAL
GENERATOR
VIN
5V
RL
ANALYZER
INSERTION LOSS
20 Log
VOUT
VIN
-----------------
=
S1
IMPEDANCE
ANALYZER
A2
GND
A1
EN
V
-
V+
+15V
-15V
A0
CHANNEL
SELECT
3V OR 0V
S8
S1
|
|
D
1N4148
1N4148
DG408
V
-
VG
SX
V+
D
FIGURE 9. OVERVOLTAGE PROTECTION USING BLOCKING
DIODES
DG408, DG409


Similar Part No. - DG409DVZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG409DVZ INTERSIL-DG409DVZ Datasheet
606Kb / 17P
   Single 8-Channel/Differential 4-Channel, CMOS Analog Multiplexers
DG409DVZ INTERSIL-DG409DVZ Datasheet
612Kb / 17P
   Single 8-Channel/Differential 4-Channel, CMOS Analog Multiplexers
logo
Renesas Technology Corp
DG409DVZ RENESAS-DG409DVZ Datasheet
658Kb / 17P
   Single 8-Channel/Differential 4-Channel, CMOS Analog Multiplexers
Jun 13, 2006
More results

Similar Description - DG409DVZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG408 INTERSIL-DG408_06 Datasheet
606Kb / 17P
   Single 8-Channel/Differential 4-Channel, CMOS Analog Multiplexers
DG408883 INTERSIL-DG408883 Datasheet
395Kb / 15P
   Single 8-Channel/Differential 4-Channel CMOS Analog Multiplexers
DG408 INTERSIL-DG408 Datasheet
327Kb / 16P
   Single 8-Channel/Differential 4-Channel, CMOS Analog Multiplexers
June 1999
DG408DYZ-T INTERSIL-DG408DYZ-T Datasheet
612Kb / 17P
   Single 8-Channel/Differential 4-Channel, CMOS Analog Multiplexers
logo
Renesas Technology Corp
DG408 RENESAS-DG408 Datasheet
658Kb / 17P
   Single 8-Channel/Differential 4-Channel, CMOS Analog Multiplexers
Jun 13, 2006
logo
Texas Instruments
HI-509A TI-HI-509A Datasheet
1Mb / 10P
[Old version datasheet]   Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
logo
Burr-Brown (TI)
MPC508A BURR-BROWN-MPC508A_07 Datasheet
478Kb / 18P
   Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
logo
Texas Instruments
MPC508A TI1-MPC508A Datasheet
982Kb / 19P
[Old version datasheet]   Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
logo
Burr-Brown (TI)
MPC508A BURR-BROWN-MPC508A Datasheet
423Kb / 16P
   Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
MPC508A BURR-BROWN-MPC508A_08 Datasheet
521Kb / 17P
   Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com