Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG409DY Datasheet(PDF) 6 Page - Intersil Corporation

Part # DG409DY
Description  Single 8-Channel/Differential 4-Channel, CMOS Analog Multiple
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

DG409DY Datasheet(HTML) 6 Page - Intersil Corporation

Back Button DG409DY Datasheet HTML 2Page - Intersil Corporation DG409DY Datasheet HTML 3Page - Intersil Corporation DG409DY Datasheet HTML 4Page - Intersil Corporation DG409DY Datasheet HTML 5Page - Intersil Corporation DG409DY Datasheet HTML 6Page - Intersil Corporation DG409DY Datasheet HTML 7Page - Intersil Corporation DG409DY Datasheet HTML 8Page - Intersil Corporation DG409DY Datasheet HTML 9Page - Intersil Corporation DG409DY Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
6
FN3283.8
June 13, 2006
Test Circuits and Waveforms
FIGURE 1A. DG408 TEST CIRCUIT
FIGURE 1B. DG409 TEST CIRCUIT
FIGURE 1C. MEASUREMENT POINTS
FIGURE 1. TRANSITION TIME
FIGURE 2A. DG408 TEST CIRCUIT
FIGURE 2B. DG409 TEST CIRCUIT
FIGURE 2C. MEASUREMENT POINTS
FIGURE 2. ENABLE SWITCHING TIMES
EN
A0
DG408
GND
A1
A2
S1
S2 - S7
S8
D
V-
V+
10V
±10V
SWITCH
OUTPUT
VO
35pF
300
50
+15V
+2.4V
-15V
LOGIC
INPUT
EN
DG409
GND
A0
A1
S1B
S1A - S4A, DA
S4B
DB
V-
V+
10V
±10V
SWITCH
OUTPUT
VO
35pF
300
50
+15V
+2.4V
-15V
LOGIC
INPUT
LOGIC
INPUT
SWITCH
OUTPUT
VO
3V
VS1
S1
ON
50%
tr < 20ns
tf < 20ns
tTRANS
50%
0V
0V
VS8
tTRANS
S8 ON
0.8 VS8
0.8 VS1
EN
A0
DG408
GND
A1
A2
S1
S2 - S8
D
V-
V+
-5V
SWITCH
OUTPUT
VO
35pF
300
50
+15V
-15V
LOGIC
INPUT
VIN
EN
A0
DG409
GND
A1
S1B
S1A - S4A
DB
V-
V+
-5V
SWITCH
OUTPUT
Vo
35pF
300
50
+15V
-15V
LOGIC
INPUT
S2B - S4B, DA
VIN
LOGIC
INPUT
SWITCH
OUTPUT
VO
3V
VO
50%
tr < 20ns
tf < 20ns
tON(EN)
0V
50%
tOFF(EN)
0.9 VO
0V
VIN
DG408, DG409


Similar Part No. - DG409DY

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG409DY INTERSIL-DG409DY Datasheet
327Kb / 16P
   Single 8-Channel/Differential 4-Channel, CMOS Analog Multiplexers
June 1999
logo
Maxim Integrated Produc...
DG409DY MAXIM-DG409DY Datasheet
374Kb / 12P
   iMPROVED, 8-cHANNEL/dUAL 4-cHANNEL, cmos aNALOG mULTIPLEXERS
19-4729; Rev 3; 6/99
logo
Intersil Corporation
DG409DY INTERSIL-DG409DY Datasheet
606Kb / 17P
   Single 8-Channel/Differential 4-Channel, CMOS Analog Multiplexers
logo
Vishay Siliconix
DG409DY VISHAY-DG409DY Datasheet
157Kb / 12P
   8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
Rev. G, 11-Jun-07
DG409DY VISHAY-DG409DY Datasheet
241Kb / 18P
   8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
Rev. J, 16-May-11
More results

Similar Description - DG409DY

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG408 INTERSIL-DG408_06 Datasheet
606Kb / 17P
   Single 8-Channel/Differential 4-Channel, CMOS Analog Multiplexers
DG408883 INTERSIL-DG408883 Datasheet
395Kb / 15P
   Single 8-Channel/Differential 4-Channel CMOS Analog Multiplexers
DG408 INTERSIL-DG408 Datasheet
327Kb / 16P
   Single 8-Channel/Differential 4-Channel, CMOS Analog Multiplexers
June 1999
DG408DYZ-T INTERSIL-DG408DYZ-T Datasheet
612Kb / 17P
   Single 8-Channel/Differential 4-Channel, CMOS Analog Multiplexers
logo
Renesas Technology Corp
DG408 RENESAS-DG408 Datasheet
658Kb / 17P
   Single 8-Channel/Differential 4-Channel, CMOS Analog Multiplexers
Jun 13, 2006
logo
Texas Instruments
HI-509A TI-HI-509A Datasheet
1Mb / 10P
[Old version datasheet]   Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
logo
Burr-Brown (TI)
MPC508A BURR-BROWN-MPC508A_07 Datasheet
478Kb / 18P
   Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
logo
Texas Instruments
MPC508A TI1-MPC508A Datasheet
982Kb / 19P
[Old version datasheet]   Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
logo
Burr-Brown (TI)
MPC508A BURR-BROWN-MPC508A Datasheet
423Kb / 16P
   Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
MPC508A BURR-BROWN-MPC508A_08 Datasheet
521Kb / 17P
   Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com