Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG408DJZ Datasheet(PDF) 1 Page - Intersil Corporation

Part # DG408DJZ
Description  Single 8-Channel/Differential 4-Channel, CMOS Analog Multiple
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

DG408DJZ Datasheet(HTML) 1 Page - Intersil Corporation

  DG408DJZ Datasheet HTML 1Page - Intersil Corporation DG408DJZ Datasheet HTML 2Page - Intersil Corporation DG408DJZ Datasheet HTML 3Page - Intersil Corporation DG408DJZ Datasheet HTML 4Page - Intersil Corporation DG408DJZ Datasheet HTML 5Page - Intersil Corporation DG408DJZ Datasheet HTML 6Page - Intersil Corporation DG408DJZ Datasheet HTML 7Page - Intersil Corporation DG408DJZ Datasheet HTML 8Page - Intersil Corporation DG408DJZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1
®
FN3283.8
DG408, DG409
Single 8-Channel/Differential 4-Channel,
CMOS Analog Multiplexers
The DG408 Single 8-Channel, and DG409 Differential
4-Channel monolithic CMOS analog multiplexers are drop-in
replacements for the popular DG508A and DG509A series
devices. They each include an array of eight analog
switches, a TTL/CMOS compatible digital decode circuit for
channel selection, a voltage reference for logic thresholds
and an ENABLE input for device selection when several
multiplexers are present.
The DG408 and DG409 feature lower signal ON resistance
(<100
Ω) and faster switch transition time (t
TRANS < 250ns)
compared to the DG508A or DG509A. Charge injection has
been reduced, simplifying sample and hold applications. The
improvements in the DG408 series are made possible by
using a high-voltage silicon-gate process. An epitaxial layer
prevents the latch-up associated with older CMOS
technologies. Power supplies may be single-ended from +5V
to +34V, or split from
±5V to ±20V.
The analog switches are bilateral, equally matched for AC or
bidirectional signals. The ON resistance variation with
analog signals is quite low over a
±5V analog input range.
Features
• ON Resistance (Max, 25°C) . . . . . . . . . . . . . . . . . . . 100
• Low Power Consumption (PD) . . . . . . . . . . . . . . . <11mW
• Fast Switching Action
-tTRANS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . <250ns
-tON/OFF(EN) . . . . . . . . . . . . . . . . . . . . . . . . . . . . <150ns
• Low Charge Injection
• Upgrade from DG508A/DG509A
• TTL, CMOS Compatible
• Single or Split Supply Operation
• Pb-Free Plus Anneal Available (RoHS Compliant)
Applications
• Data Acquisition Systems
• Audio Switching Systems
• Automatic Testers
• Hi-Rel Systems
• Sample and Hold Circuits
• Communication Systems
• Analog Selector Switch
Ordering Information
PART
NUMBER
PART
MARKING
TEMP.
RANGE (°C)
PACKAGE
PKG.
DWG. #
DG408DJ
DG408DJ
-40 to 85
16 Ld PDIP
E16.3
DG408DJZ (Note)
DG408DJZ
-40 to 85
16 Ld PDIP** (Pb-free)
E16.3
DG408DY*
DG408DY
-40 to 85
16 Ld SOIC
M16.15
DG408DYZ* (Note)
DG408DYZ
-40 to 85
16 Ld SOIC (Pb-free)
M16.15
DG408DVZ* (Note)
DG408DVZ
-40 to 85
16 Ld TSSOP (Pb-free)
M16.173
DG409DJ
DG409DJ
-40 to 85
16 Ld PDIP
E16.3
DG409DJZ (Note)
DG409DJZ
-40 to 85
16 Ld PDIP** (Pb-free)
E16.3
DG409DY*
DG409DY
-40 to 85
16 Ld SOIC
M16.15
DG409DYZ* (Note)
DG409DYZ
-40 to 85
16 Ld SOIC (Pb-free)
M16.15
DG409DVZ* (Note)
DG409DVZ
-40 to 85
16 Ld TSSOP (Pb-free)
M16.173
*Add “-T” suffix for tape and reel.
**Pb-free PDIPs can be used for through hole wave solder processing only. They are not intended for use in Reflow solder processing applications.
NOTE: Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate
termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
Data Sheet
June 13, 2006
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 1993, 1994, 1997, 1999, 2004, 2006. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - DG408DJZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG408DJZ INTERSIL-DG408DJZ Datasheet
606Kb / 17P
   Single 8-Channel/Differential 4-Channel, CMOS Analog Multiplexers
DG408DJZ INTERSIL-DG408DJZ Datasheet
612Kb / 17P
   Single 8-Channel/Differential 4-Channel, CMOS Analog Multiplexers
logo
Renesas Technology Corp
DG408DJZ RENESAS-DG408DJZ Datasheet
658Kb / 17P
   Single 8-Channel/Differential 4-Channel, CMOS Analog Multiplexers
Jun 13, 2006
More results

Similar Description - DG408DJZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG408 INTERSIL-DG408_06 Datasheet
606Kb / 17P
   Single 8-Channel/Differential 4-Channel, CMOS Analog Multiplexers
DG408883 INTERSIL-DG408883 Datasheet
395Kb / 15P
   Single 8-Channel/Differential 4-Channel CMOS Analog Multiplexers
DG408 INTERSIL-DG408 Datasheet
327Kb / 16P
   Single 8-Channel/Differential 4-Channel, CMOS Analog Multiplexers
June 1999
DG408DYZ-T INTERSIL-DG408DYZ-T Datasheet
612Kb / 17P
   Single 8-Channel/Differential 4-Channel, CMOS Analog Multiplexers
logo
Renesas Technology Corp
DG408 RENESAS-DG408 Datasheet
658Kb / 17P
   Single 8-Channel/Differential 4-Channel, CMOS Analog Multiplexers
Jun 13, 2006
logo
Texas Instruments
HI-509A TI-HI-509A Datasheet
1Mb / 10P
[Old version datasheet]   Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
logo
Burr-Brown (TI)
MPC508A BURR-BROWN-MPC508A_07 Datasheet
478Kb / 18P
   Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
logo
Texas Instruments
MPC508A TI1-MPC508A Datasheet
982Kb / 19P
[Old version datasheet]   Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
logo
Burr-Brown (TI)
MPC508A BURR-BROWN-MPC508A Datasheet
423Kb / 16P
   Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
MPC508A BURR-BROWN-MPC508A_08 Datasheet
521Kb / 17P
   Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com