Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG407DJZ Datasheet(PDF) 8 Page - Intersil Corporation

Part # DG407DJZ
Description  Single 16-Channel/Differential 8-Channel, CMOS Analog Multiplexers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

DG407DJZ Datasheet(HTML) 8 Page - Intersil Corporation

Back Button DG407DJZ Datasheet HTML 4Page - Intersil Corporation DG407DJZ Datasheet HTML 5Page - Intersil Corporation DG407DJZ Datasheet HTML 6Page - Intersil Corporation DG407DJZ Datasheet HTML 7Page - Intersil Corporation DG407DJZ Datasheet HTML 8Page - Intersil Corporation DG407DJZ Datasheet HTML 9Page - Intersil Corporation DG407DJZ Datasheet HTML 10Page - Intersil Corporation DG407DJZ Datasheet HTML 11Page - Intersil Corporation DG407DJZ Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
8
FN3116.11
October 1, 2013
DG406, DG407
FIGURE 4A. DG406 TEST CIRCUIT
FIGURE 4B. DG407 TEST CIRCUIT
FIGURE 4C. MEASUREMENT POINTS
FIGURE 4. ENABLE SWITCHING TIMES
FIGURE 5A. TEST CIRCUIT
FIGURE 5B. MEASUREMENT POINTS
FIGURE 5. BREAK-BEFORE-MAKE INTERVAL
Test Circuits and Waveforms (Continued)
EN
A3
DG406
GND
A2
A1
S1
S2 - S16
D
V-
V+
-5V
VO
35pF
300
Ω
50
Ω
+15V
-15V
A0
LOGIC
INPUT VIN
EN
A0
DG407
GND
A1
A2
S1B
DA AND DB
V-
V+
-5V
VO
35pF
300
Ω
50
Ω
+15V
-15V
† = S1A - S8A, S2B - S8B, DA
LOGIC
INPUT VIN
LOGIC
INPUT
SWITCH
OUTPUT
VO
3V
VO
50%
tr < 20ns
tf < 20ns
tON(EN)
0V
50%
tOFF(EN)
90%
0V
VIN
VO
EN
A3
DG406
GND
A2
A1
ALL S
D,
V-
V+
+5V (VS)
VO
35pF
300
Ω
50
Ω
+15V
+2.4V
-15V
A0
DG407
AND DA
DB
LOGIC
INPUT
LOGIC
INPUT
SWITCH
OUTPUT
VO
3V
VS
tr < 20ns
tf < 20ns
tOPEN
0V
0V
80%


Similar Part No. - DG407DJZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG407DJZ INTERSIL-DG407DJZ Datasheet
552Kb / 13P
   Single 16-Channel/Differential 8-Channel, CMOS Analog Multiplexers
logo
Renesas Technology Corp
DG407DJZ RENESAS-DG407DJZ Datasheet
948Kb / 15P
   Single 16-Channel/Differential 8-Channel, CMOS Analog Multiplexers
More results

Similar Description - DG407DJZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG406 INTERSIL-DG406 Datasheet
275Kb / 15P
   Single 16-Channel/Differential 8-Channel, CMOS Analog Multiplexers
June 1999
DG406883 INTERSIL-DG406883 Datasheet
826Kb / 13P
   Single 16-Channel/Differential 8-Channel CMOS Analog Multiplexers
DG406 INTERSIL-DG406_06 Datasheet
552Kb / 13P
   Single 16-Channel/Differential 8-Channel, CMOS Analog Multiplexers
logo
Renesas Technology Corp
DG406 RENESAS-DG406 Datasheet
948Kb / 15P
   Single 16-Channel/Differential 8-Channel, CMOS Analog Multiplexers
logo
Texas Instruments
MPC506AUG4 TI-MPC506AUG4 Datasheet
754Kb / 19P
[Old version datasheet]   Single-Ended 16-Channel/Differential 8-Channel CMOS ANALOG MULTIPLEXERS
logo
Burr-Brown (TI)
MPC507 BURR-BROWN-MPC507 Datasheet
420Kb / 15P
   Single-Ended 16-Channel/Differential 8-Channel CMOS ANALOG MULTIPLEXERS
logo
Intersil Corporation
DG408883 INTERSIL-DG408883 Datasheet
395Kb / 15P
   Single 8-Channel/Differential 4-Channel CMOS Analog Multiplexers
DG408 INTERSIL-DG408_06 Datasheet
606Kb / 17P
   Single 8-Channel/Differential 4-Channel, CMOS Analog Multiplexers
DG408 INTERSIL-DG408 Datasheet
327Kb / 16P
   Single 8-Channel/Differential 4-Channel, CMOS Analog Multiplexers
June 1999
DG408DYZ-T INTERSIL-DG408DYZ-T Datasheet
612Kb / 17P
   Single 8-Channel/Differential 4-Channel, CMOS Analog Multiplexers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com