Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG406DYZ Datasheet(PDF) 4 Page - Intersil Corporation

Part # DG406DYZ
Description  Single 16-Channel/Differential 8-Channel, CMOS Analog Multiplexers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

DG406DYZ Datasheet(HTML) 4 Page - Intersil Corporation

  DG406DYZ Datasheet HTML 1Page - Intersil Corporation DG406DYZ Datasheet HTML 2Page - Intersil Corporation DG406DYZ Datasheet HTML 3Page - Intersil Corporation DG406DYZ Datasheet HTML 4Page - Intersil Corporation DG406DYZ Datasheet HTML 5Page - Intersil Corporation DG406DYZ Datasheet HTML 6Page - Intersil Corporation DG406DYZ Datasheet HTML 7Page - Intersil Corporation DG406DYZ Datasheet HTML 8Page - Intersil Corporation DG406DYZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4
FN3116.11
October 1, 2013
DG406, DG407
Truth Tables
Functional Diagrams
DG406
DG407
S1
S2
S3
S4
S5
S6
S7
S8
S9
S10
S11
S12
S13
S14
S15
S16
D
TO DECODER LOGIC
CONTROLLING BOTH
TIERS OF MUXING
ADDRESS DECODER
1 OF 16
ENABLE
A0
A1
A2
A3
EN
S2A
S3A
S4A
S5A
S6A
S7A
S8A
S1B
S2B
S3B
S4B
S5B
S6B
S7B
S8B
DA
TO DECODER LOGIC
CONTROLLING BOTH
TIERS OF MUXING
ADDRESS DECODER
1 OF 8
ENABLE
A0
A1
A2
EN
S1A
DB
TABLE 1. DG406 TRUTH TABLE
A3
A2
A1
A0
EN
ON SWITCH
XXXX
0
None
00001
1
00011
2
00101
3
00111
4
01001
5
01011
6
01101
7
01111
8
10001
9
10011
10
10101
11
10111
12
11001
13
11011
14
11101
15
11111
16
TABLE 2. DG407 TRUTH TABLE
A2
A1
A0
EN
ON SWITCH PAIR
X
XX0
None
0
0
0
1
1A, 1B
0
0
1
1
2A, 2B
0
1
0
1
3A, 3B
0
1
1
1
4A, 4B
1
0
0
1
5A, 5B
1
0
1
1
6A, 6B
1
1
0
1
7A, 7B
1
1
1
1
8A, 8B
Logic “0” = VAL < 0.8V.
Logic “1” = VAH > 2.4V.
X = Don’t Care.


Similar Part No. - DG406DYZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG406DYZ INTERSIL-DG406DYZ Datasheet
552Kb / 13P
   Single 16-Channel/Differential 8-Channel, CMOS Analog Multiplexers
logo
Renesas Technology Corp
DG406DYZ RENESAS-DG406DYZ Datasheet
948Kb / 15P
   Single 16-Channel/Differential 8-Channel, CMOS Analog Multiplexers
logo
Intersil Corporation
DG406DYZ-T INTERSIL-DG406DYZ-T Datasheet
552Kb / 13P
   Single 16-Channel/Differential 8-Channel, CMOS Analog Multiplexers
logo
Renesas Technology Corp
DG406DYZ-T RENESAS-DG406DYZ-T Datasheet
948Kb / 15P
   Single 16-Channel/Differential 8-Channel, CMOS Analog Multiplexers
More results

Similar Description - DG406DYZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG406 INTERSIL-DG406 Datasheet
275Kb / 15P
   Single 16-Channel/Differential 8-Channel, CMOS Analog Multiplexers
June 1999
DG406883 INTERSIL-DG406883 Datasheet
826Kb / 13P
   Single 16-Channel/Differential 8-Channel CMOS Analog Multiplexers
DG406 INTERSIL-DG406_06 Datasheet
552Kb / 13P
   Single 16-Channel/Differential 8-Channel, CMOS Analog Multiplexers
logo
Renesas Technology Corp
DG406 RENESAS-DG406 Datasheet
948Kb / 15P
   Single 16-Channel/Differential 8-Channel, CMOS Analog Multiplexers
logo
Texas Instruments
MPC506AUG4 TI-MPC506AUG4 Datasheet
754Kb / 19P
[Old version datasheet]   Single-Ended 16-Channel/Differential 8-Channel CMOS ANALOG MULTIPLEXERS
logo
Burr-Brown (TI)
MPC507 BURR-BROWN-MPC507 Datasheet
420Kb / 15P
   Single-Ended 16-Channel/Differential 8-Channel CMOS ANALOG MULTIPLEXERS
logo
Intersil Corporation
DG408883 INTERSIL-DG408883 Datasheet
395Kb / 15P
   Single 8-Channel/Differential 4-Channel CMOS Analog Multiplexers
DG408 INTERSIL-DG408_06 Datasheet
606Kb / 17P
   Single 8-Channel/Differential 4-Channel, CMOS Analog Multiplexers
DG408 INTERSIL-DG408 Datasheet
327Kb / 16P
   Single 8-Channel/Differential 4-Channel, CMOS Analog Multiplexers
June 1999
DG408DYZ-T INTERSIL-DG408DYZ-T Datasheet
612Kb / 17P
   Single 8-Channel/Differential 4-Channel, CMOS Analog Multiplexers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com