Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MJE13003G-V-X-T60-F-K Datasheet(PDF) 6 Page - Unisonic Technologies

Part # MJE13003G-V-X-T60-F-K
Description  NPN SILICON POWER TRANSISTOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MJE13003G-V-X-T60-F-K Datasheet(HTML) 6 Page - Unisonic Technologies

  MJE13003G-V-X-T60-F-K Datasheet HTML 1Page - Unisonic Technologies MJE13003G-V-X-T60-F-K Datasheet HTML 2Page - Unisonic Technologies MJE13003G-V-X-T60-F-K Datasheet HTML 3Page - Unisonic Technologies MJE13003G-V-X-T60-F-K Datasheet HTML 4Page - Unisonic Technologies MJE13003G-V-X-T60-F-K Datasheet HTML 5Page - Unisonic Technologies MJE13003G-V-X-T60-F-K Datasheet HTML 6Page - Unisonic Technologies MJE13003G-V-X-T60-F-K Datasheet HTML 7Page - Unisonic Technologies MJE13003G-V-X-T60-F-K Datasheet HTML 8Page - Unisonic Technologies MJE13003G-V-X-T60-F-K Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
MJE13003-V
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
6 of 9
www.unisonic.com.tw
QW-R204-034.a
SWITCHING TIMES NOTE
In resistive switching circuits, rise, fall, and storage times have been defined and apply to both current and voltage
waveforms since they are in phase. However, for inductive loads, which are common to switch mode power supplies
and hammer drivers, current and voltage waveforms are not in phase. Therefore, separate measurements must be
made on each waveform to determine the total switching time. For this reason, the following new terms have been
defined.
tSV = Voltage Storage Time, 90% IB1 to 10% VCLAMP
tRV = Voltage Rise Time, 10 ~ 90% VCLAMP
tFI= Current Fall Time, 90 ~ 10% IC
tTI = Current Tail, 10 ~ 2% IC
tC = Crossover Time, 10% VCLAMP to 10% IC
For the designer, there is minimal switching loss during storage time and the predominant switching power losses
occur during the crossover interval and can be obtained using the standard equation:
PSWT = 1/2 VCCIC (tC) f
In general, tRV + tFI ≈ tC. However, at lower test currents this relationship may not be valid.
As is common with most switching transistors, resistive switching is specified at 25°C and has become a
benchmark for designers. However, for designers of high frequency converter circuits, the user oriented
specifications which make this transistor are the inductive switching speeds (tC and tSV) which are guaranteed at
100°C.
RESISTIVE SWITCHING PERFORMANCE
0.02
0.05
0.5
2
1
0.7
0.2
0.1
0.02
0.1
0.2
0.3
Collector Current, IC (A)
tR
20
tD @ VBE(OFF)=5V
Vcc=125V
Ic/IB=5
TJ=25°C
0.07
0.02
0.05
1
10
7
2
1
0.5
0.2
0.1
0.2
0.5
2
0.3
0.1
ts
0.5
0.3
0.05
0.03
0.03
0.07
0.7 10
Vcc=125V
Ic/IB=5
TJ=25°C
tF
5
3
0.7
0.03
0.07
0.3
0.7
Collector Current, IC (A)
Fig.2 Turn-On Time
Fig.3 Turn-Off Time
Fig.4 Thermal Response


Similar Part No. - MJE13003G-V-X-T60-F-K

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MJE13003G-A-T6S-K UTC-MJE13003G-A-T6S-K Datasheet
405Kb / 9P
   NPN SILICON POWER TRANSISTOR
MJE13003G-A-TA3-T UTC-MJE13003G-A-TA3-T Datasheet
405Kb / 9P
   NPN SILICON POWER TRANSISTOR
MJE13003G-B-T92-B UTC-MJE13003G-B-T92-B Datasheet
405Kb / 9P
   NPN SILICON POWER TRANSISTOR
MJE13003G-B-TM3-T UTC-MJE13003G-B-TM3-T Datasheet
405Kb / 9P
   NPN SILICON POWER TRANSISTOR
MJE13003G-C-T92-K UTC-MJE13003G-C-T92-K Datasheet
405Kb / 9P
   NPN SILICON POWER TRANSISTOR
More results

Similar Description - MJE13003G-V-X-T60-F-K

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MRF10031 MA-COM-MRF10031 Datasheet
195Kb / 5P
   Microwave Power Silicon NPN Transistor Microwave Power Silicon NPN Transistor
logo
NEC
2SC3568 NEC-2SC3568 Datasheet
172Kb / 3P
   NPN SILICON POWER TRANSISTOR
logo
Seme LAB
BUW46 SEME-LAB-BUW46 Datasheet
17Kb / 2P
   NPN SILICON POWER TRANSISTOR
logo
NEC
2SC2752 NEC-2SC2752 Datasheet
188Kb / 4P
   NPN SILICON POWER TRANSISTOR
logo
Seme LAB
SDT96305 SEME-LAB-SDT96305 Datasheet
17Kb / 2P
   NPN SILICON POWER TRANSISTOR
logo
NEC
2SD1818 NEC-2SD1818 Datasheet
196Kb / 3P
   NPN SILICON POWER TRANSISTOR
logo
Transys Electronics
BUL791 TRSYS-BUL791 Datasheet
873Kb / 6P
   NPN SILICON POWER TRANSISTOR
logo
Siemens Semiconductor G...
BU326A SIEMENS-BU326A Datasheet
69Kb / 3P
   NPN SILICON POWER TRANSISTOR
logo
Boca Semiconductor Corp...
2N3441 BOCA-2N3441 Datasheet
100Kb / 2P
   NPN SILICON POWER TRANSISTOR
logo
Central Semiconductor C...
CZT5338 CENTRAL-CZT5338 Datasheet
101Kb / 2P
   NPN SILICON POWER TRANSISTOR
logo
AUK corp
STD13003L AUK-STD13003L Datasheet
271Kb / 3P
   NPN Silicon Power Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com