Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MJE13003L-H-X-T92-K Datasheet(PDF) 1 Page - Unisonic Technologies

Part # MJE13003L-H-X-T92-K
Description  NPN SILICON POWER TRANSISTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MJE13003L-H-X-T92-K Datasheet(HTML) 1 Page - Unisonic Technologies

  MJE13003L-H-X-T92-K Datasheet HTML 1Page - Unisonic Technologies MJE13003L-H-X-T92-K Datasheet HTML 2Page - Unisonic Technologies MJE13003L-H-X-T92-K Datasheet HTML 3Page - Unisonic Technologies MJE13003L-H-X-T92-K Datasheet HTML 4Page - Unisonic Technologies MJE13003L-H-X-T92-K Datasheet HTML 5Page - Unisonic Technologies MJE13003L-H-X-T92-K Datasheet HTML 6Page - Unisonic Technologies MJE13003L-H-X-T92-K Datasheet HTML 7Page - Unisonic Technologies MJE13003L-H-X-T92-K Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
UNISONIC TECHNOLOGIES CO., LTD
MJE13003-H
NPN SILICON TRANSISTOR
www.unisonic.com.tw
1 of 8
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R223-010.B
NPN SILICON POWER
TRANSISTOR
DESCRIPTION
These devices are designed for high-voltage, high-speed
power switching inductive circuits where fall time is critical. They
are particularly suited for 115 and 220V applications in switch
mode.
FEATURES
* Reverse biased SOA with inductive load @ TC=100°C
* Inductive switching matrix 0.5 ~ 1.5 Amp, 25 and 100°C
Typical tC = 290ns @ 1A, 100°C.
* 900V blocking capability
APPLICATIONS
* Switching regulator’s, inverters
* Motor controls
* Solenoid/relay drivers
* Deflection circuits
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen-Free
1
2
3
MJE13003L-H-x-T60-K
MJE13003G-H-x-T60-K
TO-126
B
C
E
Bulk
MJE13003L-H-x-T6C-A-K
MJE13003G-H--x-T6C-A-K
TO-126C
E
C
B
Bulk
MJE13003L-H-x-T6C-K
MJE13003G-H-x-T6C-K
TO-126C
B
C
E
Bulk
MJE13003L-H-x-T6S-K
MJE13003G-H-x-T6S-K
TO-126S
B
C
E
Bulk
MJE13003L-H-x-T92-B
MJE13003G-H-x-T92-B
TO-92
E
C
B
Tape Box
MJE13003L-H-x-T92-K
MJE13003G-H-x-T92-K
TO-92
E
C
B
Bulk
MJE13003L-H-x-T92-R
MJE13003G-H-x-T92-R
TO-92
E
C
B
Tape Reel
MJE13003L-H-x-T9N-B
MJE13003G-H-x-T9N-B
TO-92NL
E
C
B
Tape Box
MJE13003L-H-x-T9N-K
MJE13003G-H-x- T9N-K
TO-92NL
E
C
B
Bulk
MJE13003L-H-x- T9N-R
MJE13003G-H-x- T9N-R
TO-92NL
E
C
B
Tape Reel
MJE13003L-H-x-TA3-T
MJE13003G-H-x-TA3-T
TO-220
B
C
E
Tube
MJE13003L-H-x-TM3-T
MJE13003G-H-x-TM3-T
TO-251
B
C
E
Tube
MJE13003L-H-x-TN3-R
MJE13003G-H-x-TN3-R
TO-252
B
C
E
Tape Reel
MJE13003L-H-x-TN3-T
MJE13003G-H-x-TN3-T
TO-252
B
C
E
Tube


Similar Part No. - MJE13003L-H-X-T92-K

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MJE13003L-H-A-T60-K UTC-MJE13003L-H-A-T60-K Datasheet
378Kb / 8P
   NPN SILICON POWER TRANSISTOR
MJE13003L-H-A-T9N-K UTC-MJE13003L-H-A-T9N-K Datasheet
378Kb / 8P
   NPN SILICON POWER TRANSISTOR
MJE13003L-H-B-T6C-A-K UTC-MJE13003L-H-B-T6C-A-K Datasheet
378Kb / 8P
   NPN SILICON POWER TRANSISTOR
MJE13003L-H-B-T9N-R UTC-MJE13003L-H-B-T9N-R Datasheet
378Kb / 8P
   NPN SILICON POWER TRANSISTOR
MJE13003L-H-C-T6C-K UTC-MJE13003L-H-C-T6C-K Datasheet
378Kb / 8P
   NPN SILICON POWER TRANSISTOR
More results

Similar Description - MJE13003L-H-X-T92-K

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MRF10031 MA-COM-MRF10031 Datasheet
195Kb / 5P
   Microwave Power Silicon NPN Transistor Microwave Power Silicon NPN Transistor
logo
NEC
2SC3568 NEC-2SC3568 Datasheet
172Kb / 3P
   NPN SILICON POWER TRANSISTOR
logo
Seme LAB
BUW46 SEME-LAB-BUW46 Datasheet
17Kb / 2P
   NPN SILICON POWER TRANSISTOR
logo
NEC
2SC2752 NEC-2SC2752 Datasheet
188Kb / 4P
   NPN SILICON POWER TRANSISTOR
logo
Seme LAB
SDT96305 SEME-LAB-SDT96305 Datasheet
17Kb / 2P
   NPN SILICON POWER TRANSISTOR
logo
NEC
2SD1818 NEC-2SD1818 Datasheet
196Kb / 3P
   NPN SILICON POWER TRANSISTOR
logo
Transys Electronics
BUL791 TRSYS-BUL791 Datasheet
873Kb / 6P
   NPN SILICON POWER TRANSISTOR
logo
Siemens Semiconductor G...
BU326A SIEMENS-BU326A Datasheet
69Kb / 3P
   NPN SILICON POWER TRANSISTOR
logo
Boca Semiconductor Corp...
2N3441 BOCA-2N3441 Datasheet
100Kb / 2P
   NPN SILICON POWER TRANSISTOR
logo
Central Semiconductor C...
CZT5338 CENTRAL-CZT5338 Datasheet
101Kb / 2P
   NPN SILICON POWER TRANSISTOR
logo
AUK corp
STD13003L AUK-STD13003L Datasheet
271Kb / 3P
   NPN Silicon Power Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com