Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MJE13005-Q Datasheet(PDF) 1 Page - Unisonic Technologies

Part # MJE13005-Q
Description  NPN SILICON POWER TRANSISTORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MJE13005-Q Datasheet(HTML) 1 Page - Unisonic Technologies

  MJE13005-Q Datasheet HTML 1Page - Unisonic Technologies MJE13005-Q Datasheet HTML 2Page - Unisonic Technologies MJE13005-Q Datasheet HTML 3Page - Unisonic Technologies MJE13005-Q Datasheet HTML 4Page - Unisonic Technologies MJE13005-Q Datasheet HTML 5Page - Unisonic Technologies MJE13005-Q Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
MJE13005-Q
NPN SILICON TRANSISTOR
www.unisonic.com.tw
1 of 6
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R221-027.A
NPN SILICON POWER
TRANSISTORS
DESCRIPTION
These devices are designed for high-voltage, high-speed
power switching inductive circuits where fall time is critical.
They are particularly suited for 115 and 220 V SWITCHMODE.
FEATURES
* VCEO(SUS)= 400 V
* Reverse bias SOA with inductive loads @ TC = 100°С
* Inductive switching matrix 2 to 4 Amp, 25 and 100°С
tC @ 3A, 100°С is 180 ns (Typ)
* 700V blocking capability
* SOA and switching applications information
APPLICATIONS
* Switching regulator’s, inverters
* Motor controls
* Solenoid/Relay drivers
* Deflection circuits
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
MJE13005L-x-T60-K
MJE13005G-x-T60-K
TO-126
B
C
E
Bulk
MJE13005L-x-TA3-T
MJE13005G-x-TA3-T
TO-220
B
C
E
Tube
MJE13005L-x-TMS-T
MJE13005G-x-TMS-T
TO-251S
B
C
E
Tube
Note: Pin Assignment: B: Base
C: Collector
E: Emitter
(1) T: Tube, K: Bulk, R: Tape Reel
(2) TA3: TO-220, TMS: TO-251S, T60: TO-126
(3) x: refer to Classification of hFE1
(4) L: Lead Free, G: Halogen Free and Lead Free
MJE13005L-x-TA3-T
(1)Packing Type
(2)Package Type
(4)Green Package
(3)Rank
MARKING
TO-220 / TO-251S
TO-126


Similar Part No. - MJE13005-Q

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MJE13005-H UTC-MJE13005-H Datasheet
381Kb / 8P
   NPN SILICON POWER TRANSISTORS
MJE13005-K UTC-MJE13005-K Datasheet
399Kb / 9P
   NPN SILICON POWER TRANSISTORS
MJE13005-K UTC-MJE13005-K_15 Datasheet
415Kb / 9P
   NPN SILICON POWER TRANSISTORS
MJE13005-L-H-X-T92-K UTC-MJE13005-L-H-X-T92-K Datasheet
381Kb / 8P
   NPN SILICON POWER TRANSISTORS
MJE13005-TA3-T UTC-MJE13005-TA3-T Datasheet
139Kb / 8P
   NPN SILICON POWER TRANSISTORS
More results

Similar Description - MJE13005-Q

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJ8504 MOTOROLA-MJ8504 Datasheet
416Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Texas Instruments
TIPL751 TI-TIPL751 Datasheet
224Kb / 7P
[Old version datasheet]   NPN SILICON POWER TRANSISTORS
logo
Transys Electronics
TIPL765 TRSYS-TIPL765 Datasheet
805Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Siemens Semiconductor G...
BU208 SIEMENS-BU208 Datasheet
100Kb / 4P
   NPN SILICON POWER TRANSISTORS
BUX80 SIEMENS-BUX80 Datasheet
117Kb / 5P
   NPN SILICON POWER TRANSISTORS
BUX84 SIEMENS-BUX84 Datasheet
106Kb / 5P
   NPN SILICON POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N6676 BOCA-2N6676 Datasheet
144Kb / 3P
   NPN SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP47 ONSEMI-TIP47 Datasheet
199Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995 REV 1
2N5301 ONSEMI-2N5301 Datasheet
251Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995
2N5655 ONSEMI-2N5655 Datasheet
176Kb / 4P
   POWER TRANSISTORS NPN SILICON
April, 2002 ??Rev. 7
2N6338 ONSEMI-2N6338 Datasheet
155Kb / 4P
   POWER TRANSISTORS NPN SILICON
May, 2001 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com