Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KTD863L-X-T9N-K Datasheet(PDF) 2 Page - Unisonic Technologies

Part # KTD863L-X-T9N-K
Description  TRIPLE DIFFUSED NPN TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

KTD863L-X-T9N-K Datasheet(HTML) 2 Page - Unisonic Technologies

  KTD863L-X-T9N-K Datasheet HTML 1Page - Unisonic Technologies KTD863L-X-T9N-K Datasheet HTML 2Page - Unisonic Technologies KTD863L-X-T9N-K Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
KTD863
Preliminary
NPN EPITAXIAL SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R211-020.a
ABSOLUTE MAXIMUM RATINGS (TA=25°C)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
VCBO
60
V
Collector-Emitter Voltage
VCEO
60
V
Emitter-Base Voltage
VEBO
5
V
Continuous Collector Current
DC
IC
1
A
Pulse
ICP
2
A
Collector Power Dissipation
PC
1
W
Junction Temperature
TJ
150
°C
Storage Temperature Range
TSTG
-55~+150
°C
Note: Absolute maximum ratings are stress ratings only and functional device operation is not implied.
Absolute maximum ratings are those values beyond which the device could be permanently damaged.
ELECTRICAL CHARACTERISTICS (TA=25°C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Collector-Emitter Breakdown Voltage
BVCEO
IC=1mA, IB=0
60
V
Collector Cut-Off Current
ICBO
VCB=50V, IE=0
1
µA
Emitter Cut-Off Current
IEBO
VEB=4V, IC=0
1
μA
Collector-Emitter Saturation Voltage
VCE(sat)
IC=500mA, IB=50mA
0.15 0.5
V
Base-Emitter Saturation Voltage
VBE(sat)
IC=500mA, IB=50mA
0.85 1.2
V
DC Current Gain
hFE1
IC=50mA,VCE=2V
60
320
hFE2
IC=1A,VCE=2V
30
Transition Frequency
fT
IC=50mA, VCE=10V
150
MHz
Collector Output Capacitance
Cob
VCB=10V, f=1MHz, IE=0
12
pF
CLASSIFICATION OF hFE1
RANK
O
Y
GR
RANGE
60~120
100~200
160~320


Similar Part No. - KTD863L-X-T9N-K

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
KTD863L-GR-T9N-K UTC-KTD863L-GR-T9N-K Datasheet
137Kb / 3P
   TRIPLE DIFFUSED NPN TRANSISTOR
KTD863L-O-T9N-B UTC-KTD863L-O-T9N-B Datasheet
137Kb / 3P
   TRIPLE DIFFUSED NPN TRANSISTOR
More results

Similar Description - KTD863L-X-T9N-K

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTD998 KEC-KTD998_15 Datasheet
58Kb / 2P
   TRIPLE DIFFUSED NPN TRANSISTOR
MJE13005DC KEC-MJE13005DC Datasheet
864Kb / 4P
   TRIPLE DIFFUSED NPN TRANSISTOR
MJE5555 KEC-MJE5555_15 Datasheet
448Kb / 2P
   TRIPLE DIFFUSED NPN TRANSISTOR
MJE13003 KEC-MJE13003_15 Datasheet
59Kb / 2P
   TRIPLE DIFFUSED NPN TRANSISTOR
KTC3003HV KEC-KTC3003HV_15 Datasheet
302Kb / 2P
   TRIPLE DIFFUSED NPN TRANSISTOR
TIP35C KEC-TIP35C_15 Datasheet
294Kb / 2P
   TRIPLE DIFFUSED NPN TRANSISTOR
KTC3631D KEC-KTC3631D_15 Datasheet
835Kb / 3P
   TRIPLE DIFFUSED NPN TRANSISTOR
logo
Galaxy Semi-Conductor H...
KTC4372 BILIN-KTC4372 Datasheet
222Kb / 4P
   Triple Diffused NPN Transistor
logo
KEC(Korea Electronics)
MJE13009 KEC-MJE13009 Datasheet
276Kb / 2P
   TRIPLE DIFFUSED NPN TRANSISTOR
KTC4521F KEC-KTC4521F_07 Datasheet
460Kb / 3P
   TRIPLE DIFFUSED NPN TRANSISTOR
KTD1530 KEC-KTD1530 Datasheet
650Kb / 3P
   TRIPLE DIFFUSED NPN TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com