Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

24LC21-P Datasheet(PDF) 7 Page - Microchip Technology

Part # 24LC21-P
Description  1K 2.5V Dual Mode I 2 C Serial EEPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC21-P Datasheet(HTML) 7 Page - Microchip Technology

Back Button 24LC21-P Datasheet HTML 3Page - Microchip Technology 24LC21-P Datasheet HTML 4Page - Microchip Technology 24LC21-P Datasheet HTML 5Page - Microchip Technology 24LC21-P Datasheet HTML 6Page - Microchip Technology 24LC21-P Datasheet HTML 7Page - Microchip Technology 24LC21-P Datasheet HTML 8Page - Microchip Technology 24LC21-P Datasheet HTML 9Page - Microchip Technology 24LC21-P Datasheet HTML 10Page - Microchip Technology 24LC21-P Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
© 1996 Microchip Technology Inc.
DS21095F-page 7
24LC21
3.1.6
SLAVE ADDRESS
After generating a START condition, the bus master
transmits the slave address consisting of a 7-bit device
code (1010) for the 24LC21, followed by three don’t
care bits.
The eighth bit of slave address determines if the master
device wants to read or write to the 24LC21 (see
Figure 3-5).
The 24LC21 monitors the bus for its corresponding
slave address all the time. It generates an acknowledge
bit if the slave address was true and it is not in a pro-
gramming mode.
FIGURE 3-5:
CONTROL BYTE
ALLOCATION
Operation
Control Code
Chip Select
R/W
Read
1010
XXX
1
Write
1010
XXX
0
SLAVE ADDRESS
101
0X
X
X
R/W
A
START
READ/WRITE
4.0
WRITE OPERATION
4.1
Byte Write
Following the start signal from the master, the slave
address (4 bits), the don’t care bits (3 bits) and the R/W
bit which is a logic low is placed onto the bus by the
master transmitter. This indicates to the addressed
slave receiver that a byte with a word address will follow
after it has generated an acknowledge bit during the
ninth clock cycle. Therefore, the next byte transmitted
by the master is the word address and will be written
into the address pointer of the 24LC21. After receiving
another acknowledge signal from the 24LC21 the mas-
ter device will transmit the data word to be written into
the addressed memory location. The 24LC21 acknowl-
edges again and the master generates a stop condi-
tion. This initiates the internal write cycle, and during
this time the 24LC21 will not generate acknowledge
signals (see Figure 4-1).
It is required that VCLK be held at a logic high level in
order to program the device. This applies to byte write
and page write operation. Note that VCLK can go low
while the device is in its self-timed program operation
and not affect programming.
4.2
Page Write
The write control byte, word address and the first data
byte are transmitted to the 24LC21 in the same way as
in a byte write. But instead of generating a stop condi-
tion the master transmits up to eight data bytes to the
24LC21 which are temporarily stored in the on-chip
page buffer and will be written into the memory after the
master has transmitted a stop condition. After the
receipt of each word, the three lower order address
pointer bits are internally incremented by one. The
higher order five bits of the word address remains con-
stant. If the master should transmit more than eight
words prior to generating the stop condition, the
address counter will roll over and the previously
received data will be overwritten. As with the byte write
operation, once the stop condition is received an inter-
nal write cycle will begin (see Figure 4-2).
It is required that VCLK be held at a logic high level in
order to program the device. This applies to byte write
and page write operation. Note that VCLK can go low
while the device is in its self-timed program operation
and not affect programming.
FIGURE 4-1:
BYTE WRITE
S
P
BUS ACTIVITY
MASTER
SDA LINE
BUS ACTIVITY
S
T
A
R
T
S
T
O
P
CONTROL
BYTE
WORD
ADDRESS
DATA
A
C
K
A
C
K
A
C
K
VCLK


Similar Part No. - 24LC21-P

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24LC21-P MICROCHIP-24LC21-P Datasheet
91Kb / 12P
   1K 2.5V Dual Mode I 2 C Serial EEPROM
1996
More results

Similar Description - 24LC21-P

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24LCS21 MICROCHIP-24LCS21 Datasheet
91Kb / 12P
   1K 2.5V Dual Mode I 2 C Serial EEPROM
1996
24LCS21A MICROCHIP-24LCS21A Datasheet
115Kb / 16P
   1K 2.5V Dual Mode I 2 C Serial EEPROM
1996
24LCS21 MICROCHIP-24LCS21_05 Datasheet
378Kb / 24P
   1K 2.5V Dual Mode I 2 C Serial EEPROM
2005
24LC21A MICROCHIP-24LC21A_03 Datasheet
239Kb / 18P
   1K 2.5V Dual Mode I 2 C Serial EEPROM
2003
24LC21A MICROCHIP-24LC21A Datasheet
115Kb / 16P
   1K 2.5V Dual Mode I 2 C Serial EEPROM
2003
24LC41 MICROCHIP-24LC41 Datasheet
98Kb / 12P
   1K/4K 2.5V Dual Mode, Dual Port I 2 C Serial EEPROM
1996
24LC21 MICROCHIP-24LC21_13 Datasheet
379Kb / 24P
   1K 2.5V Dual Mode I2C??Serial EEPROM
10/26/12
24LC21A MICROCHIP-24LC21A Datasheet
180Kb / 18P
   1K 2.5V Dual Mode I2C Serial EEPROM
07/28/03
24LCS21A MICROCHIP-24LCS21A_05 Datasheet
349Kb / 20P
   1K 2.5V Dual Mode I2C??Serial EEPROM
2005
24LC21 MICROCHIP-24LC21_04 Datasheet
306Kb / 24P
   1K 2.5V Dual Mode I2C Serial EEPROM
2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com