Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

24LC04B Datasheet(PDF) 3 Page - Microchip Technology

Part # 24LC04B
Description  4K/8K 2.5V I 2 C Serial EEPROMs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC04B Datasheet(HTML) 3 Page - Microchip Technology

  24LC04B Datasheet HTML 1Page - Microchip Technology 24LC04B Datasheet HTML 2Page - Microchip Technology 24LC04B Datasheet HTML 3Page - Microchip Technology 24LC04B Datasheet HTML 4Page - Microchip Technology 24LC04B Datasheet HTML 5Page - Microchip Technology 24LC04B Datasheet HTML 6Page - Microchip Technology 24LC04B Datasheet HTML 7Page - Microchip Technology 24LC04B Datasheet HTML 8Page - Microchip Technology 24LC04B Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
© 2007 Microchip Technology Inc.
DS21708G-page 3
24AA04/24LC04B
TABLE 1-2:
AC CHARACTERISTICS
AC CHARACTERISTICS
Industrial (I):
TA = -40°C to +85°C, VCC = +1.7V to +5.5V
Automotive (E):
TA = -40°C to +125°C, VCC = +2.5V to +5.5V
Param.
No.
Sym.
Characteristic
Min.
Typ.
Max.
Units
Conditions
1FCLK
Clock frequency
400
100
kHz
2.5V
≤ VCC ≤ 5.5V
1.7V
≤ VCC < 2.5V (24AA04)
2
THIGH
Clock high time
600
4000
ns
2.5V
≤ VCC ≤ 5.5V
1.7V
≤ VCC < 2.5V (24AA04)
3TLOW
Clock low time
1300
4700
ns
2.5V
≤ VCC ≤ 5.5V
1.7V
≤ VCC < 2.5V (24AA04)
4TR
SDA and SCL rise time
(Note 1)
300
1000
ns
2.5V
≤ VCC ≤ 5.5V (Note 1)
1.7V
≤ VCC < 2.5V (24AA04)
(Note 1)
5TF
SDA and SCL fall time
300
ns
(Note 1)
6THD:STA
Start condition hold time
600
4000
ns
2.5V
≤ VCC ≤ 5.5V
1.7V
≤ VCC < 2.5V (24AA04)
7TSU:STA
Start condition setup
time
600
4700
ns
2.5V
≤ VCC ≤ 5.5V
1.7V
≤ VCC < 2.5V (24AA04)
8THD:DAT
Data input hold time
0
—ns
(Note 2)
9TSU:DAT
Data input setup time
100
250
ns
2.5V
≤ VCC ≤ 5.5V
1.7V
≤ VCC < 2.5V (24AA04)
10
TSU:STO
Stop condition setup
time
600
4000
ns
2.5V
≤ VCC ≤ 5.5V
1.7V
≤ VCC < 2.5V (24AA04)
11
TAA
Output valid from clock
(Note 2)
900
3500
ns
2.5V
≤ VCC ≤ 5.5V
1.7V
≤ VCC < 2.5V (24AA04)
12
TBUF
Bus free time: Time the
bus must be free before
a new transmission can
start
1300
4700
ns
2.5V
≤ VCC ≤ 5.5V
1.7V
≤ VCC < 2.5V (24AA04)
13
TOF
Output fall time from VIH
minimum to VIL
maximum
20+0.1CB
250
250
ns
2.5V
≤ VCC ≤ 5.5V
1.7V
≤ VCC < 2.5V (24AA04)
14
TSP
Input filter spike
suppression
(SDA and SCL pins)
50
ns
(Notes 1 and 3)
15
TWC
Write cycle time
(byte or page)
——
5
ms
16
Endurance
1M
cycles
25°C, (Note 4)
Note 1:
Not 100% tested. CB = total capacitance of one bus line in pF.
2:
As a transmitter, the device must provide an internal minimum delay time to bridge the undefined region
(minimum 300 ns) of the falling edge of SCL to avoid unintended generation of Start or Stop conditions.
3:
The combined TSP and VHYS specifications are due to new Schmitt Trigger inputs which provide improved
noise spike suppression. This eliminates the need for a TI specification for standard operation.
4:
This parameter is not tested but ensured by characterization. For endurance estimates in a specific
application, please consult the Total Endurance™ Model which can be obtained from Microchip’s web site
at www.microchip.com.


Similar Part No. - 24LC04B

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24LC04B MICROCHIP-24LC04B Datasheet
418Kb / 26P
   4K I2C??Serial EEPROM
2007
24LC04B MICROCHIP-24LC04B Datasheet
663Kb / 34P
   4K I2C??Serial EEPROM
2009
24LC04B MICROCHIP-24LC04B Datasheet
343Kb / 26P
   4K I2C Serial EEPROM
12/08/06
24LC04B-E/CS16K MICROCHIP-24LC04B-E/CS16K Datasheet
663Kb / 34P
   4K I2C??Serial EEPROM
2009
24LC04B-E/MC MICROCHIP-24LC04B-E/MC Datasheet
663Kb / 34P
   4K I2C??Serial EEPROM
2009
More results

Similar Description - 24LC04B

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN24LC04 INTEGRAL-IN24LC04 Datasheet
246Kb / 10P
   4K/8K 2.5V CMOS Serial EEPROMs
logo
KODENSHI_AUK CORP.
KK24LC04 KODENSHI-KK24LC04 Datasheet
223Kb / 10P
   4K/8K 2.5V CMOS Serial EEPROMs
KK24LC04B KODENSHI-KK24LC04B Datasheet
266Kb / 10P
   4K/8K 2.5V CMOS Serial EEPROMs
logo
Microchip Technology
24C08B MICROCHIP-24C08B Datasheet
75Kb / 12P
   8K/16K 5.0V I 2 C O Serial EEPROMs
1996
24AA04 MICROCHIP-24AA04 Datasheet
93Kb / 12P
   4K/8K 1.8V I2C Serial EEPROMs
1996
24LC08B MICROCHIP-24LC08B Datasheet
453Kb / 12P
   8K/16K I 2 C ??Serial EEPROMs in ISO Micromodules
1997
24C01A MICROCHIP-24C01A Datasheet
77Kb / 12P
   1K/2K/4K 5.0V I 2 C O Serial EEPROMs
1996
logo
Cystech Electonics Corp...
CTK24BC01-16P8 CYSTEKEC-CTK24BC01-16P8 Datasheet
378Kb / 12P
   2-Wire Serial EEPROMs 1K/2K/4K/8K/16K
CTK24BC01-16Q8 CYSTEKEC-CTK24BC01-16Q8 Datasheet
376Kb / 12P
   2-Wire Serial EEPROMs 1K/2K/4K/8K/16K
logo
Microchip Technology
24C04A MICROCHIP-24C04A Datasheet
107Kb / 12P
   4K 5.0V I 2 C ??Serial EEPROM
1998-1999
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com