Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

24LC01B Datasheet(PDF) 3 Page - Microchip Technology

Part # 24LC01B
Description  1K/2K I 2 C ??Serial EEPROMs in ISO Micromodules
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC01B Datasheet(HTML) 3 Page - Microchip Technology

  24LC01B Datasheet HTML 1Page - Microchip Technology 24LC01B Datasheet HTML 2Page - Microchip Technology 24LC01B Datasheet HTML 3Page - Microchip Technology 24LC01B Datasheet HTML 4Page - Microchip Technology 24LC01B Datasheet HTML 5Page - Microchip Technology 24LC01B Datasheet HTML 6Page - Microchip Technology 24LC01B Datasheet HTML 7Page - Microchip Technology 24LC01B Datasheet HTML 8Page - Microchip Technology 24LC01B Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
24LC01B/02B Modules
© 1997 Microchip Technology Inc.
DS21222A-page 3
TABLE 1-2
AC CHARACTERISTICS
FIGURE 1-1:
BUS TIMING DATA
All parameters apply across the specified operat-
ing ranges unless otherwise noted.
Vcc = 2.5V to 5.5V
Commercial (C):
Tamb = 0
°C to +70°C
Parameter
Symbol
Vcc = 2.5V - 5.5V
STD MODE
Vcc = 4.5V - 5.5V
FAST MODE
Units
Remarks
Min.
Max.
Min.
Max.
Clock frequency
FCLK
100
400
kHz
Clock high time
THIGH
4000
600
ns
Clock low time
TLOW
4700
1300
ns
SDA and SCL rise time
TR
1000
300
ns
(Note 1)
SDA and SCL fall time
TF
300
300
ns
(Note 1)
START condition hold time
THD:STA
4000
600
ns
After this period the first
clock pulse is generated
START condition setup time
TSU:STA
4700
600
ns
Only relevant for repeated
START condition
Data input hold time
THD:DAT
0
0
ns
(Note 2)
Data input setup time
TSU:DAT
250
100
ns
STOP condition setup time
TSU:STO
4000
600
ns
Output valid from clock
TAA
3500
900
ns
(Note 2)
Bus free time
TBUF
4700
1300
ns
Time the bus must be free
before a new transmission
can start
Output fall time from VIH
minimum to VIL maximum
TOF
250
20 +0.1
CB
250
ns
(Note 1), CB ≤ 100 pF
Input filter spike suppression
(SDA and SCL pins)
TSP
50
50
ns
(Notes 1, 3)
Write cycle time
TWC
10
10
ms
Byte or Page mode
Endurance
1M
1M
cycles 25
°C, VCC = 5.0V, Block
Mode (Note 4)
Note 1: Not 100% tested. CB = total capacitance of one bus line in pF.
2: As a transmitter, the device must provide an internal minimum delay time to bridge the undefined region
(minimum 300 ns) of the falling edge of SCL to avoid unintended generation of START or STOP conditions.
3: The combined TSP and VHYS specifications are due to Schmitt trigger inputs which provide improved noise
spike suppression. This eliminates the need for a TI specification for standard operation.
4: This parameter is not tested but guaranteed by characterization. For endurance estimates in a specific
application, please consult the Total Endurance Model which can be obtained on our BBS or website.
SCL
SDA
IN
TSU:STA
SDA
OUT
THD:STA
TLOW
THIGH
TR
TBUF
TAA
THD:DAT
TSU:DAT
TSU:STO
TSP
TF


Similar Part No. - 24LC01B

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24LC01B MICROCHIP-24LC01B Datasheet
338Kb / 24P
   1K I2C Serial EEPROM
2003
24LC01B MICROCHIP-24LC01B Datasheet
417Kb / 26P
   1K I2C??Serial EEPROM
2007
24LC01B MICROCHIP-24LC01B Datasheet
607Kb / 34P
   1K I2C??Serial EEPROM
2009
24LC01B MICROCHIP-24LC01B Datasheet
343Kb / 26P
   1K I2C Serial EEPROM
12/08/06
24LC01B-E/LT MICROCHIP-24LC01B-E/LT Datasheet
607Kb / 34P
   1K I2C??Serial EEPROM
2009
More results

Similar Description - 24LC01B

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24LC08B MICROCHIP-24LC08B Datasheet
453Kb / 12P
   8K/16K I 2 C ??Serial EEPROMs in ISO Micromodules
1997
24AA01 MICROCHIP-24AA01 Datasheet
74Kb / 12P
   1K/2K 1.8V I 2 C O Serial EEPROMs
1996
24C01A MICROCHIP-24C01A Datasheet
77Kb / 12P
   1K/2K/4K 5.0V I 2 C O Serial EEPROMs
1996
24C01B MICROCHIP-24C01B Datasheet
162Kb / 12P
   1K/2K 5.0V I 2 C ??Serial EEPROM
1997
24LCS61 MICROCHIP-24LCS61 Datasheet
426Kb / 16P
   1K/2K Software Addressable I 2 C ??Serial EEPROM
1997
logo
Cystech Electonics Corp...
CTK24BC01-16Q8 CYSTEKEC-CTK24BC01-16Q8 Datasheet
376Kb / 12P
   2-Wire Serial EEPROMs 1K/2K/4K/8K/16K
CTK24BC01-16P8 CYSTEKEC-CTK24BC01-16P8 Datasheet
378Kb / 12P
   2-Wire Serial EEPROMs 1K/2K/4K/8K/16K
logo
ATMEL Corporation
AT25040A ATMEL-AT25040A Datasheet
392Kb / 18P
   SPI Serial Extended TEMPERATURE EEPROMS 1K 2K 4K
logo
Microchip Technology
24C01SC MICROCHIP-24C01SC_04 Datasheet
227Kb / 16P
   1K/2K 5.0V I2C Serial EEPROMs for Smart Cards
2004
24C01SC MICROCHIP-24C01SC Datasheet
84Kb / 12P
   1K/2K 5.0V I2C Serial EEPROMs for Smart Cards
1996
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com