Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LG248D Datasheet(PDF) 2 Page - KODENSHI_AUK CORP.

Part # LG248D
Description  Connector type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

LG248D Datasheet(HTML) 2 Page - KODENSHI_AUK CORP.

  LG248D Datasheet HTML 1Page - KODENSHI_AUK CORP. LG248D Datasheet HTML 2Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PHOTOINTERRUPTER
フォトインタラプタ
LG248D
0
0
50
25
75
100
(mW)
20
40
60
80
100
(℃)
周囲温度 Ta
Ambient Temperature
出力側許容損失/周囲温度 PD /Ta
0
0
50
100
0.5
1.0
1.5
2.0
(mA)
(V)
順電流/順電圧特性 IF/VF
順電圧 V F
Forward Voltage
Ta =25℃
0
0
0.2
0.3
0.1
0.4
(V)
25
50
75
100
(℃)
-25
ローレベル出力電圧/
 周囲温度特性 V OL /Ta
周囲温度 Ta
Ambient Temperature
V CC =5V
IOL=15mA
IOL=5mA
(mm)
位置検出特性
移動距離 d 
Moving Distance
ローレベル出力電圧/
 ローレベル出力電流特性 VOL /IOL
ローレベル出力電流 IOL
Low Level Output Current
10 0
10 -1
10 1
10 0
10 2
10 3
(mV)
10 1
10 2
(mA)
V CC =5V
Ta =25℃
外形寸法 DIMENSIONS (Unit : mm)
6
13
5.2
2.5
(10 )
93
16.2
17
5
3
(0.8)
7.8
0.7
7.2
0.5±0.1
1.5
8.45
(22.4 )
内部回路図
Reg.
0
-0.1
+0.2
-0.2
Optical 
Center
Vcc
GND
Vout
0.7
Dimension
±0.2
Jun.2014
問い合わせ先/A REFERENCE
営業推進センター(西日本)/SALES(WEST)
営業推進センター(東日本)/SALES(EAST)
TEL 0774-20-3559 FAX 0774-24-1031
TEL 03-6455-0280 FAX 03-3461-1566
URL http://www.kodenshi.co.jp
本資料に記載しております内容は、技術の改良、進歩等によって予告なしに変更されることがあります。ご使用の際には、仕様書をご用命の上、内容の確認をお願い致します。
The contents of this data sheet are subject to change without advance notice for the purpose of improvement. When using this product, please refer to the latest specifications.
※LG248D1
1
234
56
0
Output Tr
OFF
X
Output Tr
ON
V CC =5V
Ta =25℃
1
234
56
0
V CC =5V
Ta =25℃
遮光 物
Y
遮光物
d
d


Similar Part No. - LG248D

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
LG248 KODENSHI-LG248 Datasheet
394Kb / 2P
   Photointerrupters(Transmissive)
LG248BL KODENSHI-LG248BL Datasheet
151Kb / 2P
   Connector type
LG248L1 KODENSHI-LG248L1 Datasheet
394Kb / 2P
   Photointerrupters(Transmissive)
LG248NL KODENSHI-LG248NL Datasheet
150Kb / 2P
   Connector type
More results

Similar Description - LG248D

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
LG2A02ND2 KODENSHI-LG2A02ND2 Datasheet
1Mb / 2P
   Connector type
LG2A16L2 KODENSHI-LG2A16L2 Datasheet
145Kb / 2P
   Connector Type
G310-DI310L KODENSHI-G310-DI310L Datasheet
152Kb / 3P
   connector type
G310-ST310 KODENSHI-G310-ST310 Datasheet
151Kb / 3P
   connector type
SG2A131 KODENSHI-SG2A131 Datasheet
180Kb / 3P
   Connector type
SG299 KODENSHI-SG299 Datasheet
157Kb / 2P
   Connector type
SG2A241 KODENSHI-SG2A241 Datasheet
190Kb / 3P
   Connector type
LG2A02L2 KODENSHI-LG2A02L2 Datasheet
162Kb / 3P
   Connector type
LG248BL KODENSHI-LG248BL Datasheet
151Kb / 2P
   Connector type
LG248NL KODENSHI-LG248NL Datasheet
150Kb / 2P
   Connector type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com